Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11134BV12P00 Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # 11134BV12P00
Description  PC mount switching solenoid valve
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

11134BV12P00 Datasheet(HTML) 5 Page - Sensortechnics GmbH

  11134BV12P00 Datasheet HTML 1Page - Sensortechnics GmbH 11134BV12P00 Datasheet HTML 2Page - Sensortechnics GmbH 11134BV12P00 Datasheet HTML 3Page - Sensortechnics GmbH 11134BV12P00 Datasheet HTML 4Page - Sensortechnics GmbH 11134BV12P00 Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series 11
PC mount switching solenoid valve
5/5
June 2007 / 259
www.sensortechnics.com
COIL STYLES
ORDERING INFORMATION
s
e
i
r
e
S
.
o
n
l
e
d
o
M
e
p
y
T
l
a
i
r
e
t
a
M
e
g
a
t
l
o
V
e
p
y
t
l
i
o
C
c
i
t
a
m
u
e
n
P
n
o
i
t
c
e
n
n
o
c
y
d
o
b
c
i
t
a
m
u
e
n
P
n
o
i
t
c
e
n
n
o
c
m
e
t
s
.
x
a
M
e
r
u
s
s
e
r
p
e
z
i
s
e
c
if
i
r
O
li
o
C
e
g
a
t
t
a
w
y
d
o
B
r
e
g
n
u
l
P
l
a
e
s
&
s
n
o
i
t
p
O1
1
:
0
1
i
s
p
0
0
1
.
.
.
0"
0
3
0
.
0
)
m
m
2
6
7
.
0
(
W
2
:
1
C
N
y
a
w
-
2
:
V
B
s
s
a
r
bM
K
F
:
5
V
5
C
D
:
P
s
n
i
p
C
P
4
:
0
o
n
s
b
r
a
b
:
0
/
1
e
p
y
t
e
n
o
n
:
2
1
i
s
p
0
7
.
.
.
0"
0
5
0
.
0
)
m
m
7
2
.
1
(
W
2
:
2
O
N
y
a
w
-
2
:
V
S
*
S
SM
K
F
:
2
1
V
2
1
C
D
:
S
r
e
d
l
o
s
2
s
p
a
t
:
6
"
6
1
/
1
s
b
r
a
b
:
6
"
6
1
/
1
*
s
b
r
a
b
:
3
1
i
s
p
0
5
.
.
.
0"
0
3
0
.
0
)
m
m
2
6
7
.
0
(
W
1
:
3
r
o
C
N
y
a
w
-
3
r
o
t
u
b
i
r
t
s
i
d
:
E
B
s
s
a
r
bM
D
P
E
:
4
2
V
4
2
C
D
:
Q
k
c
i
u
Q
t
c
e
n
n
o
c
:
7
"
4
6
/
5
s
b
r
a
b
:
7
"
4
6
/
5
s
b
r
a
b
:
5
1
i
s
p
5
2
.
.
.
0"
0
5
0
.
0
)
m
m
7
2
.
1
(
W
1
:
4
O
N
y
a
w
-
3
:
F
,
s
d
a
e
l
e
r
i
W
o
n
,
"
8
1
s
l
a
n
i
m
r
e
t
:
8
"
8
/
1
s
b
r
a
b
:
8
"
8
/
1
s
b
r
a
b
:
6
1
i
s
p
5
2
.
.
.
0"
0
3
0
.
0
)
m
m
2
6
7
.
0
(
W
5
.
0
:
8
1
i
s
p
0
1
.
.
.
0"
0
5
0
.
0
)
m
m
7
2
.
1
(
W
5
.
0
l
e
e
t
s
s
s
e
l
n
i
a
t
S
*
s
b
r
a
b
"
6
1
/
1
*
r
o
f
e
l
b
a
li
a
v
a
t
o
n
e
c
if
i
r
o
"
0
5
0
.
0
:
e
l
p
m
a
x
E
1
1
0
1
3
V
B
2
1
P
7
7
11...F...
(Wire leads, no terminals)
11...6...
(0.062" barbs,
1/16" I.D. tubing)
BODY STYLES
11...0...
(No barbs,
face seal to manifold)
11...0
(Type 1 top seat,
plugged)
STEM STYLES
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
11...P...
(PC mount, 4 PC pins)
11...7...
(0.078" barbs,
5/64" I.D. tubing)
11...8...
(0.125" barbs,
1/8" I.D. tubing,
1/4" O.D. max.)
11...6
(0.062" top seat,
1/16" I.D. tubing)
11...7
(0.078" top seat,
5/64" I.D. tubing)
11...8
(0.125" top seat,
1/8" I.D. tubing,
1/4" O.D. max.)
Note: Not all combinations might be available.
Please contact your nearest Sensortechnics sales representative for further information.
11...S...
(PC mount, 2 solder pads)


Similar Part No. - 11134BV12P00

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1113400 MACOM-1113400 Datasheet
5Mb / 85P
   tyco electronics contents
1113401 MACOM-1113401 Datasheet
5Mb / 85P
   tyco electronics contents
1113402 MACOM-1113402 Datasheet
5Mb / 85P
   tyco electronics contents
1113403 MACOM-1113403 Datasheet
5Mb / 85P
   tyco electronics contents
1113404 MACOM-1113404 Datasheet
5Mb / 85P
   tyco electronics contents
More results

Similar Description - 11134BV12P00

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PND05D3 SENSORTECHNICS-PND05D3 Datasheet
63Kb / 3P
   Switching solenoid dump valve
V2101PV5P00 SENSORTECHNICS-V2101PV5P00 Datasheet
253Kb / 4P
   Value squared switching solenoid valve
SRS101PV5F SENSORTECHNICS-SRS101PV5F Datasheet
118Kb / 5P
   Manifold mountable plastic switching solenoid valve
logo
Festo Corporation.
8150397 FESTO-8150397 Datasheet
94Kb / 2P
   Solenoid valve
6/26/22
8114698 FESTO-8114698 Datasheet
76Kb / 2P
   Solenoid valve
8122783 FESTO-8122783 Datasheet
99Kb / 2P
   Solenoid valve
8141534 FESTO-8141534 Datasheet
92Kb / 2P
   Solenoid valve
6/26/22
8141532 FESTO-8141532 Datasheet
92Kb / 2P
   Solenoid valve
6/26/22
8150460 FESTO-8150460 Datasheet
98Kb / 2P
   Solenoid valve
6/26/22
8114684 FESTO-8114684 Datasheet
77Kb / 2P
   Solenoid valve
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com