Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-L513UGD Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-L513UGD
Description  Round Type LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L513UGD Datasheet(HTML) 2 Page - BetLux Electronics

  BL-L513UGD Datasheet HTML 1Page - BetLux Electronics BL-L513UGD Datasheet HTML 2Page - BetLux Electronics BL-L513UGD Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Round Type LED lamp
BL-L513
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Absolute maximum ratings (Ta=25°C)
Parameter
SR
LR
UR
UE
UY
UG
PG
BG
B
UB
UV
W
U
nit
Forward Current
IF
25
25
25
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
60
60
60
65
65
75
110
110
120
120
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
150
100
100
100
100
100
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Max.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-L513UGD

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L513UGC BETLUX-BL-L513UGC Datasheet
234Kb / 4P
   5mm Round Type LED lamp
BL-L513UGC-B BETLUX-BL-L513UGC-B Datasheet
73Kb / 3P
   Round Type, Blinking LED lamp
BL-L513UGC-B BETLUX-BL-L513UGC-B Datasheet
232Kb / 4P
   5mm Round Blinking flash LED Lamps
BL-L513UGC-B BETLUX-BL-L513UGC-B Datasheet
232Kb / 4P
   Round Type, Blinking LED lamp
More results

Similar Description - BL-L513UGD

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L513UEC-HT30 BETLUX-BL-L513UEC-HT30 Datasheet
68Kb / 3P
   Round Type LED lamp
BL-L813SRC BETLUX-BL-L813SRC Datasheet
72Kb / 3P
   Round Type LED lamp
BL-L312SRC BETLUX-BL-L312SRC Datasheet
73Kb / 3P
   Round Type LED lamp
BL-L502SRC BETLUX-BL-L502SRC Datasheet
71Kb / 3P
   Round Type LED lamp
BL-L101SRC BETLUX-BL-L101SRC Datasheet
72Kb / 3P
   Round Type LED lamp
logo
LIGITEK electronics co....
LA2040 LIGITEK-LA2040 Datasheet
995Kb / 5P
   ROUND TYPE LED LAMP
logo
BetLux Electronics
BL-L304SRC BETLUX-BL-L304SRC Datasheet
71Kb / 3P
   Round Type LED lamp
BL-L314HD BETLUX-BL-L314HD Datasheet
71Kb / 3P
   Round Type LED lamp
BL-L314 BETLUX-BL-L314_11 Datasheet
232Kb / 4P
   Round Type LED lamp
logo
LIGITEK electronics co....
LA2040-PF LIGITEK-LA2040-PF Datasheet
622Kb / 6P
   ROUND TYPE LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com