Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-L523UGC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-L523UGC
Description  Bullet Type LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L523UGC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-L523UGC Datasheet HTML 1Page - BetLux Electronics BL-L523UGC Datasheet HTML 2Page - BetLux Electronics BL-L523UGC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.betlux.com
Bullet Type LED lamp
BL-L523
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
5mm Round-Helmet Type LED Lamp
Ultra brightness.
Choice of various viewing angles.
Diffused, Transparent and Water clear lens are available.
IC compatible /Low current capability.
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λλλλP
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2θ1/2
(deg)
BL-L523SRC
Hi Red
AlGaAs,SH
660
1.85
2.20
100
300
BL-L523LRC
Super Red
AlGaAs,DH
660
1.85
2.20
300
850
BL-L523URC
Ultra Red
AlGaAs,DDH
660
1.95
2.20
800
1400
BL-L523UEC
Ultra Orange
AlGaInP
630
2.10
2.50
900
2400
BL-L523UYC
Ultra Yellow
AlGaInP
590
2.10
2.50
900
2100
BL-L523UGC
Ultra Green
AlGaInP
574
2.20
2.50
300
900
BL-L523PGC
Ultra Pure Green
InGaN
525
3.80
4.50
2000
5000
BL-L523BGC
Ultra Bluish Green
InGaN
505
3.80
4.50
1800
4000
BL-L523BC
Blue
InGaN
430
3.80
4.50
1000
2500
BL-L523UBC
Ultra Blue
InGaN
470
2.70
4.20
2000
5500
BL-L523VC
UV
InGaN
405
3.80
4.50
90
160
BL-L523UWC
Ultra White
InGaN
/
Water
Clear
2.70
4.20
4500
12000
18
Absolute maximum ratings (Ta=25°C)
Parameter
SR
LR
UR
UE
UY
UG
PG
BG
B
UB
UV
W
U
nit
Forward Current
IF
25
25
25
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
60
60
60
65
65
75
110
110
120
120
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
150
100
100
100
100
100
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260
5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-L523UGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L523UEC BETLUX-BL-L523UEC Datasheet
232Kb / 4P
   5mm Round-Helmet Type LED Lamp
BL-L523URC BETLUX-BL-L523URC Datasheet
232Kb / 4P
   5mm Round-Helmet Type LED Lamp
BL-L523UYC BETLUX-BL-L523UYC Datasheet
232Kb / 4P
   5mm Round-Helmet Type LED Lamp
More results

Similar Description - BL-L523UGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L524UEC BETLUX-BL-L524UEC Datasheet
71Kb / 3P
   Bullet Type LED lamp
BL-L522SRC BETLUX-BL-L522SRC Datasheet
72Kb / 3P
   Bullet Type LED lamp
BL-L324SRC BETLUX-BL-L324SRC Datasheet
72Kb / 3P
   Bullet Type LED lamp
BL-L324 BETLUX-BL-L324 Datasheet
231Kb / 4P
   3.0mm Round Bullet Type LED Lamps
logo
OptoSupply Internationa...
OSXXDK6231A OPTOSUPPLY-OSXXDK6231A Datasheet
108Kb / 1P
   5mm Bullet LED
OSW4DK6231A OPTOSUPPLY-OSW4DK6231A Datasheet
108Kb / 1P
   5mm Bullet LED
logo
NTE Electronics
NTE30135 NTE-NTE30135 Datasheet
72Kb / 2P
   Super Bright LED Indicators 5mm, Bullet Head Type
logo
OptoSupply Internationa...
OSV5YL5201A OPTOSUPPLY-OSV5YL5201A Datasheet
177Kb / 1P
   5mm Bullet Violet LED
OSY5SA5201A OPTOSUPPLY-OSY5SA5201A Datasheet
96Kb / 1P
   5mm Bullet Yellow LED
OSR5SA5201A OPTOSUPPLY-OSR5SA5201A Datasheet
96Kb / 1P
   5mm Bullet Red LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com