Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11133BV12P00 Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # 11133BV12P00
Description  PC mount switching solenoid valve
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

11133BV12P00 Datasheet(HTML) 2 Page - Sensortechnics GmbH

  11133BV12P00 Datasheet HTML 1Page - Sensortechnics GmbH 11133BV12P00 Datasheet HTML 2Page - Sensortechnics GmbH 11133BV12P00 Datasheet HTML 3Page - Sensortechnics GmbH 11133BV12P00 Datasheet HTML 4Page - Sensortechnics GmbH 11133BV12P00 Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series 11
PC mount switching solenoid valve
2/5
June 2007 / 259
www.sensortechnics.com
.
o
n
t
r
a
Pe
r
u
s
s
e
r
Pm
u
u
c
a
V
/
s
e
z
i
s
e
c
i
f
i
r
O
C
t
n
e
l
a
v
i
u
q
E
V
1
e
t
a
r
k
a
e
L
2
e
s
n
o
p
s
e
R
.
.
.
0
1
1
1g
i
s
p
0
0
1
.
.
.
0
g
H
"
7
2
.
.
.
0
)
i
s
p
3
1
.
.
.
0
(
"
0
3
0
.
0/
)
m
m
2
6
7
.
0
(
C
7
1
0
.
0
V
m
c
c
s
6
1
0
.
0
)
t
h
g
i
t
e
l
b
b
u
b
(
g
n
il
c
y
c
c
e
s
m
0
3
<
)
t
t
a
W
2
(
.
.
.
3
1
1
1g
i
s
p
0
5
.
.
.
0
.
.
.
6
1
1
1g
i
s
p
5
2
.
.
.
0
.
.
.
2
1
1
1g
i
s
p
0
7
.
.
.
0
/
)
m
m
0
7
2
.
1
(
"
0
5
0
.
0
C
5
3
0
.
0
V
g
n
il
c
y
c
c
e
s
m
0
3
<
)
t
t
a
W
2
(
.
.
.
5
1
1
1g
i
s
p
5
2
.
.
.
0
.
.
.
8
1
1
1g
i
s
p
0
1
.
.
.
0
PERFORMANCE CHARACTERISTICS
FLOW CURVE (typical air flow)3
Notes:
1
The C
V value is the volume flow in US gallons/min under specific flow conditions and describes the relative flow capacity of a
valve. If several valves with the same nominal diameter are compared, the valve with the highest C
V value has the best flow
dynamics design. The equivalent european measure is the k
V value expressed in m
3/h (k
V = 0.86 CV).
2
sccm denotes Standard Cubic Centimeters per Minute. It is a unit for the flow rate at standard conditions of temperature and
pressure. 1000 sccm = 1 slpm.
3
slpm denotes Standard Liters per Minute. It is a unit for the flow rate at standard conditions of temperature and pressure.
1 slpm = 1000 sccm.


Similar Part No. - 11133BV12P00

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1113300 MACOM-1113300 Datasheet
5Mb / 85P
   tyco electronics contents
logo
HARTING Technology Grou...
11133000100 HARTING-11133000100 Datasheet
560Kb / 2P
   Han-Yellock 30M carrier hood btn plain
11133000110 HARTING-11133000110 Datasheet
500Kb / 2P
   Han-Yellock 30M carrier hood button slot
11133000301 HARTING-11133000301 Datasheet
524Kb / 2P
   Han-Yellock 30 bulkhead housing
11133000302 HARTING-11133000302 Datasheet
564Kb / 2P
   Han-Yellock 30M-HBM (w. Molly Bolts)
More results

Similar Description - 11133BV12P00

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PND05D3 SENSORTECHNICS-PND05D3 Datasheet
63Kb / 3P
   Switching solenoid dump valve
V2101PV5P00 SENSORTECHNICS-V2101PV5P00 Datasheet
253Kb / 4P
   Value squared switching solenoid valve
SRS101PV5F SENSORTECHNICS-SRS101PV5F Datasheet
118Kb / 5P
   Manifold mountable plastic switching solenoid valve
logo
Festo Corporation.
8150397 FESTO-8150397 Datasheet
94Kb / 2P
   Solenoid valve
6/26/22
8114698 FESTO-8114698 Datasheet
76Kb / 2P
   Solenoid valve
8122783 FESTO-8122783 Datasheet
99Kb / 2P
   Solenoid valve
8141534 FESTO-8141534 Datasheet
92Kb / 2P
   Solenoid valve
6/26/22
8141532 FESTO-8141532 Datasheet
92Kb / 2P
   Solenoid valve
6/26/22
8150460 FESTO-8150460 Datasheet
98Kb / 2P
   Solenoid valve
6/26/22
8114684 FESTO-8114684 Datasheet
77Kb / 2P
   Solenoid valve
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com