Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-L512SRD Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-L512SRD
Description  Round Type LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L512SRD Datasheet(HTML) 1 Page - BetLux Electronics

  BL-L512SRD Datasheet HTML 1Page - BetLux Electronics BL-L512SRD Datasheet HTML 2Page - BetLux Electronics BL-L512SRD Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.betlux.com
Round Type LED lamp
BL-L512
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
5mm Round Type LED lamp
Ultra brightness.
Choice of various viewing angles.
Diffused, Transparent and Water clear lens are available.
IC compatible /Low current capability.
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λλλλP
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2θ1/2
(deg)
BL-L512SRC
Hi Red
AlGaAs,SH
660
1.85
2.20
50
250
BL-L512LRC
Super Red
AlGaAs,DH
660
1.85
2.20
250
600
BL-L512URC
Ultra Red
AlGaAs,DDH
660
1.95
2.20
600
1000
BL-L512UEC
Ultra Orange
AlGaInP
630
2.10
2.50
800
2000
BL-L512UYC
Ultra Yellow
AlGaInP
590
2.10
2.50
1000
2200
BL-L512UGC
Ultra Green
AlGaInP
574
2.20
2.50
300
700
BL-L512PGC
Ultra Pure Green
InGaN
525
3.80
4.50
2000
5000
BL-L512BGC
Ultra Bluish Green
InGaN
505
3.80
4.50
1800
4000
BL-L512BC
Blue
InGaN
430
3.80
4.50
800
2000
BL-L512UBC
Ultra Blue
InGaN
470
2.70
4.20
2000
5000
BL-L512VC
UV
InGaN
405
3.80
4.50
80
150
BL-L512UWC
Ultra White
InGaN
/
Water
Clear
2.70
4.20
3000
10000
20
BL-L512SRD
Hi Red
AlGaAs,SH
660
1.85
2.20
20
80
BL-L512LRD
Super Red
AlGaAs,DH
660
1.85
2.20
50
120
BL-L512URD
Ultra Red
AlGaAs,DDH
660
1.95
2.20
100
220
BL-L512UED
Ultra Orange
AlGaInP
630
2.10
2.50
120
300
BL-L512UYD
Ultra Yellow
AlGaInP
590
2.10
2.50
120
320
BL-L512UGD
Ultra Green
AlGaInP
574
2.20
2.50
45
100
BL-L512PGD
Ultra Pure Green
InGaN
525
3.80
4.50
400
900
BL-L512BGD
Ultra Bluish Green
InGaN
505
3.80
4.50
300
800
BL-L512UBD
Ultra Blue
InGaN
470
2.70
4.20
400
900
BL-L512UWW
Ultra White
InGaN
/
Diffus
ed
2.70
4.20
1000
2000
60


Similar Part No. - BL-L512SRD

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L512SRC BETLUX-BL-L512SRC Datasheet
234Kb / 4P
   5mm Round Type LED lamp
More results

Similar Description - BL-L512SRD

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L513 BETLUX-BL-L513 Datasheet
73Kb / 3P
   Round Type LED lamp
BL-L513UEC-HT30 BETLUX-BL-L513UEC-HT30 Datasheet
68Kb / 3P
   Round Type LED lamp
BL-L813SRC BETLUX-BL-L813SRC Datasheet
72Kb / 3P
   Round Type LED lamp
BL-L312SRC BETLUX-BL-L312SRC Datasheet
73Kb / 3P
   Round Type LED lamp
BL-L502SRC BETLUX-BL-L502SRC Datasheet
71Kb / 3P
   Round Type LED lamp
BL-L101SRC BETLUX-BL-L101SRC Datasheet
72Kb / 3P
   Round Type LED lamp
logo
LIGITEK electronics co....
LA2040 LIGITEK-LA2040 Datasheet
995Kb / 5P
   ROUND TYPE LED LAMP
logo
BetLux Electronics
BL-L304SRC BETLUX-BL-L304SRC Datasheet
71Kb / 3P
   Round Type LED lamp
BL-L314HD BETLUX-BL-L314HD Datasheet
71Kb / 3P
   Round Type LED lamp
BL-L314 BETLUX-BL-L314_11 Datasheet
232Kb / 4P
   Round Type LED lamp
logo
LIGITEK electronics co....
LA2040-PF LIGITEK-LA2040-PF Datasheet
622Kb / 6P
   ROUND TYPE LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com