Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6THSHD121EEA Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # T6THSHD121EEA
Description  High flow, compact diaphragm pumps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

T6THSHD121EEA Datasheet(HTML) 3 Page - Sensortechnics GmbH

  T6THSHD121EEA Datasheet HTML 1Page - Sensortechnics GmbH T6THSHD121EEA Datasheet HTML 2Page - Sensortechnics GmbH T6THSHD121EEA Datasheet HTML 3Page - Sensortechnics GmbH T6THSHD121EEA Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
T2-06
High flow, compact diaphragm pumps
3/4
August 2007 / 258
www.sensortechnics.com
OUTLINE DRAWING
T2-06 Single head
dimensions in inches (mm)
third angle projection
1.66
(42.2)
0.94
(23.9)
0.54
(13.7)
1.98
(50.3)
0.47
(11.9)
1.18
(30.0)
1.71
(43.4)
4 x #4-40 UNC
0.15 (3.8)
mounting holes
10 inch wires on HD motor
(solder tabs on LD motor)
Ø 1.22 (31.0) for HD motor
Ø 1.19 (30.2) for LD motor
3.19 (81.0) for HD motor
3.11 (79.0) for LD motor
3/16 inch hose barb discharge
3/16 inch hose barb suction


Similar Description - T6THSHD121EEA

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
T3CP-1HE-06-1SNB SENSORTECHNICS-T3CP-1HE-06-1SNB Datasheet
148Kb / 5P
   Miniature diaphragm pumps
T5-1HE-03-1EEB SENSORTECHNICS-T5-1HE-03-1EEB Datasheet
79Kb / 3P
   Miniature diaphragm pumps
logo
Fuji Electric
EDSX6-135H FUJI-EDSX6-135H Datasheet
294Kb / 8P
   DIFFERENTIAL PRESSURE (FLOW) TRANSMITTER Hydroseal짰 Diaphragm Version
EDSX6-107 FUJI-EDSX6-107 Datasheet
126Kb / 8P
   FCX ??AX SERIES FLOW TRANSMITTER Hydroseal짰 Diaphragm Version
EDS6-64A FUJI-EDS6-64A Datasheet
525Kb / 8P
   COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
EDS6-61H FUJI-EDS6-61H Datasheet
471Kb / 8P
   COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
EDS6-73G FUJI-EDS6-73G Datasheet
203Kb / 6P
   COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
logo
CUI Devices
CPT-2064-L100 CUID-CPT-2064-L100 Datasheet
353Kb / 4P
   PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2065-L100 CUID-CPT-2065-L100 Datasheet
311Kb / 4P
   PIEZOELECTRIC DIAPHRAGM
08/05/2022
logo
Vincotech
10-F1127PA025SC-L167E09 VINCOTECH-10-F1127PA025SC-L167E09 Datasheet
1Mb / 28P
   Compact Flow 1 housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com