Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS870 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74ALS870
Description  DUAL 16-BY-4 REGISTER FILES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS870 Datasheet(HTML) 4 Page - Texas Instruments

  SN74ALS870 Datasheet HTML 1Page - Texas Instruments SN74ALS870 Datasheet HTML 2Page - Texas Instruments SN74ALS870 Datasheet HTML 3Page - Texas Instruments SN74ALS870 Datasheet HTML 4Page - Texas Instruments SN74ALS870 Datasheet HTML 5Page - Texas Instruments SN74ALS870 Datasheet HTML 6Page - Texas Instruments SN74ALS870 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN74ALS870
DUAL 16-BY-4 REGISTER FILES
SDAS139A – DECEMBER 1982 – REVISED JANUARY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
– 2.6
mA
IOL
Low-level output current
24
mA
tw
Pulse duration, write
12
ns
Address before write
5
tsu
Setup time
Data before write
15
ns
Select before write
12
Address before write
0
th
Hold time
Data before write
0
ns
Select before write
12
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC –2
V
VOH
VCC = 4.5 V,
IOH = – 2.6 mA
2.4
3.2
V
VOL
VCC = 4.5 V,
IOL = 24 mA
0.35
0.5
V
II
Control inputs
VCC =5 5V
VI = 7 V
0.1
mA
II
DQA and DQB ports
VCC = 5.5 V
VI = 5.5 V
0.2
mA
1W and 2W
20
IIH
Other control inputs
VCC = 5.5 V,
VI = 2.7 V
40
µA
DQA and DQB ports‡
50
IIL
Control inputs
VCC =5 5V
VI =0 4V
– 0.2
mA
IIL
DQA and DQB ports‡
VCC = 5.5 V,
VI = 0.4 V
– 0.2
mA
IO§
VCC = 5.5 V,
VO = 2.25 V
–30
–112
mA
ICC
VCC = 5.5 V
80
110
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
§ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Similar Part No. - SN74ALS870

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS873B TI-SN74ALS873B Datasheet
121Kb / 8P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS873BDW TI-SN74ALS873BDW Datasheet
121Kb / 8P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS873BDW TI-SN74ALS873BDW Datasheet
138Kb / 9P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS873BDWR TI-SN74ALS873BDWR Datasheet
138Kb / 9P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS873BNT TI-SN74ALS873BNT Datasheet
121Kb / 8P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS870

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS670 NSC-54LS670 Datasheet
150Kb / 4P
   TRI-STATE 4-BY-4 REGISTER FILES
logo
Texas Instruments
SN74LS670J TI-SN74LS670J Datasheet
1Mb / 21P
[Old version datasheet]   4-BY-4 REGISTER FILES WITH 3-STATE OUTPUTS
SN54LS670 TI-SN54LS670 Datasheet
318Kb / 8P
[Old version datasheet]   4-BY-4 REGISTER FILES WITH 3-STATE OUTPUTS
SN54170 TI-SN54170 Datasheet
453Kb / 12P
[Old version datasheet]   4-BY-4 REGISTER FILES WITH OPEN-COLLECTOR OUTPUTS
SN54170 TI-SN54170_07 Datasheet
795Kb / 23P
[Old version datasheet]   4-BY-4 REGISTER FILES WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74LS670 FAIRCHILD-DM74LS670 Datasheet
65Kb / 6P
   3-STATE 4-by-4 Register File
logo
Hitachi Semiconductor
HD74LS670 HITACHI-HD74LS670 Datasheet
102Kb / 7P
   4-by-4 Register File(with three-state outputs)
HD74HC670 HITACHI-HD74HC670 Datasheet
56Kb / 10P
   4-by-4 Register File (with 3-state outputs)
HD74LS170 HITACHI-HD74LS170 Datasheet
95Kb / 7P
   4-by-4 Register File(with open collector outputs)
logo
System Logic Semiconduc...
SL74HC4015 SLS-SL74HC4015 Datasheet
50Kb / 6P
   Dual 4-Bit Shift Register
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com