Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-L201SRC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-L201SRC
Description  20mm BIG LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L201SRC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-L201SRC Datasheet HTML 1Page - BetLux Electronics BL-L201SRC Datasheet HTML 2Page - BetLux Electronics BL-L201SRC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.betlux.com
20mm BIG LED lamp
BL-L201
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
20mm Round Big LED lamp
Ultra brightness.
Choice of various viewing angles.
Diffused, Transparent and Water clear lens are available.
IC compatible /Low current capability.
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λλλλP
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2θ1/2
(deg)
BL-L201SRC
Hi Red
AlGaAs,SH
660
1.85
2.20
50
600
BL-L201LRC
Super Red
AlGaAs,DH
660
1.85
2.20
200
700
BL-L201URC
Ultra Red
AlGaAs,DDH
660
1.95
2.20
500
850
BL-L201UEC
Ultra Orange
AlGaInP
630
2.10
2.50
250
900
BL-L201UYC
Ultra Yellow
AlGaInP
590
2.10
2.50
250
900
BL-L201UGC
Ultra Green
AlGaInP
574
2.20
2.50
100
300
BL-L201PGC
Ultra Pure Green
InGaN
525
3.80
4.50
600
1500
BL-L201BGC
Ultra Bluish Green
InGaN
505
3.80
4.50
550
1100
BL-L201UBC
Ultra Blue
InGaN
470
3.10
4.20
600
1200
BL-L201UWC
Ultra White
InGaN
/
Water
Clear
3.10
4.20
1000
2300
120
BL-L201UWW
Ultra White
InGaN
/
Water
Diffus
ed
3.10
4.20
800
1500
140
Absolute maximum ratings (Ta=25°C)
Parameter
SR
LR
UR
UE
UY
UG
PG
BG
B
UB
UV
W
U
nit
Forward Current
IF
25
25
25
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
60
60
60
65
65
75
110
110
120
120
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
150
100
100
100
100
100
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260
5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-L201SRC

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-L23G1 BRIGHT-BL-L23G1 Datasheet
143Kb / 3P
   SURFACE MOUNT CHIP LED LAMPS SPECIFICATION
logo
BetLux Electronics
BL-L2506 BETLUX-BL-L2506 Datasheet
241Kb / 4P
   2.0*5.0mm Rectangular Type LED Lamps
BL-L2506BC BETLUX-BL-L2506BC Datasheet
94Kb / 3P
   Rectangular Type LED lamp
BL-L2506BGC BETLUX-BL-L2506BGC Datasheet
94Kb / 3P
   Rectangular Type LED lamp
BL-L2506LRC BETLUX-BL-L2506LRC Datasheet
94Kb / 3P
   Rectangular Type LED lamp
More results

Similar Description - BL-L201SRC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DLA-6SRD KINGBRIGHT-DLA-6SRD Datasheet
175Kb / 4P
   20mm BIG LAMP
DLC-6ID KINGBRIGHT-DLC-6ID Datasheet
178Kb / 4P
   20mm BIG LAMP
DLC-6SRD KINGBRIGHT-DLC-6SRD Datasheet
175Kb / 4P
   20mm BIG LAMP
logo
SunLED Corporation
FUY20D6C SUNLED-FUY20D6C Datasheet
190Kb / 4P
   20mm BIG LAMP
FMG20D6A SUNLED-FMG20D6A Datasheet
193Kb / 4P
   20mm BIG LAMP
FMR20D6A SUNLED-FMR20D6A Datasheet
188Kb / 4P
   20mm BIG LAMP
FMR20D6C SUNLED-FMR20D6C Datasheet
188Kb / 4P
   20mm BIG LAMP
logo
Kingbright Corporation
DLA-6ID KINGBRIGHT-DLA-6ID Datasheet
178Kb / 4P
   20mm BIG LAMP
DLA-6YD KINGBRIGHT-DLA-6YD Datasheet
177Kb / 4P
   20mm BIG LAMP
DLC-6SGD KINGBRIGHT-DLC-6SGD Datasheet
175Kb / 4P
   20mm BIG LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com