Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX15A Datasheet(PDF) 8 Page - Sensortechnics GmbH

Part # SX15A
Description  Pressure sensors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SX15A Datasheet(HTML) 8 Page - Sensortechnics GmbH

Back Button SX15A Datasheet HTML 2Page - Sensortechnics GmbH SX15A Datasheet HTML 3Page - Sensortechnics GmbH SX15A Datasheet HTML 4Page - Sensortechnics GmbH SX15A Datasheet HTML 5Page - Sensortechnics GmbH SX15A Datasheet HTML 6Page - Sensortechnics GmbH SX15A Datasheet HTML 7Page - Sensortechnics GmbH SX15A Datasheet HTML 8Page - Sensortechnics GmbH SX15A Datasheet HTML 9Page - Sensortechnics GmbH SX15A Datasheet HTML 10Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SX Series
Pressure sensors
8/10
July 2008 / 052
www.sensortechnics.com
PHYSICAL DIMENSIONS
Button package
N package
mass: 1 g
dimensions in inches (mm)
mass: 5 g
dimensions in inches (mm)


Similar Part No. - SX15A

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SX15A HONEYWELL-ACC-SX15A Datasheet
147Kb / 4P
   CPX and XPX Cross to NSC Series
SX15AD2 HONEYWELL-ACC-SX15AD2 Datasheet
147Kb / 4P
   CPX and XPX Cross to NSC Series
logo
Honeywell Solid State E...
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
logo
Honeywell Accelerometer...
SX15AD4 HONEYWELL-ACC-SX15AD4 Datasheet
147Kb / 4P
   CPX and XPX Cross to NSC Series
logo
Honeywell Solid State E...
SX15ALP HONEYWELL-SX15ALP Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
More results

Similar Description - SX15A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com