Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9100VF Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # PS9100VF
Description  OEM silicon stainless steel pressure sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PS9100VF Datasheet(HTML) 1 Page - Sensortechnics GmbH

  PS9100VF Datasheet HTML 1Page - Sensortechnics GmbH PS9100VF Datasheet HTML 2Page - Sensortechnics GmbH PS9100VF Datasheet HTML 3Page - Sensortechnics GmbH PS9100VF Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PS9000 Series
OEM silicon stainless steel pressure sensor
1/4
December 2006 / 541
www.sensortechnics.com
Scale:
1 cm
1 inch
FEATURES
· 0...5 psi to 0...500 psi gage
-15...15 psi to -15...100 psi gage
0...15 psi to 0...500 psi absolute
· Calibrated and temperature
compensated
· Small size
· Field interchangeable
· Reliable semiconductor technology
SPECIFICATIONS
Maximum ratings
Supply voltage
Temperature limits
Storage
Operating
Compensated
Humidity limits
Vibration (5 Hz to 500 Hz)
Mechanical shock
Life
Insulation resistance at 50 V
DC
ELECTRICAL CONNECTION
15 V
-55°C to 100°C
-40°C to 100°C
0°C to 82°C
0 - 98 %RH
10 g
RMS
50 g for 11 msec
min. 1 million cycles
min. 100 M
SERVICE
Pressure inlet:
all media compatible with
stainless steel 1.4401 (316)9
Housing:
stainless steel, protection class
IP54, according to DIN40050
respectively NEMA4X1
Output
+
(2)
(4)
Vs
-
(1)
(3)


Similar Part No. - PS9100VF

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS91 COPAL-PS91 Datasheet
1Mb / 3P
   Electronic pressure switch
PS91-102V-N1K2 COPAL-PS91-102V-N1K2 Datasheet
739Kb / 3P
   PRESSURE SWITCHES
PS91-102V-N1VC COPAL-PS91-102V-N1VC Datasheet
739Kb / 3P
   PRESSURE SWITCHES
PS91-102V-N2K2 COPAL-PS91-102V-N2K2 Datasheet
739Kb / 3P
   PRESSURE SWITCHES
PS91-102V-N2VC COPAL-PS91-102V-N2VC Datasheet
739Kb / 3P
   PRESSURE SWITCHES
More results

Similar Description - PS9100VF

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PS2005AA SENSORTECHNICS-PS2005AA Datasheet
171Kb / 5P
   OEM silicon stainless steel pressure sensor
CTEM9100G4CXS SENSORTECHNICS-CTEM9100G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
logo
TE Connectivity Ltd
MS5607-02BA03 TEC-MS5607-02BA03 Datasheet
472Kb / 20P
   Barometric Pressure Sensor, with stainless steel cap
MS5611-01BA03 TEC-MS5611-01BA03 Datasheet
572Kb / 22P
   Barometric Pressure Sensor, with stainless steel cap
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSC2035AA SENSORTECHNICS-SSC2035AA Datasheet
132Kb / 3P
   Temperature compensated silicon stainless steel pressure sensors
SSCM3175GA SENSORTECHNICS-SSCM3175GA Datasheet
118Kb / 2P
   Temperature compensated silicon stainless steel pressure sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com