Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-HP20AUECL Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-HP20AUECL
Description  High Power LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-HP20AUECL Datasheet(HTML) 1 Page - BetLux Electronics

  BL-HP20AUECL Datasheet HTML 1Page - BetLux Electronics BL-HP20AUECL Datasheet HTML 2Page - BetLux Electronics BL-HP20AUECL Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
  
High Power LED lamp
BL-HP20AxxxL
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V. 3
Page 1 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
n Features:
Ø
1W and 3W, 5W LEDs suitable for illumination lamps and decorative lighting
Ø
Longer service and less luminosity loss, 50,000hours
Ø
Different emitting colors are available
Ø
Working current: 200-350mA, 700mA, 1050mA
Ø
With or without heat sink are both available
Ø
Lambertian, batwing and side emitting are all available
Ø
Light output from 20 to 170 lumens
n
Applications:
Commercial lighting
Residential lighting
Decorative lighting
1Watt Lambertian
n
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=350mA)
Chip
Forward
Voltage(VF)
Unit:V
Flux
Unit:lm
@350mA
1W Star with
Lambertian type
Part Number
Emitted Color
λ
P
(nm) or
CTT
Lens
Type
Typ
Max
Min.
Typ.
View
ing
Angl
e
2?1/2
(deg)
BL-HP20AUECL
Ultra Orange
630
2.2
2.75
23
30
BL-HP20AUYCL
Ultra Yellow
590
2.2
2.75
23
30
BL-HP20APGCL
Ultra Pure Green
525
3.2
3.8
40
55
BL-HP20ABGCL
Ultra Bluish Green
505
3.2
3.8
40
50
BL-HP20AUBCL
Ultra Blue
470
3.5
3.8
10
15
BL-HP20AUWCL
Ultra White
6000k
3.5
3.8
35
40
BL-HP20AUW2CL
Ultra Warm White
3200k
Water
Clear
3.5
3.8
30
36
140
n
Absolute maximum ratings (Ta=25°C)
Parameter
UE
UY
BG
PG
UB
UW
Unit
Forward Current IF
30
30
30
30
30
30
mA
Power Dissipation Pd
65
65
110
110
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
100
100
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Ma x.260±5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-HP20AUECL

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-HP20AUECL-3W BETLUX-BL-HP20AUECL-3W Datasheet
56Kb / 3P
   High Power LED lamp
BL-HP20AUECL-5W BETLUX-BL-HP20AUECL-5W Datasheet
32Kb / 1P
   High Power LED lamp
More results

Similar Description - BL-HP20AUECL

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLP-1W-PGS FORYARD-FYLP-1W-PGS Datasheet
414Kb / 8P
   High Power Led lamp
FYLP-1W-URS FORYARD-FYLP-1W-URS Datasheet
409Kb / 8P
   High Power Led lamp
FYLP-3W-PGS FORYARD-FYLP-3W-PGS Datasheet
410Kb / 8P
   High Power Led lamp
FYLP-10W-UWH FORYARD-FYLP-10W-UWH Datasheet
344Kb / 4P
   High Power Led lamp
logo
BetLux Electronics
BL-HP20EUECB BETLUX-BL-HP20EUECB Datasheet
32Kb / 1P
   High Power LED lamp
logo
Ningbo Foryard Optoelec...
FYLP-1W-PGB FORYARD-FYLP-1W-PGB Datasheet
421Kb / 8P
   High Power Led lamp
FYLP-1W-PGB-A FORYARD-FYLP-1W-PGB-A Datasheet
400Kb / 7P
   High Power Led lamp
FYLP-1W-URB-A FORYARD-FYLP-1W-URB-A Datasheet
404Kb / 7P
   High Power Led lamp
FYLP-1W-UWB-A FORYARD-FYLP-1W-UWB-A Datasheet
399Kb / 7P
   High Power Led lamp
FYLP-1W-UYB-A FORYARD-FYLP-1W-UYB-A Datasheet
404Kb / 7P
   High Power Led lamp
FYLP-3W-PGB FORYARD-FYLP-3W-PGB Datasheet
413Kb / 8P
   High Power Led lamp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com