Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRS131PV5F Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # SRS131PV5F
Description  Manifold mountable plastic switching solenoid valve
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SRS131PV5F Datasheet(HTML) 5 Page - Sensortechnics GmbH

  SRS131PV5F Datasheet HTML 1Page - Sensortechnics GmbH SRS131PV5F Datasheet HTML 2Page - Sensortechnics GmbH SRS131PV5F Datasheet HTML 3Page - Sensortechnics GmbH SRS131PV5F Datasheet HTML 4Page - Sensortechnics GmbH SRS131PV5F Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SRS Valve
Manifold mountable plastic switching solenoid valve
5/5
October 2006 / 261
www.sensortechnics.com
ELECTRICAL INTERFACE OPTIONS
SRS...F
(Square pins, front)
SRS...L
(Wire leads)
SRS...M
(Square pins, manifold)
ORDERING INFORMATION
s
e
i
r
e
S
.
o
n
l
e
d
o
M
e
p
y
T
l
a
i
r
e
t
a
M
l
a
e
S
l
a
i
r
e
t
a
m
e
g
a
t
l
o
V
l
a
c
i
r
t
c
e
l
E
n
o
i
t
c
e
n
n
o
c
.
x
a
M
e
r
u
s
s
e
r
p
e
c
if
i
r
O
e
z
i
s
li
o
C
e
g
a
t
t
a
w
s
n
o
i
t
p
OS
R
S
:
0
1
i
s
p
5
3
.
.
.
0"
0
2
0
.
0
)
m
m
0
1
5
.
0
(
W
5
.
0
:
1
C
N
y
a
w
-
3
:
P
T
B
P
:
V
M
K
F
:
5
V
5
C
D
:
F
"
5
2
0
.
0
,
s
n
i
p
e
r
a
u
q
s
t
n
o
r
f
:
1
1
i
s
p
5
8
.
.
.
0"
0
2
0
.
0
)
m
m
0
1
5
.
0
(
W
1
:
2
O
N
y
a
w
-
3
:
2
1
V
2
1
C
D
:
3
1
i
s
p
0
2
.
.
.
0"
0
3
0
.
0
)
m
m
2
6
7
.
0
(
W
5
.
0
:
3
r
o
t
u
b
i
r
t
s
i
d
:
4
2
V
4
2
C
D
:
M
"
5
2
0
.
0
,
s
n
i
p
e
r
a
u
q
s
d
l
o
f
i
n
a
m
e
c
a
f
r
e
t
n
i
:
4
1
i
s
p
0
5
.
.
.
0"
0
3
0
.
0
)
m
m
2
6
7
.
0
(
W
1
:
6
1
i
s
p
0
1
.
.
.
0"
5
4
0
.
0
)
m
m
3
4
1
.
1
(
W
5
.
0
:
7
1
i
s
p
0
2
.
.
.
0"
5
4
0
.
0
)
m
m
3
4
1
.
1
(
W
1
:
L
d
e
t
a
l
u
s
n
i
,
s
d
a
e
l
e
r
i
w
t
n
o
r
f
,
"
8
1
:
e
l
p
m
a
x
E
S
R
S
0
1
2
P
V
2
1
M
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Note: Not all combinations might be available.
Please contact your nearest Sensortechnics sales representative for further information.


Similar Part No. - SRS131PV5F

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRS10100 TSC-SRS10100 Datasheet
161Kb / 2P
   10.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRS10100 TSC-SRS10100 Datasheet
154Kb / 2P
   10.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRS10150 TSC-SRS10150 Datasheet
161Kb / 2P
   10.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRS10150 TSC-SRS10150 Datasheet
154Kb / 2P
   10.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRS10150 TSC-SRS10150 Datasheet
255Kb / 4P
   10.0AMPS. Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SRS131PV5F

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PND05D3 SENSORTECHNICS-PND05D3 Datasheet
63Kb / 3P
   Switching solenoid dump valve
logo
Festo Corporation.
540042 FESTO-540042 Datasheet
110Kb / 1P
   Pressure regulating valve manifold
3/23/22
540040 FESTO-540040 Datasheet
103Kb / 1P
   Pressure regulating valve manifold
3/23/22
540043 FESTO-540043 Datasheet
113Kb / 1P
   Pressure regulating valve manifold
3/23/22
540041 FESTO-540041 Datasheet
109Kb / 1P
   Pressure regulating valve manifold
3/23/22
logo
List of Unclassifed Man...
FAB ETC-FAB Datasheet
575Kb / 22P
   Discrete direct acting 2 port solenoid valve for compressed air, manifold
logo
Sensortechnics GmbH
V2101PV5P00 SENSORTECHNICS-V2101PV5P00 Datasheet
253Kb / 4P
   Value squared switching solenoid valve
11101BV5P00 SENSORTECHNICS-11101BV5P00 Datasheet
265Kb / 5P
   PC mount switching solenoid valve
logo
Festo Corporation.
8150397 FESTO-8150397 Datasheet
94Kb / 2P
   Solenoid valve
6/26/22
8114698 FESTO-8114698 Datasheet
76Kb / 2P
   Solenoid valve
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com