Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2300VC Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # PS2300VC
Description  OEM silicon stainless steel pressure sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PS2300VC Datasheet(HTML) 5 Page - Sensortechnics GmbH

  PS2300VC Datasheet HTML 1Page - Sensortechnics GmbH PS2300VC Datasheet HTML 2Page - Sensortechnics GmbH PS2300VC Datasheet HTML 3Page - Sensortechnics GmbH PS2300VC Datasheet HTML 4Page - Sensortechnics GmbH PS2300VC Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PS2000 Series
OEM silicon stainless steel pressure sensor
5/5
December 2006 / 553
www.sensortechnics.com
NOM 64
NOM 50
27.0
3/8"
NPT
WARNING
Do not touch
diaphragm
34.0
WARNING:
Do not use case to
tighten pressure connection
1
2
3
gage
vent
hole
4
Pin
1
2
3
4
connection
+Vs
+Vout
-Vout
-Vs/case
OUTLINE DRAWING
Connector version
PS...GA
ELECTRICAL CONNECTION
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Note 10: also available as vacuum/gage version
ORDERING INFORMATION
PS2
xxx
x
x
PS2000 Series
005:
0 ... 5 psi (gage only)
010:
0 ... 10 psi (gage only)
01510:
0 ... 15 psi
03010:
0 ... 30 psi
050:
0 ... 50 psi
10010:
0 ... 100 psi
200:
0 ... 200 psi
300:
0 ... 300 psi
500:
0 ... 500 psi
Electrical connections
A:
connector version
C:
cable version
Pressure mode
A:
absolute pressure
G:
gage pressure
V:
vacuum/gage pressure
mass: typ. 190 g
dimensions in inches (mm)


Similar Part No. - PS2300VC

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PS23 GOOD-ARK-PS23 Datasheet
452Kb / 4P
   Surface Mount Schottky Rectifier
logo
Silicon Touch Technolog...
PS231S SITI-PS231S Datasheet
174Kb / 11P
   5-Channel Secondary Monitoring IC
PS232F SITI-PS232F Datasheet
187Kb / 11P
   6-Channel Secondary Monitoring IC
PS232S SITI-PS232S Datasheet
186Kb / 11P
   6-Channel Secondary Monitoring IC
PS235S SITI-PS235S Datasheet
282Kb / 13P
   Two winding detect function
More results

Similar Description - PS2300VC

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PS9005AD SENSORTECHNICS-PS9005AD Datasheet
256Kb / 4P
   OEM silicon stainless steel pressure sensor
CTEM9100G4CXS SENSORTECHNICS-CTEM9100G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
logo
TE Connectivity Ltd
MS5607-02BA03 TEC-MS5607-02BA03 Datasheet
472Kb / 20P
   Barometric Pressure Sensor, with stainless steel cap
MS5611-01BA03 TEC-MS5611-01BA03 Datasheet
572Kb / 22P
   Barometric Pressure Sensor, with stainless steel cap
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSC2035AA SENSORTECHNICS-SSC2035AA Datasheet
132Kb / 3P
   Temperature compensated silicon stainless steel pressure sensors
SSCM3175GA SENSORTECHNICS-SSCM3175GA Datasheet
118Kb / 2P
   Temperature compensated silicon stainless steel pressure sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com