Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9010VE Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # PS9010VE
Description  OEM silicon stainless steel pressure sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PS9010VE Datasheet(HTML) 3 Page - Sensortechnics GmbH

  PS9010VE Datasheet HTML 1Page - Sensortechnics GmbH PS9010VE Datasheet HTML 2Page - Sensortechnics GmbH PS9010VE Datasheet HTML 3Page - Sensortechnics GmbH PS9010VE Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PS9000 Series
OEM silicon stainless steel pressure sensor
3/4
December 2006 / 541
www.sensortechnics.com
OUTLINE DRAWING
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
IP54 (NEMA4X) protection is given when the connector is locked. For proper function the gage port is vented to the
atmosphere through the connector/cable assembly. Thus the cable end must have access to the ambient pressure.
The maximum pressure that can be applied without changing the transducer´s performance or accuracy.
The maximum pressure that can be applied to a transducer without rupture of either the sensing element or transducer case.
Span is the algebraic difference between the output voltage at full scale pressure and the output at zero pressure. Span is
ratiometric to the supply voltage
Linearity is based on Best fit Straight Line. Hysteresis is the maximum output difference at any point within the operating
pressure range for increasing and decreasing pressure.
Maximum error band of the offset voltage or span over the compensated temperature range, relative to the 25°C reading.
Long term stability over a one year period.
Response time for step change from the zero pressure to the full scale pressure.
Other materials on special request. When using devices with optional nickel plated fittings, consider the media compatibility
of the fittings also.
N
O
I
T
C
E
N
N
O
C
L
A
C
I
R
T
C
E
L
E
n
i
Pn
o
i
t
c
e
n
n
o
C
1s
V
+
2+
t
u
o
V
3-
t
u
o
V
4s
V
-
dimensions in mm (inches)
o-ring grove for o-ring
11.8 x 1.8 (0.456 x 0.071)
(ZA004029)
Detail A
Detail A
6.5
(0.26)
vent hole¹
4
2
1
3
47 (1.85)
NOM 67 (2.64)


Similar Part No. - PS9010VE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9013 RENESAS-PS9013 Datasheet
999Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
PS9013-F3 RENESAS-PS9013-F3 Datasheet
999Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
PS9013-V RENESAS-PS9013-V Datasheet
999Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
PS9013-V-F3 RENESAS-PS9013-V-F3 Datasheet
999Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
PS9013-Y-AX RENESAS-PS9013-Y-AX Datasheet
999Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
More results

Similar Description - PS9010VE

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PS2005AA SENSORTECHNICS-PS2005AA Datasheet
171Kb / 5P
   OEM silicon stainless steel pressure sensor
CTEM9100G4CXS SENSORTECHNICS-CTEM9100G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
logo
TE Connectivity Ltd
MS5607-02BA03 TEC-MS5607-02BA03 Datasheet
472Kb / 20P
   Barometric Pressure Sensor, with stainless steel cap
MS5611-01BA03 TEC-MS5611-01BA03 Datasheet
572Kb / 22P
   Barometric Pressure Sensor, with stainless steel cap
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSC2035AA SENSORTECHNICS-SSC2035AA Datasheet
132Kb / 3P
   Temperature compensated silicon stainless steel pressure sensors
SSCM3175GA SENSORTECHNICS-SSCM3175GA Datasheet
118Kb / 2P
   Temperature compensated silicon stainless steel pressure sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com