Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCEM010GUQ9P3 Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # HCEM010GUQ9P3
Description  Miniature amplified pressure sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HCEM010GUQ9P3 Datasheet(HTML) 6 Page - Sensortechnics GmbH

Back Button HCEM010GUQ9P3 Datasheet HTML 2Page - Sensortechnics GmbH HCEM010GUQ9P3 Datasheet HTML 3Page - Sensortechnics GmbH HCEM010GUQ9P3 Datasheet HTML 4Page - Sensortechnics GmbH HCEM010GUQ9P3 Datasheet HTML 5Page - Sensortechnics GmbH HCEM010GUQ9P3 Datasheet HTML 6Page - Sensortechnics GmbH HCEM010GUQ9P3 Datasheet HTML 7Page - Sensortechnics GmbH HCEM010GUQ9P3 Datasheet HTML 8Page - Sensortechnics GmbH HCEM010GUQ9P3 Datasheet HTML 9Page - Sensortechnics GmbH HCEM010GUQ9P3 Datasheet HTML 10Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HCE Series
Miniature amplified pressure sensors
6/11
E / 11652 / A
www.sensortechnics.com
SPI - SERIAL PERIPHERAL INTERFACE (cont.)
Interface parameters
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
l
e
v
e
l
h
g
i
h
t
u
p
n
I0
90
0
1
s
V
f
o
%
l
e
v
e
l
w
o
l
t
u
p
n
I0
0
1
l
e
v
e
l
w
o
l
t
u
p
t
u
O
0
1
r
o
t
s
i
s
e
r
p
u
-
ll
u
P0
0
5
O
S
I
M
@
e
c
n
a
t
i
c
a
p
a
c
d
a
o
L
C
O
S
I
M
0
0
4
F
p
n
i
p
h
c
a
e
@
e
c
n
a
t
i
c
a
p
a
c
t
u
p
n
I
C
N
I
_
I
P
S
0
1
y
c
n
e
u
q
e
r
f
k
c
o
l
c
l
a
n
g
i
S
f
K
C
S
*
0
0
10
4
6z
H
k
e
p
o
l
s
e
l
p
m
a
s
K
C
S
r
e
t
f
a
e
m
i
t
d
l
o
h
O
S
I
M
t
O
S
I
M
_
D
H
_
I
P
S
0
0
2s
n
e
p
o
l
s
e
l
p
m
a
s
K
C
S
e
r
o
f
e
b
e
m
i
t
p
u
t
e
s
I
S
O
M
t
I
S
O
M
_
U
S
_
I
P
S
f
/
2
K
L
C
e
p
o
l
s
e
l
p
m
a
s
K
C
S
e
r
o
f
e
b
e
m
i
t
p
u
t
e
s
S
S
/
t
S
S
_
U
S
_
I
P
S
0
1s
n
* recommended
Fig. 3:
Timing characteristics
t
t
SS
MISO
MOSI
SCK
(CPOL=0)
SPI_SU_SS
t
SPI_SU_MOSI
SPI_HD_MISO
Note: Sensortechnics recommends communication speeds of at least 100 kHz (max. 640 kHz).
Please contact your nearest Sensortechnics sales office for further information.


Similar Part No. - HCEM010GUQ9P3

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCEM010-B SENSORTECHNICS-HCEM010-B Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
HCEM010B SENSORTECHNICS-HCEM010B Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
HCEM010U SENSORTECHNICS-HCEM010U Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
More results

Similar Description - HCEM010GUQ9P3

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCEM010-B SENSORTECHNICS-HCEM010-B Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
DS-0103 ASC-DS-0103 Datasheet
50Kb / 5P
   Miniature Amplified Pressure Sensors
logo
Sensortechnics GmbH
HCA0611ARG8 SENSORTECHNICS-HCA0611ARG8 Datasheet
85Kb / 6P
   Miniature amplified barometric pressure sensors
HCLA02X5-B SENSORTECHNICS-HCLA02X5-B Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
HCA0611ARH8 SENSORTECHNICS-HCA0611ARH8 Datasheet
113Kb / 7P
   Miniature amplified barometric pressure sensors
HCLA02X5DB SENSORTECHNICS-HCLA02X5DB Datasheet
191Kb / 15P
   Miniature amplified low pressure sensors
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
logo
Honeywell Solid State E...
185PC15DT HONEYWELL-185PC15DT Datasheet
494Kb / 5P
   Pressure Sensors Miniature Absolute, Differential, Gage/Amplified
logo
Sensortechnics GmbH
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com