Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-11-622-P-M Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # T-11-622-P-M
Description  622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

T-11-622-P-M Datasheet(HTML) 2 Page - Source Photonics, Inc.

  T-11-622-P-M Datasheet HTML 1Page - Source Photonics, Inc. T-11-622-P-M Datasheet HTML 2Page - Source Photonics, Inc. T-11-622-P-M Datasheet HTML 3Page - Source Photonics, Inc. T-11-622-P-M Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
622Mbps PIN-TIA Receiver Modules-
Receptacle & Pigtailed (5V)
T-11-622-R/P-XXX
Outline Drawing-Receptacle
Units in mm
PIN-TIA Receiver Modules-Receptacle


Similar Part No. - T-11-622-P-M

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
T-11-622-P-M SOURCE-T-11-622-P-M Datasheet
403Kb / 4P
   622Mbps PIN-TIA Receiver Modules (5V)
T-11-622-P-M-G5 SOURCE-T-11-622-P-M-G5 Datasheet
403Kb / 4P
   622Mbps PIN-TIA Receiver Modules (5V)
T-11-622-P-M-GR SOURCE-T-11-622-P-M-GR Datasheet
403Kb / 4P
   622Mbps PIN-TIA Receiver Modules (5V)
T-11-622-P-M-O SOURCE-T-11-622-P-M-O Datasheet
403Kb / 4P
   622Mbps PIN-TIA Receiver Modules (5V)
T-11-622-P-M-O-G5 SOURCE-T-11-622-P-M-O-G5 Datasheet
403Kb / 4P
   622Mbps PIN-TIA Receiver Modules (5V)
More results

Similar Description - T-11-622-P-M

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
T-11-622-R3-SFC SOURCE-T-11-622-R3-SFC Datasheet
527Kb / 4P
   622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (3.3V)
T-11-622-P-SFC-O SOURCE-T-11-622-P-SFC-O Datasheet
403Kb / 4P
   622Mbps PIN-TIA Receiver Modules (5V)
T-11-2500-R-SFC SOURCE-T-11-2500-R-SFC Datasheet
1,020Kb / 4P
   2.5Gbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
T-11-622-D-SSC SOURCE-T-11-622-D-SSC Datasheet
490Kb / 3P
   622Mbps PIN-TIA Receiver Modules-ROSA (5V)
T-11-155-R3-SFC-AGC SOURCE-T-11-155-R3-SFC-AGC Datasheet
335Kb / 4P
   155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed
T-11-155-P-MMU-K-GR SOURCE-T-11-155-P-MMU-K-GR Datasheet
396Kb / 4P
   155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed 5V without AGC
T-11-1250-R3-SFC SOURCE-T-11-1250-R3-SFC Datasheet
424Kb / 4P
   PIN-TIA Receiver Modules-Receptacle & Pigtailed(3.3V)
T-11-2500-R3-SFC SOURCE-T-11-2500-R3-SFC Datasheet
975Kb / 4P
   2.5Gbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (3.3V)
T-11-622-D3-SSC SOURCE-T-11-622-D3-SSC Datasheet
522Kb / 3P
   622Mbps PIN-TIA Receiver Modules-ROSA (3.3V)
T-11-1250-P-SFC SOURCE-T-11-1250-P-SFC Datasheet
613Kb / 4P
   PIN-TIA Receiver Modules (5V)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com