Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC05D Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # SCC05D
Description  Pressure sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SCC05D Datasheet(HTML) 2 Page - Sensortechnics GmbH

  SCC05D Datasheet HTML 1Page - Sensortechnics GmbH SCC05D Datasheet HTML 2Page - Sensortechnics GmbH SCC05D Datasheet HTML 3Page - Sensortechnics GmbH SCC05D Datasheet HTML 4Page - Sensortechnics GmbH SCC05D Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SCC Series
Pressure sensors
2/5
July 2005 / 040
www.sensortechnics.com
PRESSURE SENSOR CHARACTERISTICS
Part number
SCC05(D,G)
SCC15A
SCC15(D,G)
SCC30A
SCC30(D,G)
SCC100A
SCC100(D,G)
PERFORMANCE CHARACTERISTICS (individual models) I
S = 1.0 mA, TA = 25°C
1
Operating
pressure
range
0 - 5 psid(g)
0 - 15 psia
0 - 15 psid(g)
0 - 30 psia
0 - 30 psid(g)
0 - 100 psia
0 - 100 psid(g)
Proof
pressure9
20 psi
30 psia
30 psi
60 psia
60 psi
150 psia
150 psi
Accuracy2
0.50 %
0.50 %
0.50 %
0.50 %
0.50 %
0.50 %
0.50 %
Effect
on span3
(0 - 50°C)
1.50 %
1.50 %
1.50 %
1.50 %
1.50 %
1.50 %
1.50 %
Effect
on offset4
(0 - 50°C)
2.00 %
2.00 %
2.00 %
2.00 %
2.00 %
2.00 %
2.00 %
Full-scale
span1,5
(mV)
25 - 65
30 - 95
40 - 95
60 - 150
60 - 150
85 - 225
85 - 225
PERFORMANCE CHARACTERISTICS (all models) I
S = 1.0 mA, TA = 25°C
Characteristics
Zero pressure offset
Combined linearity, hysteresis, repeatability2
Temperature effect on span3,8
Temperature effect on offset4,8
Long term stability of offset and span6
Response time (10 to 90 %)7
Input impedance
Output impedance
Min.
-30.0
---
---
---
---
---
4.00
4.00
Typ.
-10
0.25
0.25
0.50
0.10
0.10
5.00
5.00
Max.
20.0
0.50
1.50
2.00
---
---
6.50
6.50
Unit
mV
%FSO
%FSO
%FSO
mV
ms
k
k
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
Maximum ratings (for all devices)
Supply current, I
S
1.5 mA
Temperature ranges
Compensated
0 to +50°C
Operating
-40 to +85°C
Storage
-55 to +125°C
Reference conditions: supply current = 1.0 mA, T
A=25°C, common-mode line pressure = 0 psig, pressure applied to P1, unless
otherwise noted.
Accuracy is the sum of hysteresis and linearity. Hysteresis is the maximum output difference at any point within the operating
pressure range for increasing and decreasing pressure. Linearity refers to the best straight line fit as measured for the
offset, full-scale and 1/2 full-scale pressure at 25°C.
This is the maximum temperature shift for span when measured between 0 and 50°C relative to the 25°C reading.
Typical temperature coefficients for span and resistance are -2200 and +2200 ppm/°C respectively.
This is the maximum temperature shift for offset when measured between 0 and 50°C relative to the 25°C reading.
Span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure.
Maximum difference in output at any pressure with the operating pressure range and temperature within 0 to 50°C after:
a)
100 temperature cycles, 0 to 50°C.
b)
1.0 million pressure cycles, 0 psi to full-scale span.
Response time for a 0 psi to full-scale span pressure step change. 10 to 90 % rise time.
Temp. effect on span and offset are guaranteed by design. Therefore these parameters are not 100 % tested.
If the proof pressure is exceeded, even momentarily, the package may leak or burst, or the pressure sensing die may fracture.
Note: The proof pressure for the forward gage of all devices in the D4-package is the specified value or 100 psi whatever is
less. The SCC100D (button package) can be used in forward gage mode only when the pressure doesn't exceed 30 psi,
or no special care ist taken.
Humidity
0 to 100 %RH
Lead temperature (soldering 4 sec.)
250°C
Common-mode pressure
150 psi


Similar Part No. - SCC05D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCC05D ETC1-SCC05D Datasheet
288Kb / 5P
   Pressure Sensors
logo
Honeywell Accelerometer...
SCC05D HONEYWELL-ACC-SCC05D Datasheet
147Kb / 4P
   CPX and XPX Cross to NSC Series
logo
List of Unclassifed Man...
SCC05DD4 ETC1-SCC05DD4 Datasheet
288Kb / 5P
   Pressure Sensors
logo
Honeywell Accelerometer...
SCC05DD4 HONEYWELL-ACC-SCC05DD4 Datasheet
147Kb / 4P
   CPX and XPX Cross to NSC Series
logo
List of Unclassifed Man...
SCC05DN ETC1-SCC05DN Datasheet
288Kb / 5P
   Pressure Sensors
More results

Similar Description - SCC05D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com