Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTU3005GQ4 Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # KTU3005GQ4
Description  OEM pressure transmitters for industrial media
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

KTU3005GQ4 Datasheet(HTML) 5 Page - Sensortechnics GmbH

  KTU3005GQ4 Datasheet HTML 1Page - Sensortechnics GmbH KTU3005GQ4 Datasheet HTML 2Page - Sensortechnics GmbH KTU3005GQ4 Datasheet HTML 3Page - Sensortechnics GmbH KTU3005GQ4 Datasheet HTML 4Page - Sensortechnics GmbH KTU3005GQ4 Datasheet HTML 5Page - Sensortechnics GmbH KTU3005GQ4 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
KTE3000 / KTU3000 Series
OEM pressure transmitters for industrial media
5/6
December 2008 / 626
www.sensortechnics.com
LOAD LIMITATION
4...20 mA output version
OUTLINE DRAWING
mass: 210 g
dimensions in mm (inches)
1
2
3
vent hole
12
(0.47)
8.5 (0.33)
NOM 68 (2.86)
12
(0.47)
4.5
(0.18)
16
600
0
7
5
200
400
800
1000
Ohm
1200
1400
30
20
25
supply voltage
32 V
10
RECOMMENDED ACCESSORY
Plug DIN EN 175301-803 A and profile washer included
in delivery. For a complete connector/cable assembly
use order no. ZK000110-x (x=cable lenghts in m).
dimensions in mm
Note:
For proper function of all gage devices the
gage port must be vented to the atmosphere
through the connector/cable assembly.
34
50
M3
31
Profile washer


Similar Part No. - KTU3005GQ4

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
KTU EATON-KTU Datasheet
664Kb / 4P
   Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
logo
Cooper Bussmann, Inc.
KTU-1000 COOPER-KTU-1000 Datasheet
664Kb / 4P
   Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
logo
Eaton All Rights Reserv...
KTU-1000 EATON-KTU-1000 Datasheet
664Kb / 4P
   Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
logo
Cooper Bussmann, Inc.
KTU-1100 COOPER-KTU-1100 Datasheet
664Kb / 4P
   Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
logo
Eaton All Rights Reserv...
KTU-1100 EATON-KTU-1100 Datasheet
664Kb / 4P
   Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
More results

Similar Description - KTU3005GQ4

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTE8001GD0 SENSORTECHNICS-CTE8001GD0 Datasheet
244Kb / 6P
   OEM pressure transmitters for industrial media
CTEM9350GD0 SENSORTECHNICS-CTEM9350GD0 Datasheet
216Kb / 6P
   OEM pressure transmitters for industrial media
KTE6001GL0 SENSORTECHNICS-KTE6001GL0 Datasheet
122Kb / 6P
   OEM pressure transmitters for industrial media
logo
EPCOS
MINICELL EPCOS-MINICELL Datasheet
65Kb / 7P
   Pressure sensors Media-separated pressure transmitters (voltage output)
logo
KELLER Druckmesstechnik...
4LC KELLER-4LC Datasheet
498Kb / 2P
   Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning
11/2015
logo
Sensortechnics GmbH
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com