Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTE6001AT0 Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # KTE6001AT0
Description  OEM pressure transmitters for industrial media
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

KTE6001AT0 Datasheet(HTML) 3 Page - Sensortechnics GmbH

  KTE6001AT0 Datasheet HTML 1Page - Sensortechnics GmbH KTE6001AT0 Datasheet HTML 2Page - Sensortechnics GmbH KTE6001AT0 Datasheet HTML 3Page - Sensortechnics GmbH KTE6001AT0 Datasheet HTML 4Page - Sensortechnics GmbH KTE6001AT0 Datasheet HTML 5Page - Sensortechnics GmbH KTE6001AT0 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KTE6000 / KTU6000 Series
OEM pressure transmitters for industrial media
3/6
December 2008 / 550
www.sensortechnics.com
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
N
6
x
T
K
s
r
e
h
t
o
ll
a
5
4
.
25
.
2
3
0
.
0
5
5
.
2
8
0
.
0
V
n
a
p
s
e
l
a
c
s
ll
u
F
7
.
.
.
N
6
x
T
K
s
r
e
h
t
o
ll
a
5
4
.
2
5
9
.
4
5
.
2
0
.
5
5
5
.
2
5
0
.
5
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
5
2
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
35
A
m
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z
.
.
.
N
6
x
T
K
s
r
e
h
t
o
ll
a
9
.
45
3
0
.
0
1
.
5
1
.
0
V
n
a
p
s
e
l
a
c
s
ll
u
F
7
.
.
.
N
6
x
T
K
s
r
e
h
t
o
ll
a
9
.
4
9
.
9
5
0
1
1
.
5
1
.
0
1
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
5
2
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
35
A
m
INDIVIDUAL PERFORMANCE CHARACTERISTICS
0...10 V output (V
S = 15 V, RL > 100 kΩ, tamb = 25°C)
0...5 V output (V
S = 15 V, RL > 100 kΩ, tamb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
N
6
x
T
K
s
r
e
h
t
o
ll
a
0
5
4
.
2
0
5
4
.
0
5
.
2
5
.
0
0
5
5
.
2
0
5
5
.
0
V
n
a
p
s
e
l
a
c
s
ll
u
F
7
.
.
.
N
6
x
T
K
s
r
e
h
t
o
ll
a
0
5
9
.
1
0
5
9
.
3
2
4
0
5
0
.
2
0
5
0
.
4
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
5
2
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
35
A
m
4...20 mA output (V
S = 15 V, RL = 100 Ω, tamb = 25°C)
0.5...4.5 V output (V
S = 15 V, RL > 100 kΩ, tamb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
N
6
x
T
K
s
r
e
h
t
o
ll
a
9
.
1
1
9
.
3
0
.
2
1
0
.
4
1
.
2
1
1
.
4
A
m
n
a
p
s
e
l
a
c
s
ll
u
F
7
.
.
.
N
6
x
T
K
s
r
e
h
t
o
ll
a
9
.
7
9
.
5
1
0
.
8
0
.
6
1
1
.
8
1
.
6
1
I
(
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
P
L
)
A
m
0
2
=0
5
2W
m


Similar Part No. - KTE6001AT0

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
KTE3001AQ0 SENSORTECHNICS-KTE3001AQ0 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001AQ1 SENSORTECHNICS-KTE3001AQ1 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001AQ4 SENSORTECHNICS-KTE3001AQ4 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001AQ6 SENSORTECHNICS-KTE3001AQ6 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001AQ7 SENSORTECHNICS-KTE3001AQ7 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
More results

Similar Description - KTE6001AT0

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTE8001GD0 SENSORTECHNICS-CTE8001GD0 Datasheet
244Kb / 6P
   OEM pressure transmitters for industrial media
CTEM9350GD0 SENSORTECHNICS-CTEM9350GD0 Datasheet
216Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001GQ0 SENSORTECHNICS-KTE3001GQ0 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
logo
EPCOS
MINICELL EPCOS-MINICELL Datasheet
65Kb / 7P
   Pressure sensors Media-separated pressure transmitters (voltage output)
logo
KELLER Druckmesstechnik...
4LC KELLER-4LC Datasheet
498Kb / 2P
   Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning
11/2015
logo
Sensortechnics GmbH
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com