Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LW2BVBP1 Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # LW2BVBP1
Description  Normally open proportional solenoid valve
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

LW2BVBP1 Datasheet(HTML) 4 Page - Sensortechnics GmbH

  LW2BVBP1 Datasheet HTML 1Page - Sensortechnics GmbH LW2BVBP1 Datasheet HTML 2Page - Sensortechnics GmbH LW2BVBP1 Datasheet HTML 3Page - Sensortechnics GmbH LW2BVBP1 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Lone Wolf
Normally open proportional solenoid valve
4/4
October 2006 / 262
www.sensortechnics.com
ORDERING INFORMATION
d
r
a
d
n
a
t
S
.
o
n
l
e
d
o
M
l
a
i
r
e
t
a
M
r
e
m
o
t
s
a
l
E
l
i
o
C
n
o
i
t
c
e
l
e
s
l
a
c
i
r
t
c
e
l
E
e
c
a
f
r
e
t
n
i
c
i
t
a
m
u
e
n
P
e
c
a
f
r
e
t
n
i
.
x
a
M
e
r
u
s
s
e
r
p
e
c
i
f
i
r
O
l
i
o
C
e
g
a
t
t
a
W
s
n
o
i
t
p
OW
L
:
1
i
s
p
0
1"
4
2
0
.
0
)
m
m
0
1
6
.
0
(
W
5
.
0
:
B
s
s
a
r
B
:
V
M
K
F
:
A
1
1
:
F
,
s
d
a
e
l
e
r
i
w
"
9
1
-
8
1
:
0
d
l
o
f
i
n
a
m
t
n
u
o
m
:
2
i
s
p
0
2"
0
3
0
.
0
)
m
m
2
6
7
.
0
(
W
1
:
B
3
2
:
3
i
s
p
5
2"
6
3
0
.
0
)
m
m
4
1
9
.
0
(
W
2
:
C
7
4
:
P
d
r
a
o
b
C
P
,
t
n
u
o
m
s
n
i
p
C
P
4
:
1
d
l
o
f
i
n
a
m
h
t
i
w
t
n
u
o
m
*
s
n
e
e
r
c
s
:
D
8
6
:
F
4
7
2
:
8
s
b
r
a
b
"
8
/
1
ll
i
w
n
o
i
t
p
o
s
i
h
t
*
e
c
i
r
p
t
c
e
f
f
a
:
e
l
p
m
a
x
E
W
L
1
B
V
A
F
8
ELECTRICAL INTERFACE OPTIONS
LW...F...
(Wire leads,
no terminals)
PNEUMATIC INTERFACE OPTIONS
LW...P...
(PC mount, 4 pins)
LW...0
(No barbs,
face seal to manifold)
LW...8
(0.125" barbs, 1/8" I.D.
tubing, 1/4" O.D. max)
LW...1
(No barbs,
face seal to manifold
with screen)
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Note: Not all combinations might be available.
Please contact your nearest Sensortechnics sales representative for further information.


Similar Part No. - LW2BVBP1

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LW200Z SEOUL-LW200Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LW201 SEOUL-LW201 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LW201 SEOUL-LW201 Datasheet
360Kb / 13P
   CYAN LAMP LED
LW201 SEOUL-LW201 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LW201 SEOUL-LW201 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LW2BVBP1

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
MDPRO4VAF1S SENSORTECHNICS-MDPRO4VAF1S Datasheet
100Kb / 4P
   Normally closed proportional solenoid valve
910000200001 SENSORTECHNICS-910000200001 Datasheet
144Kb / 4P
   Normally closed proportional solenoid valve
VSONC111VAF0 SENSORTECHNICS-VSONC111VAF0 Datasheet
95Kb / 4P
   Normally closed proportional solenoid valve
HFPRO7VAF1O SENSORTECHNICS-HFPRO7VAF1O Datasheet
85Kb / 4P
   High flow proportional solenoid valve
logo
List of Unclassifed Man...
V365-V06C ETC-V365-V06C Datasheet
57Kb / 2P
   3/2 - MICRO SOLENOID VALVE - Normally closed (N.C.)
logo
WAGO Kontakttechnik Gmb...
750-632 WAGO-750-632 Datasheet
606Kb / 11P
   Proportional valve module
750-632-000-100 WAGO-750-632-000-100 Datasheet
446Kb / 10P
   Proportional valve module
logo
Festo Corporation.
557778 FESTO-557778 Datasheet
90Kb / 2P
   Proportional pressure control valve
1/21/22
8046304 FESTO-8046304 Datasheet
91Kb / 2P
   Proportional pressure control valve
6/27/22
8046305 FESTO-8046305 Datasheet
91Kb / 2P
   Proportional pressure control valve
6/27/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com