Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LW2BVBP1 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # LW2BVBP1
Description  Normally open proportional solenoid valve
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

LW2BVBP1 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  LW2BVBP1 Datasheet HTML 1Page - Sensortechnics GmbH LW2BVBP1 Datasheet HTML 2Page - Sensortechnics GmbH LW2BVBP1 Datasheet HTML 3Page - Sensortechnics GmbH LW2BVBP1 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lone Wolf
Normally open proportional solenoid valve
1/4
October 2006 / 262
www.sensortechnics.com
FEATURES
· 2-way normally open
· Achieves rapid, stable performance
· Enhances system control and patient
comfort
· Maintains ideal flow through normally
open valve with thermal compensation
· Extremely reliable
PHYSICAL PROPERTIES
Operating environment
0 to 50 °C
Storage temperature
-40 to 70 °C
Length
45.3 mm (1.785 in)
Width
16.5 mm (0.625 in)
Height
17 mm (0.67 in)
Porting
manifold mount with 43 µm screens,
1/8" barbs, 5/64" barbs
Weight
63 g (2.2 oz)
Internal volume
0.508 cm3 (0.031 in3)
Filtration (recommended)
40 µm
Lubrication
None required
MEDIA COMPATIBILITY
Air, nitrogen, oxygen & others
ELECTRICAL
Power
0.5, 1.0 or 2.0 W
Voltage
3 to 60 V
DC
Electrical terminal
PC mount,
18" wire leads


Similar Part No. - LW2BVBP1

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LW200Z SEOUL-LW200Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LW201 SEOUL-LW201 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LW201 SEOUL-LW201 Datasheet
360Kb / 13P
   CYAN LAMP LED
LW201 SEOUL-LW201 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LW201 SEOUL-LW201 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LW2BVBP1

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
MDPRO4VAF1S SENSORTECHNICS-MDPRO4VAF1S Datasheet
100Kb / 4P
   Normally closed proportional solenoid valve
910000200001 SENSORTECHNICS-910000200001 Datasheet
144Kb / 4P
   Normally closed proportional solenoid valve
VSONC111VAF0 SENSORTECHNICS-VSONC111VAF0 Datasheet
95Kb / 4P
   Normally closed proportional solenoid valve
HFPRO7VAF1O SENSORTECHNICS-HFPRO7VAF1O Datasheet
85Kb / 4P
   High flow proportional solenoid valve
logo
List of Unclassifed Man...
V365-V06C ETC-V365-V06C Datasheet
57Kb / 2P
   3/2 - MICRO SOLENOID VALVE - Normally closed (N.C.)
logo
WAGO Kontakttechnik Gmb...
750-632 WAGO-750-632 Datasheet
606Kb / 11P
   Proportional valve module
750-632-000-100 WAGO-750-632-000-100 Datasheet
446Kb / 10P
   Proportional valve module
logo
Festo Corporation.
557778 FESTO-557778 Datasheet
90Kb / 2P
   Proportional pressure control valve
1/21/22
8046304 FESTO-8046304 Datasheet
91Kb / 2P
   Proportional pressure control valve
6/27/22
8046305 FESTO-8046305 Datasheet
91Kb / 2P
   Proportional pressure control valve
6/27/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com