Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OEMGCA30-50-100 Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # OEMGCA30-50-100
Description  Miniature electronic pressure controllers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

OEMGCA30-50-100 Datasheet(HTML) 3 Page - Sensortechnics GmbH

  OEMGCA30-50-100 Datasheet HTML 1Page - Sensortechnics GmbH OEMGCA30-50-100 Datasheet HTML 2Page - Sensortechnics GmbH OEMGCA30-50-100 Datasheet HTML 3Page - Sensortechnics GmbH OEMGCA30-50-100 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OEM-EP
Miniature electronic pressure controllers
3/4
January 2008 / 264
www.sensortechnics.com
PHYSICAL DIMENSIONS
third angle projection
0.399
(10.13)
0.398
(10.11)
2.44
(61.93)
0.079
(2.01)
0.593
(15.06)
0.159
(4.04)
0.800
(20.32)
0.400
(10.16)
0.159
(4.04)
1.081
(27.46)
1.158
(29.41)
0.399
(10.15)
#10-32 UNF
0.18 (4.6)
(requirement)
Electrical connector output
1
2x #4-40 UNC
0.16 (4.1)
(mounting holes)
#10-32 UNF
0.18 (4.6)
(supply)
mass: approx. 50 g
dimensions in inches (mm)


Similar Part No. - OEMGCA30-50-100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OEM22 ETC2-OEM22 Datasheet
232Kb / 2P
   OEM22 and OEM24L (backlit) 3.5 digit LCD digital voltmeters
OEM24L ETC2-OEM24L Datasheet
232Kb / 2P
   OEM22 and OEM24L (backlit) 3.5 digit LCD digital voltmeters
OEM335A ETC2-OEM335A Datasheet
329Kb / 2P
   OEM335A 3.5 digit LED voltmeter module
logo
OptoSupply Internationa...
OEMC28J09G6-RGB OPTOSUPPLY-OEMC28J09G6-RGB Datasheet
129Kb / 3P
   LED model number: OSR5XZE1E1E, OSG5XZE1E1E, OSB5XZE1E1E
OEMC29B04IE-XXXME1E1E OPTOSUPPLY-OEMC29B04IE-XXXME1E1E Datasheet
78Kb / 3P
   4 x 1W Power LED Bar
More results

Similar Description - OEMGCA30-50-100

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
VSOEPS10-50-15 SENSORTECHNICS-VSOEPS10-50-15 Datasheet
98Kb / 4P
   Electronic pressure controllers
logo
List of Unclassifed Man...
IR33Z9MR20 ETC2-IR33Z9MR20 Datasheet
370Kb / 2P
   IR33 Universal Electronic Controllers
logo
Ralston Instruments.
QTVC RALSTON-QTVC Datasheet
1Mb / 2P
   Pressure Calibration Volume Controllers
logo
Copal Electronics
PS91 COPAL-PS91 Datasheet
1Mb / 3P
   Electronic pressure switch
PS40 COPAL-PS40 Datasheet
1Mb / 1P
   ELECTRONIC PRESSURE SWITCH
PS6 COPAL-PS6 Datasheet
1Mb / 4P
   ELECTRONIC PRESSURE SWITCH
logo
List of Unclassifed Man...
PS1000-R06L ETC2-PS1000-R06L Datasheet
138Kb / 2P
   Electronic Pressure Switch
logo
Sensortechnics GmbH
VSOHPS30-50-15 SENSORTECHNICS-VSOHPS30-50-15 Datasheet
70Kb / 4P
   High performance pressure controllers
logo
All Sensors Corporation
PSI-GF-HGRADE-MINI ASC-PSI-GF-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0107 ASC-DS-0107 Datasheet
138Kb / 4P
   Miniature Pressure Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com