Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMOM100GFDH Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # RMOM100GFDH
Description  Precision compensated pressure sensors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RMOM100GFDH Datasheet(HTML) 3 Page - Sensortechnics GmbH

  RMOM100GFDH Datasheet HTML 1Page - Sensortechnics GmbH RMOM100GFDH Datasheet HTML 2Page - Sensortechnics GmbH RMOM100GFDH Datasheet HTML 3Page - Sensortechnics GmbH RMOM100GFDH Datasheet HTML 4Page - Sensortechnics GmbH RMOM100GFDH Datasheet HTML 5Page - Sensortechnics GmbH RMOM100GFDH Datasheet HTML 6Page - Sensortechnics GmbH RMOM100GFDH Datasheet HTML 7Page - Sensortechnics GmbH RMOM100GFDH Datasheet HTML 8Page - Sensortechnics GmbH RMOM100GFDH Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RMO Series
Precision compensated pressure sensors
3/10
www.sensortechnics.com
E / 11711 / A
PERFORMANCE CHARACTERISTICS
(V
S = 12 V, TA = 25°C, pressure applied to port P1)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z
5
.
0
-0
5
.
0
+V
m
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
n
d
e
n
i
b
m
o
C
4
5
2
.
0
±5
.
0
±
S
S
F
%
)
C
°
0
7
o
t
0
(
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
5
n
a
p
S0
.
1
±
t
e
s
f
f
O5
.
0
±V
m
e
c
n
a
t
s
i
s
e
r
t
u
p
n
I
5
k
e
c
n
a
t
s
i
s
e
r
t
u
p
t
u
O
3
)
S
S
F
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R
H
"
0
1
/
r
a
b
m
5
2
ll
a
2
s
e
c
i
v
e
d
O0
0
5
s
µ
s
e
c
i
v
e
d
r
e
h
t
o
ll
A0
0
1
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
6
6V
Specification notes:
1.
Proof pressure is the maximum pressure which may be applied without causing durable shifts of the electrical parameters
o f the sensing element.
2.
Burst pressure is the maximum pressure which may be applied without causing damage to the sensing element or leaks from
the housing.
3.
Full scale span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure.
The span is ratiometric to the supply voltage.
4.
Non-linearity refers to the Best Straight Line fit measured for offset pressure, full-scale pressure and ½ full-scale pressure.
5.
Shift is relative to 25°C. The RMOM010.../RMOH004... have a compensated temperature range from 0 to 50°C.
6.
This is the common-mode voltage of the output arms (pins 2 and 4) for V
S = 12 V.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
ZH
M
T
A
0
3
0
P
.
.
.
,
H
D
N
A
0
3
0
P
O
M
R
H
M
T
A
2
0
0
B
.
.
.
,
H
D
N
A
2
0
0
B
O
M
R
0
.
1
-0
0
.
1
+V
m
s
e
c
i
v
e
d
r
e
h
t
o
ll
A5
.
0
-0
5
.
0
+
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
n
d
e
n
i
b
m
o
C
4
5
2
.
0
±0
.
1
±
S
S
F
%
)
C
°
0
7
o
t
0
(
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
5
n
a
p
S0
.
2
±
t
e
s
f
f
O0
.
1
±V
m
e
c
n
a
t
s
i
s
e
r
t
u
p
n
I
5
k
e
c
n
a
t
s
i
s
e
r
t
u
p
t
u
O
3
)
S
S
F
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R
H
"
0
1
/
r
a
b
m
5
2
o
t
p
u
s
e
c
i
v
e
d
ll
a
2O0
0
5
s
µ
s
e
c
i
v
e
d
r
e
h
t
o
ll
A0
0
1
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
6
6V
RMO...P devices (Prime Grade)
RMO...H devices (High Grade)


Similar Part No. - RMOM100GFDH

ManufacturerPart #DatasheetDescription
logo
TEMEX
RMO1490A TEMEX-RMO1490A Datasheet
3Mb / 2P
   Frequency stability over temperature as low
More results

Similar Description - RMOM100GFDH

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
   Precision compensated pressure sensors
PMOH004 SENSORTECHNICS-PMOH004 Datasheet
60Kb / 3P
   Precision compensated pressure sensors
HDOM010AE8H SENSORTECHNICS-HDOM010AE8H Datasheet
77Kb / 5P
   Precision compensated pressure sensors
RDOB001A2 SENSORTECHNICS-RDOB001A2 Datasheet
140Kb / 5P
   Precision compensated pressure sensors
HROM025 SENSORTECHNICS-HROM025 Datasheet
107Kb / 5P
   Precision compensated pressure sensors
logo
List of Unclassifed Man...
SCX01DN ETC1-SCX01DN Datasheet
209Kb / 10P
   Precision Compensated Pressure Sensors
logo
Sensortechnics GmbH
HDOM010P SENSORTECHNICS-HDOM010P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
RCOB001A SENSORTECHNICS-RCOB001A Datasheet
102Kb / 5P
   Precision compensated pressure sensors
SCX01DN SENSORTECHNICS-SCX01DN Datasheet
366Kb / 10P
   Precision compensated pressure sensors
HDOM010-P SENSORTECHNICS-HDOM010-P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com