Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTEM8600G4CXSEN Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # KTEM8600G4CXSEN
Description  Submersible pressure transducers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

KTEM8600G4CXSEN Datasheet(HTML) 2 Page - Sensortechnics GmbH

  KTEM8600G4CXSEN Datasheet HTML 1Page - Sensortechnics GmbH KTEM8600G4CXSEN Datasheet HTML 2Page - Sensortechnics GmbH KTEM8600G4CXSEN Datasheet HTML 3Page - Sensortechnics GmbH KTEM8600G4CXSEN Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
August 2008 / 225
KTE8000/KTU8000...CS Series
Submersible pressure transducers
www.sensortechnics.com
INDIVIDUAL PERFORMANCE CHARACTERISTICS
(unless otherwise noted, V
S = 15 V, RL = 100 Ω, tamb = 25°C)
Specification notes:
1.
The package is an all-sealed housing. For proper function the gage port is vented to the atmosphere through the
connecting cable. Thus the vent tube of the cable end must have access to the ambient pressure.
2.
The minimum supply voltage is directly proportional to the load resistance seen by the transmitter. For more details see the
load limitation diagram.
3.
Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element.
4.
Thermal effects tested and guaranteed from 0...70°C relative to 25°C. All specifications shown are relative to 25°C.
5.
Non-linearity refers to the Best Straight Line fit measured for offset, full scale span and 1/2 full scale span.
6.
Long term stability is the change in output after one year or 1 million pressure cycles.
7.
Span is the arithmetic difference in transmitter output signal measured at zero pressure and the maximum operating pressure.
8.
Tests are in accordance with EN61000-6-2, April 1999.
9.
CE-labelling is in accordance with 89/336/EEC.
10.
The pressure transmitters must not be used as safety accessories according to article 1, 2.1.3 of the directive 97/23/EC.
11.
Other sealing materials are available on request.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O.
.
.
0
5
2
8
M
E
T
K
.
.
.
0
0
4
8
M
E
T
K
.
.
.
0
0
6
8
M
E
T
K
.
.
.
0
K
1
8
M
E
T
K
.
.
.
6
K
1
8
M
E
T
K
.
.
.
0
K
2
8
M
E
T
K
0
0
0
0
0
0
0
5
2
0
0
4
0
0
6
0
0
0
1
0
0
6
1
0
0
0
2
r
a
b
m
.
.
.
5
0
0
8
U
T
K
.
.
.
0
1
0
8
U
T
K
.
.
.
5
1
0
8
U
T
K
.
.
.
0
2
0
8
U
T
K
.
.
.
0
3
0
8
U
T
K
0
0
0
0
0
5
0
1
5
1
0
2
0
3
i
s
p
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z9
.
30
.
41
.
4
A
m
n
a
p
s
e
l
a
c
s
ll
u
F
7
9
.
5
10
.
6
11
.
6
1
s
t
c
e
f
f
e
l
a
m
r
e
h
T
4
)
C
°
0
7
o
t
0
(t
e
s
f
f
OH
m
5
.
2
/
i
s
p
5
/
r
a
b
5
2
.
0
2O4
0
.
0
±8
0
.
0
±
C
°
/
O
S
F
%
H
m
0
1
/
i
s
p
5
1
/
r
a
b
1
<
2O3
0
.
0
±6
0
.
0
±
s
r
e
h
t
o
ll
a2
0
.
0
±4
0
.
0
±
n
a
p
S2
0
.
0
±4
0
.
0
±
)
C
°
0
o
t
5
2
-
(
s
t
c
e
f
f
e
l
a
m
r
e
h
Tt
e
s
f
f
OH
m
0
1
/
i
s
p
5
1
/
r
a
b
1
<
2O6
0
.
0
±
s
r
e
h
t
o
ll
a3
0
.
0
±
n
a
p
S3
0
.
0
±
s
i
s
e
r
e
t
s
y
h
,
y
t
i
r
a
e
n
il
-
n
o
N)
L
S
B
(y
t
il
i
b
a
t
a
e
p
e
r
d
n
a
5
1
.
0
±3
.
0
±
O
S
F
%
)
z
H
k
1
<
f
<
0
(
e
s
i
o
n
t
u
p
t
u
O
2
.
0
±
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
6
2
.
0
±
)
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R
15
s
m
n
o
i
t
c
e
j
e
r
y
l
p
p
u
s
r
e
w
o
Pt
e
s
f
f
O5
0
.
0
±
V
/
O
S
F
%
n
a
p
S5
0
.
0
±


Similar Part No. - KTEM8600G4CXSEN

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
KTEM2050G4C5S SENSORTECHNICS-KTEM2050G4C5S Datasheet
43Kb / 3P
   OEM submersible level sensors
KTEM2100G4C5S SENSORTECHNICS-KTEM2100G4C5S Datasheet
43Kb / 3P
   OEM submersible level sensors
KTEM2200G4C5S SENSORTECHNICS-KTEM2200G4C5S Datasheet
43Kb / 3P
   OEM submersible level sensors
KTEM6005G4CXS SENSORTECHNICS-KTEM6005G4CXS Datasheet
95Kb / 4P
   OEM submersible pressure transducers
KTEM6010G4CXS SENSORTECHNICS-KTEM6010G4CXS Datasheet
95Kb / 4P
   OEM submersible pressure transducers
More results

Similar Description - KTEM8600G4CXSEN

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
KTEM6250G4CXS SENSORTECHNICS-KTEM6250G4CXS Datasheet
95Kb / 4P
   OEM submersible pressure transducers
CTEM8250G4CXS SENSORTECHNICS-CTEM8250G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
CTEM9100G4CXS SENSORTECHNICS-CTEM9100G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
logo
Copal Electronics
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
   PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
   Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
   PRESSURE TRANSDUCERS
logo
Sensortechnics GmbH
ASDXL05D44D SENSORTECHNICS-ASDXL05D44D Datasheet
50Kb / 4P
   Pressure transducers
logo
Copal Electronics
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
P-8505 COPAL-P-8505 Datasheet
73Kb / 3P
   PRESSURE TRANSDUCERS
P-2000 COPAL-P-2000 Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com