Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTEM8005G4CXSUV Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # KTEM8005G4CXSUV
Description  Submersible pressure transducers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

KTEM8005G4CXSUV Datasheet(HTML) 1 Page - Sensortechnics GmbH

  KTEM8005G4CXSUV Datasheet HTML 1Page - Sensortechnics GmbH KTEM8005G4CXSUV Datasheet HTML 2Page - Sensortechnics GmbH KTEM8005G4CXSUV Datasheet HTML 3Page - Sensortechnics GmbH KTEM8005G4CXSUV Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
August 2008 / 225
KTE8000/KTU8000...CS Series
Submersible pressure transducers
www.sensortechnics.com
FEATURES
· 0...250 mbar to 0...2000 mbar,
0...5 to 0...30 psi gage
· For corrosive media
· 4...20 mA output
· Field interchangeable
SPECIFICATIONS9,10
Maximum ratings
Supply voltage2
(reverse polarity protection)
9...32 V
Temperature limits
Storage
-40 to 70°C
Operating
-25 to 70°C
Compensated
0 to 70°C
Vibration (5 to 500 Hz)
10 g
RMS
Mechanical shock
50 g
Proof pressure3
2 x rated pressure
ELECTRICAL CONNECTION
MEDIA COMPATIBILITY
Wetted materials:
PPS, ceramic Al
2O3, NBR (Viton), PUR (PE)
11
Housing:
protection class IP 68 (according to DIN EN 60529)
respectively NEMA 6P1
9 to 32 V
red
+Vs
L
GND
black
-Vs
R
V
sensor


Similar Part No. - KTEM8005G4CXSUV

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
KTEM2050G4C5S SENSORTECHNICS-KTEM2050G4C5S Datasheet
43Kb / 3P
   OEM submersible level sensors
KTEM2100G4C5S SENSORTECHNICS-KTEM2100G4C5S Datasheet
43Kb / 3P
   OEM submersible level sensors
KTEM2200G4C5S SENSORTECHNICS-KTEM2200G4C5S Datasheet
43Kb / 3P
   OEM submersible level sensors
KTEM6005G4CXS SENSORTECHNICS-KTEM6005G4CXS Datasheet
95Kb / 4P
   OEM submersible pressure transducers
KTEM6010G4CXS SENSORTECHNICS-KTEM6010G4CXS Datasheet
95Kb / 4P
   OEM submersible pressure transducers
More results

Similar Description - KTEM8005G4CXSUV

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
KTEM6250G4CXS SENSORTECHNICS-KTEM6250G4CXS Datasheet
95Kb / 4P
   OEM submersible pressure transducers
CTEM8250G4CXS SENSORTECHNICS-CTEM8250G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
CTEM9100G4CXS SENSORTECHNICS-CTEM9100G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
logo
Copal Electronics
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
   PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
   Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
   PRESSURE TRANSDUCERS
logo
Sensortechnics GmbH
ASDXL05D44D SENSORTECHNICS-ASDXL05D44D Datasheet
50Kb / 4P
   Pressure transducers
logo
Copal Electronics
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
P-8505 COPAL-P-8505 Datasheet
73Kb / 3P
   PRESSURE TRANSDUCERS
P-2000 COPAL-P-2000 Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com