Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQX122W12EP48000 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # LQX122W12EP48000
Description  12 mm isolated diaphragm solenoid valves
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

LQX122W12EP48000 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  LQX122W12EP48000 Datasheet HTML 1Page - Sensortechnics GmbH LQX122W12EP48000 Datasheet HTML 2Page - Sensortechnics GmbH LQX122W12EP48000 Datasheet HTML 3Page - Sensortechnics GmbH LQX122W12EP48000 Datasheet HTML 4Page - Sensortechnics GmbH LQX122W12EP48000 Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LQX12
12 mm isolated diaphragm solenoid valves
1/5
March 2008 / 257
www.sensortechnics.com
FEATURES
· 3-way universal or 2-way normally closed
configurations
· EPDM or FFKM elastomer options
· 12 mm centreline spacing; ideal for
manifold mounting
· Low internal unswept volume
· Secure electrical termination to standard
female connectors with friction-locked
(latching) electrical connection
· Manifold sub-base; option of fluid
connectors on single or multiple station
assemblies
PHYSICAL PROPERTIES
Operating environment
0 to 55 °C
Storage temperature
-40 to 70 °C
Porting
manifold mount with gasket
Manifold options
1/4-28 fluid connectors
available on single or
multiple station manifolds
Weight
25 g
Internal volume
32 µl (to manifold interface)
MEDIA COMPATIBILITY
Liquids and gases
ELECTRICAL
Power
max. 2 W
Voltage
12 or 24 V
DC ± 5%
(other options available)
Electrical connections*
2.54 mm pitch male pins,
friction-locked design receives
standard female connector
* Options: 18" leaded assembly, splash guard for wet environment
WETTED MATERIALS
Elastomer: EPDM or FFKM
Body/manifold: PEEK


Similar Part No. - LQX122W12EP48000

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LQX163W12EP48000 SENSORTECHNICS-LQX163W12EP48000 Datasheet
169Kb / 5P
   16 mm isolated diaphragm solenoid valves
LQX163W12EPFS000 SENSORTECHNICS-LQX163W12EPFS000 Datasheet
169Kb / 5P
   16 mm isolated diaphragm solenoid valves
LQX163W12FK48000 SENSORTECHNICS-LQX163W12FK48000 Datasheet
169Kb / 5P
   16 mm isolated diaphragm solenoid valves
LQX163W12FKFS000 SENSORTECHNICS-LQX163W12FKFS000 Datasheet
169Kb / 5P
   16 mm isolated diaphragm solenoid valves
LQX163W24EP48000 SENSORTECHNICS-LQX163W24EP48000 Datasheet
169Kb / 5P
   16 mm isolated diaphragm solenoid valves
More results

Similar Description - LQX122W12EP48000

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LQX163W12FKFS000 SENSORTECHNICS-LQX163W12FKFS000 Datasheet
169Kb / 5P
   16 mm isolated diaphragm solenoid valves
logo
Cynergy3 Co
SOL1A1 CYNERGY3-SOL1A1 Datasheet
176Kb / 2P
   Industrial Solenoid Valves
logo
Sensortechnics GmbH
X103SFB SENSORTECHNICS-X103SFB Datasheet
91Kb / 4P
   8 mm switching soleniod valves
logo
CUI Devices
CPT-2064-L100 CUID-CPT-2064-L100 Datasheet
353Kb / 4P
   PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2065-L100 CUID-CPT-2065-L100 Datasheet
311Kb / 4P
   PIEZOELECTRIC DIAPHRAGM
08/05/2022
CEB-20FD64 CUID-CEB-20FD64 Datasheet
240Kb / 3P
   PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-3529-L100 CUID-CPT-3529-L100 Datasheet
367Kb / 4P
   PIEZOELECTRIC DIAPHRAGM
08/05/2022
CEB-27D44 CUID-CEB-27D44 Datasheet
237Kb / 3P
   PIEZOELECTRIC DIAPHRAGM
08/05/2022
logo
List of Unclassifed Man...
4019-A ETC2-4019-A Datasheet
147Kb / 4P
   VALVES TRIODES
4307-A ETC2-4307-A Datasheet
265Kb / 4P
   STANDARD VALVES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com