Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQX123W24EPFS000 Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # LQX123W24EPFS000
Description  12 mm isolated diaphragm solenoid valves
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

LQX123W24EPFS000 Datasheet(HTML) 4 Page - Sensortechnics GmbH

  LQX123W24EPFS000 Datasheet HTML 1Page - Sensortechnics GmbH LQX123W24EPFS000 Datasheet HTML 2Page - Sensortechnics GmbH LQX123W24EPFS000 Datasheet HTML 3Page - Sensortechnics GmbH LQX123W24EPFS000 Datasheet HTML 4Page - Sensortechnics GmbH LQX123W24EPFS000 Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LQX12
12 mm isolated diaphragm solenoid valves
4/5
March 2008 / 257
www.sensortechnics.com
0.470±0.002
(11.9±0.05)
0.075
(1.9)
0.310
(7.9)
0.150
(3.8)
0.996±0.002
(25.3±0.05)
0.564
(14.3)
0.157±0.002
(4.0±0.05)
0.157±0.002
(4.0±0.05)
Ø 0.060 (Ø1.5) through
4 x #2-56 UNC
0.25
(or M2
6.4)
2 x Ø 0.060
0.26
(Ø 1.5
6.6)
Parts shall have a
finish
in the indicated area
.32
MANIFOLD INTERFACE
dimensions in inches (mm)
OUTLINE DRAWING (cont.)
dimensions in inches (mm)
1/4-28 fluid connector option
(3-way only)
0.065
(1.65)
0.325
(8.26)
0.996
(25.30)
Ø 0.375
(9.53)
0.549
(13.95)
0.414
(10.52)
0.210
(5.33)
0.945
(24.00)
1.270
(32.26)
1.335
(33.91)
0.500
(12.70)
0.470
(11.945)
0.500
(12.70)
0.770
(19.56)
Ø 0.093 (2.36)
through
R 0.109 (2.77)
Ø 0.218 (5.54)


Similar Part No. - LQX123W24EPFS000

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LQX163W12EP48000 SENSORTECHNICS-LQX163W12EP48000 Datasheet
169Kb / 5P
   16 mm isolated diaphragm solenoid valves
LQX163W12EPFS000 SENSORTECHNICS-LQX163W12EPFS000 Datasheet
169Kb / 5P
   16 mm isolated diaphragm solenoid valves
LQX163W12FK48000 SENSORTECHNICS-LQX163W12FK48000 Datasheet
169Kb / 5P
   16 mm isolated diaphragm solenoid valves
LQX163W12FKFS000 SENSORTECHNICS-LQX163W12FKFS000 Datasheet
169Kb / 5P
   16 mm isolated diaphragm solenoid valves
LQX163W24EP48000 SENSORTECHNICS-LQX163W24EP48000 Datasheet
169Kb / 5P
   16 mm isolated diaphragm solenoid valves
More results

Similar Description - LQX123W24EPFS000

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LQX163W12FKFS000 SENSORTECHNICS-LQX163W12FKFS000 Datasheet
169Kb / 5P
   16 mm isolated diaphragm solenoid valves
logo
Cynergy3 Co
SOL1A1 CYNERGY3-SOL1A1 Datasheet
176Kb / 2P
   Industrial Solenoid Valves
logo
Sensortechnics GmbH
X103SFB SENSORTECHNICS-X103SFB Datasheet
91Kb / 4P
   8 mm switching soleniod valves
logo
CUI Devices
CPT-2064-L100 CUID-CPT-2064-L100 Datasheet
353Kb / 4P
   PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2065-L100 CUID-CPT-2065-L100 Datasheet
311Kb / 4P
   PIEZOELECTRIC DIAPHRAGM
08/05/2022
CEB-20FD64 CUID-CEB-20FD64 Datasheet
240Kb / 3P
   PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-3529-L100 CUID-CPT-3529-L100 Datasheet
367Kb / 4P
   PIEZOELECTRIC DIAPHRAGM
08/05/2022
CEB-27D44 CUID-CEB-27D44 Datasheet
237Kb / 3P
   PIEZOELECTRIC DIAPHRAGM
08/05/2022
logo
List of Unclassifed Man...
4019-A ETC2-4019-A Datasheet
147Kb / 4P
   VALVES TRIODES
4307-A ETC2-4307-A Datasheet
265Kb / 4P
   STANDARD VALVES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com