Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

914232053000 Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # 914232053000
Description  10 mm switching soleniod valve
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

914232053000 Datasheet(HTML) 3 Page - Sensortechnics GmbH

  914232053000 Datasheet HTML 1Page - Sensortechnics GmbH 914232053000 Datasheet HTML 2Page - Sensortechnics GmbH 914232053000 Datasheet HTML 3Page - Sensortechnics GmbH 914232053000 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
E / 11260 / A
www.sensortechnics.com
Ten-X
®
10 mm switching soleniod valve
OUTLINE DRAWING AND MANIFOLD MOUNT DIAGRAM
dimensions in inches (mm)
6 psi devices
20 psi and 30 psi devices with electronics
0.212
(5.38)
0.361
(9.17)
0.100
(2.54)
1.303 (33.10)
1.174 (29.81)
0.619
(15.72)
0.170
(4.32)
0.035 (0.89)
Ø 0.093 (2.36)
Ø 0.120 (3.05)
0.976 (24.79)
0.195
(4.95)
0.390
(9.91)
0.267 (6.78)
0.262 (6.65)
0.870 (22.10)
Feature for
2-56 screw for
valve mounting
0.766 (19.46)
Barb fittings for
0.078 I.D.
polyurethane tubing
0.025 (0.64)
sq. pins
0.475
(12.07)
1.139 (28.93)
0.148 (3.75)
0.170
(4.32)
0.976 (24.79)
0.195
(4.95)
0.390
(9.91)
0.236 (6.00)
0.575
(14.61)
Long pin
0.375
(9.53)
Short pin
0.077 (1.96)
0.020 (0.5)
sq. pins
0.212 (5.38)
0.766 (19.46)
0.030 (0.76)
for use with wire hold down
for PCB mounting
1.25 (31.78)
0.207 (5.26)
0.870 (22.10)
0.174 (4.42)
Barb fittings for
0.078 (1.98) I.D.
polyurethane tubing
Ø 0.093 (2.36)
Ø 0.120 (3.05)
Feature for
2-56 screw for
valve mounting
Normally open port
Common port
Normally closed port
Normally closed port
Common port
Normally open port
0.394
(10.01)
0.871
(22.12)
0.197
(5.0)
0.976
(24.79)
0.766
(19.46)
2-56
UNC-2B
0.394
(10.01)
(Ø 2.29
Ø 3.35 ±0.025 x
4.57
Ø 3.91 ±0.076 x
1.4 ±0.05
c'drill 40° to Ø 3.35)
Ø 0.090
Ø 0.132 ±0.001 x
0.180
Ø 0.154 ±0.003 x
0.055 ±0.002
c'drill 40° to Ø 0.132
dimensions in inches (mm)
0.394
(10.01)
0.871
(22.12)
0.197
(5.0)
0.976
(24.79)
0.766
(19.46)
2-56
UNC-2B
0.394
(10.01)
(Ø 2.29
Ø 3.35 ±0.025 x
4.57
Ø 3.91 ±0.076 x
1.4 ±0.05
c'drill 40° to Ø 3.35)
Ø 0.090
Ø 0.132 ±0.001 x
0.180
Ø 0.154 ±0.003 x
0.055 ±0.002
c'drill 40° to Ø 0.132


Similar Part No. - 914232053000

ManufacturerPart #DatasheetDescription
logo
Heyco.
9142 HEYCO-9142 Datasheet
90Kb / 1P
   Blunt Rivets
9142 HEYCO-9142 Datasheet
90Kb / 1P
   Blunt Rivets
logo
Meder Electronic
9142711024 MEDER-9142711024 Datasheet
68Kb / 2P
   Reed sensor
More results

Similar Description - 914232053000

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
X103SFB SENSORTECHNICS-X103SFB Datasheet
91Kb / 4P
   8 mm switching soleniod valves
001-0017-900 SENSORTECHNICS-001-0017-900 Datasheet
74Kb / 3P
   Inert isolation soleniod valves
002-0017-900 SENSORTECHNICS-002-0017-900 Datasheet
76Kb / 3P
   Inert isolation soleniod valves
009-0100-900 SENSORTECHNICS-009-0100-900 Datasheet
188Kb / 5P
   High-performance media resistant soleniod valves
PULSE-VALVES-9-99 SENSORTECHNICS-PULSE-VALVES-9-99 Datasheet
99Kb / 3P
   High-performance media resistant soleniod valves
PND05D3 SENSORTECHNICS-PND05D3 Datasheet
63Kb / 3P
   Switching solenoid dump valve
logo
Ralston Instruments.
QTHA-MTB0-10MM RALSTON-QTHA-MTB0-10MM_19 Datasheet
348Kb / 1P
   10 mm tube fitting x male Quick-test, no check-valve, brass
QTHA-MTB0-10MM RALSTON-QTHA-MTB0-10MM Datasheet
385Kb / 1P
   10 mm tube fitting x male Quick-test, no check-valve, brass
logo
Sensortechnics GmbH
099-0051-900 SENSORTECHNICS-099-0051-900 Datasheet
193Kb / 5P
   Ultra-high leak integrity media resistant soleniod valves
11101BV5P00 SENSORTECHNICS-11101BV5P00 Datasheet
265Kb / 5P
   PC mount switching solenoid valve
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com