Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RZUP030DN Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # RZUP030DN
Description  Basic pressure sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RZUP030DN Datasheet(HTML) 2 Page - Sensortechnics GmbH

  RZUP030DN Datasheet HTML 1Page - Sensortechnics GmbH RZUP030DN Datasheet HTML 2Page - Sensortechnics GmbH RZUP030DN Datasheet HTML 3Page - Sensortechnics GmbH RZUP030DN Datasheet HTML 4Page - Sensortechnics GmbH RZUP030DN Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RZU Series
Basic pressure sensors
2/5
E / 11708 / A
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS
(I
S = 1.0 mA, TA=25°C, common-mode line pressure = 0 psig, pressure applied to P1 for Button, N and A2 housings,
pressure applied to P2 for G2 and D4 housings)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z0
.
0
3
-0
1
-0
.
0
2V
m
y
t
il
i
b
a
t
a
e
p
e
r
d
n
a
s
i
s
e
r
e
t
s
y
h
,
y
t
i
r
a
e
n
il
d
e
n
i
b
m
o
C
1
5
2
.
00
5
.
0
O
S
F
%
)
C
°
0
5
o
t
0
(
s
t
c
e
f
f
e
l
a
m
r
e
h
T
7
t
e
s
f
f
O
3
0
5
.
00
0
.
2
n
a
p
S
2
5
2
.
00
5
.
1
n
a
p
s
d
n
a
t
e
s
f
f
o
f
o
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
5
0
1
.
0V
m
)
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R
6
0
1
.
0s
m
e
c
n
a
d
e
p
m
i
t
u
p
n
I0
0
.
40
0
.
50
5
.
6
k
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O0
0
.
40
0
.
50
5
.
6
Accuracy is the sum of hysteresis and linearity. Hysteresis is the maximum output difference at any point within the operating
pressure range for increasing and decreasing pressure. Linearity refers to the best straight line fit as measured for the
offset, full-scale and 1/2 full-scale pressure at 25°C.
This is the maximum temperature shift for span when measured between 0 and 50°C relative to the 25°C reading.
Typical temperature coefficients for span and resistance are -2200 and +2200 ppm/°C respectively.
This is the maximum temperature shift for offset when measured between 0 and 50°C relative to the 25°C reading.
Span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure.
Maximum difference in output at any pressure with the operating pressure range and temperature within 0 to 50°C after:
a)
100 temperature cycles, 0 to 50°C.
b)
1.0 million pressure cycles, 0 psi to full-scale span.
Response time for a 0 psi to full-scale span pressure step change. 10 to 90 % rise time.
Temp. effect on span and offset is guaranteed by design. Therefore these parameters are not 100 % tested.
If the proof pressure is exceeded, even momentarily, the package may leak or burst, or the pressure sensing die may fracture.
Note: The proof pressure for the forward gage of all devices in the dual port DIP package (RZU...4) is the specified value or
100 psi whatever is less. The RZUP100D (button package) can be used in forward gage mode only when the pressure does
not exceed 30 psi, or special care ist taken.
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
r
e
b
m
u
n
t
r
a
Pe
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
Oe
r
u
s
s
e
r
p
f
o
o
r
P
8
n
a
p
s
e
l
a
c
s
-
l
l
u
F
5
,
1
.
.
.
)
G
,
D
(
5
0
0
P
U
Z
R)
g
(
d
i
s
p
5
.
.
.
0i
s
p
0
2V
m
5
6
-
5
2
.
.
.
A
5
1
0
P
U
Z
Ra
i
s
p
5
1
.
.
.
0a
i
s
p
0
3V
m
5
9
-
0
3
.
.
.
)
G
,
D
(
5
1
0
P
U
Z
R)
g
(
d
i
s
p
5
1
.
.
.
0i
s
p
0
3V
m
5
9
-
0
4
.
.
.
A
0
3
0
P
U
Z
Ra
i
s
p
0
3
.
.
.
0a
i
s
p
0
6V
m
0
5
1
-
0
6
.
.
.
)
G
,
D
(
0
3
0
P
U
Z
R)
g
(
d
i
s
p
0
3
.
.
.
0i
s
p
0
6V
m
0
5
1
-
0
6
.
.
.
A
0
0
1
P
U
Z
Ra
i
s
p
0
0
1
.
.
.
0a
i
s
p
0
5
1V
m
5
2
2
-
5
8
.
.
.
)
G
,
D
(
0
0
1
P
U
Z
R)
g
(
d
i
s
p
0
0
1
.
.
.
0i
s
p
0
5
1V
m
5
2
2
-
5
8
PRESSURE SENSOR CHARACTERISTICS
(I
S = 1.0 mA, TA=25°C, common-mode line pressure = 0 psig, pressure applied to P1 for Button, N and A2 housings,
pressure applied to P2 for G2 and D4 housings)


Similar Part No. - RZUP030DN

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
RZUS-U9 MSYSTEM-RZUS-U9 Datasheet
337Kb / 10P
   PC Recorders RZUS Series PC RECORDER
RZUS-U9T/MSR MSYSTEM-RZUS-U9T/MSR Datasheet
337Kb / 10P
   PC Recorders RZUS Series PC RECORDER
More results

Similar Description - RZUP030DN

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RXUB001A SENSORTECHNICS-RXUB001A Datasheet
267Kb / 7P
   Basic pressure sensors
RQUM050D SENSORTECHNICS-RQUM050D Datasheet
157Kb / 4P
   Basic pressure sensors
HDUM100 SENSORTECHNICS-HDUM100 Datasheet
582Kb / 4P
   Basic pressure sensors
RPUM035G6A SENSORTECHNICS-RPUM035G6A Datasheet
219Kb / 5P
   Basic pressure sensors
HMUM100 SENSORTECHNICS-HMUM100 Datasheet
357Kb / 14P
   Basic pressure sensors
logo
All Sensors Corporation
DS-0105 ASC-DS-0105 Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
5INCH-D2-BASIC ASC-5INCH-D2-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
logo
Sensortechnics GmbH
RXUH004D SENSORTECHNICS-RXUH004D Datasheet
186Kb / 4P
   Basic low pressure sensors
logo
All Sensors Corporation
1INCH-G-BASIC ASC-1INCH-G-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
1INCH-D1-BASIC ASC-1INCH-D1-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com