Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXUP001D Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # RXUP001D
Description  Basic pressure sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RXUP001D Datasheet(HTML) 6 Page - Sensortechnics GmbH

  RXUP001D Datasheet HTML 1Page - Sensortechnics GmbH RXUP001D Datasheet HTML 2Page - Sensortechnics GmbH RXUP001D Datasheet HTML 3Page - Sensortechnics GmbH RXUP001D Datasheet HTML 4Page - Sensortechnics GmbH RXUP001D Datasheet HTML 5Page - Sensortechnics GmbH RXUP001D Datasheet HTML 6Page - Sensortechnics GmbH RXUP001D Datasheet HTML 7Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RXU Series
Basic pressure sensors
6/7
E / 11707 / A
www.sensortechnics.com
ELECTRICAL CONNECTION
RXU...(Button) and
RXU...N
RXU...D4
RXU...A2
RXU...G2
The polarity indicated is for pressure applied to
RXU...(Button), ...N, ...A2 :
P1 (forward gage)
RXU...G2, ...D4
:
P2 (backward gage)
mass: 1 g
dimensions in mm (inches)
DIP package, dual port
PHYSICAL DIMENSIONS (cont.)
3.43
(0.135)
15.2
(0.60) NOM
3.6
(0.14)
6.4
(0.25)
4.3
(0.17) TYP
0.25
(0.010)
TYP
13.97
(0.550)
11.94
(0.470)
Ø 2.29
(0.090) TYP
2 ° draft
7.24
(0.285)
9.65
(0.380)
2.79
(0.110) TYP
2.54
(0.100) TYP
0.51
(0.020) TYP
7.62
(0.300) TYP
4
out +
+Vs
1
P1
out -
GND
+Vs
Pin 1 identified by
chamfered corner
+Vs
4
Vent hole
out -
+Vs
1
P2
out +
GND
Pin 1 identified by
chamfered corner
P1
GND
out -
1
out +
4
+Vs
P2
+Vs
+VS
3
out - 4
1
GND
out + 2
P1
Pin 1 identification tab
third angle projection


Similar Part No. - RXUP001D

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RXUH004D SENSORTECHNICS-RXUH004D Datasheet
186Kb / 4P
   Basic low pressure sensors
RXUM010 SENSORTECHNICS-RXUM010 Datasheet
186Kb / 4P
   Basic low pressure sensors
More results

Similar Description - RXUP001D

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RQUM050D SENSORTECHNICS-RQUM050D Datasheet
157Kb / 4P
   Basic pressure sensors
RZUP015A SENSORTECHNICS-RZUP015A Datasheet
261Kb / 5P
   Basic pressure sensors
HDUM100 SENSORTECHNICS-HDUM100 Datasheet
582Kb / 4P
   Basic pressure sensors
RPUM035G6A SENSORTECHNICS-RPUM035G6A Datasheet
219Kb / 5P
   Basic pressure sensors
HMUM100 SENSORTECHNICS-HMUM100 Datasheet
357Kb / 14P
   Basic pressure sensors
logo
All Sensors Corporation
DS-0105 ASC-DS-0105 Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
5INCH-D2-BASIC ASC-5INCH-D2-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
logo
Sensortechnics GmbH
RXUH004D SENSORTECHNICS-RXUH004D Datasheet
186Kb / 4P
   Basic low pressure sensors
logo
All Sensors Corporation
1INCH-G-BASIC ASC-1INCH-G-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
1INCH-D1-BASIC ASC-1INCH-D1-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com