Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPOB001G6B Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # RPOB001G6B
Description  Pressure sensors with special fittings
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RPOB001G6B Datasheet(HTML) 2 Page - Sensortechnics GmbH

  RPOB001G6B Datasheet HTML 1Page - Sensortechnics GmbH RPOB001G6B Datasheet HTML 2Page - Sensortechnics GmbH RPOB001G6B Datasheet HTML 3Page - Sensortechnics GmbH RPOB001G6B Datasheet HTML 4Page - Sensortechnics GmbH RPOB001G6B Datasheet HTML 5Page - Sensortechnics GmbH RPOB001G6B Datasheet HTML 6Page - Sensortechnics GmbH RPOB001G6B Datasheet HTML 7Page - Sensortechnics GmbH RPOB001G6B Datasheet HTML 8Page - Sensortechnics GmbH RPOB001G6B Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RPU/RPO Specials
Pressure sensors with special fittings
2/16
E / 11704 / A
www.sensortechnics.com
OUTLINE DRAWINGS
FOR GAGE DEVICES
RP...G
6B
(Barbed, pinning 1 x 4)
mass: 2 g
dimensions in mm
P2
12,7
2,29
4x0,5
3x2,54
1,27
4x1,02
Notch
Pin 1
Ø4,1
Ø3,2
Ø4,7
4x0,41
7,9
RP...G
2B
(Barbed, pinning 2 x 2)
mass: 2 g
dimensions in mm
Ø3,2
Ø4,7
4x0,41
8,4
7,9
1
2
3
4
12,7
4 x
1,02
2,54
4x0,5
5,08
Notch
Pin 1
P2
third angle projection
third angle projection


Similar Part No. - RPOB001G6B

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RPOB001G6A SENSORTECHNICS-RPOB001G6A Datasheet
219Kb / 5P
   Compensated and calibrated pressure sensors
More results

Similar Description - RPOB001G6B

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
24PC0035D2BE SENSORTECHNICS-24PC0035D2BE Datasheet
159Kb / 12P
   Pressure sensors with special fittings and sealings
logo
Baumer IVO GmbH & Co. K...
G305 IVO-G305 Datasheet
342Kb / 2P
   Special Encoders & Sensors
GCM2K IVO-GCM2K Datasheet
464Kb / 3P
   Special Encoders & Sensors
G080 IVO-G080 Datasheet
281Kb / 2P
   Special Encoders & Sensors
GCI0L IVO-GCI0L Datasheet
250Kb / 4P
   Special Encoders & Sensors
GNAMG IVO-GNAMG Datasheet
678Kb / 4P
   Special Encoders & Sensors
GCI0K IVO-GCI0K Datasheet
494Kb / 6P
   Special Encoders & Sensors
logo
Omron Electronics LLC
E3C-1 OMRON-E3C-1 Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
E3C-S10 OMRON-E3C-S10 Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com