Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPOB016D6A Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # RPOB016D6A
Description  Compensated and calibrated pressure sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RPOB016D6A Datasheet(HTML) 2 Page - Sensortechnics GmbH

  RPOB016D6A Datasheet HTML 1Page - Sensortechnics GmbH RPOB016D6A Datasheet HTML 2Page - Sensortechnics GmbH RPOB016D6A Datasheet HTML 3Page - Sensortechnics GmbH RPOB016D6A Datasheet HTML 4Page - Sensortechnics GmbH RPOB016D6A Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RPO Series
Compensated and calibrated pressure sensors
E / 11703 / A
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS
(V
s = 10.0 ± 0.01 V, tamb = 25 °C)
PRESSURE SENSOR CHARACTERISTICS
(V
s = 10.0 ± 0.01 V, tamb = 25 °C)
r
e
b
m
u
n
t
r
a
Pe
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
Oe
r
u
s
s
e
r
p
f
o
o
r
P
1
n
a
p
s
e
l
a
c
s
-
l
l
u
F
2
.
n
i
M.
p
y
T.
x
a
M
.
.
.
0
5
0
M
O
P
Rr
a
b
m
0
5
.
.
.
0r
a
b
4
.
1V
m
5
.
0
1V
m
0
.
2
1V
m
6
.
3
1
.
.
.
0
0
1
M
O
P
Rr
a
b
m
0
0
1
.
.
.
0r
a
b
4
.
1V
m
0
.
0
2V
m
0
.
4
2V
m
0
.
7
2
.
.
.
0
5
2
M
O
P
Rr
a
b
m
0
5
2
.
.
.
0r
a
b
4
.
1V
m
5
.
3
3V
m
0
.
6
3V
m
5
.
8
3
.
.
.
1
0
0
B
O
P
Rr
a
b
1
.
.
.
0r
a
b
3V
m
0
.
3
9V
m
0
.
7
9V
m
0
.
0
0
1
.
.
.
2
0
0
B
O
P
Rr
a
b
2
.
.
.
0r
a
b
4V
m
0
.
1
9V
m
0
.
7
9V
m
0
.
0
0
1
.
.
.
5
0
0
B
O
P
Rr
a
b
5
.
.
.
0r
a
b
2
1V
m
0
.
9
6V
m
0
.
2
7V
m
0
.
6
7
.
.
.
0
1
0
B
O
P
Rr
a
b
0
1
.
.
.
0r
a
b
5
3V
m
0
.
2
8V
m
0
.
7
8V
m
0
.
2
9
.
.
.
6
1
0
B
O
P
Rr
a
b
6
1
.
.
.
0r
a
b
5
3V
m
0
.
3
3
1V
m
0
.
0
4
1V
m
0
.
7
4
1
.
.
.
1
0
0
P
O
P
Ri
s
p
1
.
.
.
0i
s
p
0
2V
m
7
.
4
1V
m
7
.
6
1V
m
7
.
8
1
.
.
.
5
0
0
P
O
P
Ri
s
p
5
.
.
.
0i
s
p
0
2V
m
7
4V
m
0
5V
m
3
5
.
.
.
5
1
0
P
O
P
Ri
s
p
5
1
.
.
.
0i
s
p
5
4V
m
7
9V
m
0
0
1V
m
3
0
1
.
.
.
0
3
0
P
O
P
Ri
s
p
0
3
.
.
.
0i
s
p
0
6V
m
7
9V
m
0
0
1V
m
3
0
1
.
.
.
0
0
1
P
O
P
Ri
s
p
0
0
1
.
.
.
0i
s
p
0
0
2V
m
5
9V
m
0
0
1V
m
5
0
1
.
.
.
0
5
2
P
O
P
Ri
s
p
0
5
2
.
.
.
0i
s
p
0
0
5V
m
3
4
1V
m
0
5
1V
m
7
5
1
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
M
t
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Zi
s
p
0
3
/
r
a
b
2
o
t
p
u
s
e
c
i
v
e
d
ll
a
s
e
c
i
v
e
d
i
s
p
0
0
1
/
r
a
b
5
ll
a
s
e
c
i
v
e
d
r
e
h
t
o
ll
a
5
7
.
0
-
0
.
2
-
5
.
1
-
5
7
.
0
+
0
.
2
+
5
.
1
+
V
m
)
C
°
0
5
o
t
0
(
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
4
t
e
s
f
f
Oi
s
p
5
1
/
r
a
b
1
o
t
p
u
s
e
c
i
v
e
d
ll
a
s
e
c
i
v
e
d
i
s
p
0
3
/
r
a
b
2
ll
a
s
e
c
i
v
e
d
r
e
h
t
o
ll
a
5
.
0
±
5
7
.
0
±
0
.
1
±
0
.
1
±
5
.
1
±
0
.
2
±
n
a
p
Si
s
p
1
/
r
a
b
m
0
0
1
o
t
p
u
s
e
c
i
v
e
d
ll
a
s
e
c
i
v
e
d
r
e
h
t
o
ll
a
0
.
1
±
0
.
1
±
.
.
.
5
7
.
0
±
0
.
2
±
5
.
1
±
%
n
a
p
s
)
L
S
B
(
y
t
i
r
a
e
n
il
-
n
o
N
3
i
s
p
5
1
/
r
a
b
1
o
t
p
u
s
e
c
i
v
e
d
ll
a
s
e
c
i
v
e
d
i
s
p
0
3
/
r
a
b
2
ll
a
s
e
c
i
v
e
d
r
e
h
t
o
ll
a
5
2
.
0
±
1
.
0
±
1
.
0
±
5
.
0
±
2
.
0
±
7
.
0
±
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
il
i
b
a
t
a
e
p
e
R
5
2
.
0
±
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
7
5
.
0
±
e
c
n
a
d
e
p
m
i
t
u
p
n
I5
.
55
.
75
.
1
1
k
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O5
.
15
.
20
.
3
e
m
i
t
e
s
n
o
p
s
e
R
6
0
.
1s
m


Similar Part No. - RPOB016D6A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RPOB001G2B SENSORTECHNICS-RPOB001G2B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
RPOB001G6B SENSORTECHNICS-RPOB001G6B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
RPOB002G2B SENSORTECHNICS-RPOB002G2B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
RPOB002G6B SENSORTECHNICS-RPOB002G6B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
More results

Similar Description - RPOB016D6A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
26PC0050D2 SENSORTECHNICS-26PC0050D2 Datasheet
55Kb / 4P
   Temp. compensated and calibrated pressure sensors
26PC0070D2 SENSORTECHNICS-26PC0070D2 Datasheet
60Kb / 4P
   Temp. compensated and calibrated pressure sensors
26PC0050DSMT SENSORTECHNICS-26PC0050DSMT Datasheet
181Kb / 4P
   Temp. compensated and calibrated pressure sensors
RQOM050D SENSORTECHNICS-RQOM050D Datasheet
157Kb / 4P
   Temp. compensated and calibrated pressure sensors
logo
Silicon Microstructures...
SM5651 SMI-SM5651 Datasheet
2Mb / 5P
   Compensated and Calibrated low Pressure Sensor
logo
List of Unclassifed Man...
SM5651-001 ETC2-SM5651-001 Datasheet
1Mb / 5P
   COMPENSATED AND CALIBRATED LOW PRESSURE SENSOR
logo
Silicon Microstructures...
SM5652 SMI-SM5652 Datasheet
1Mb / 5P
   Compensated and Calibrated Low Pressure Sensor
logo
WOLFSPEED, INC.
AMS5612 WOLFSPEED-AMS5612 Datasheet
283Kb / 6P
   Calibrated and temperature compensated pressure sensor
March 2015 Rev. 1.4
logo
Freescale Semiconductor...
MPX2053 FREESCALE-MPX2053_08 Datasheet
388Kb / 19P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2100 FREESCALE-MPX2100_08 Datasheet
142Kb / 10P
   100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com