Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS164A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS164A
Description  8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS164A Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS164A Datasheet HTML 1Page - Texas Instruments SN74ALS164A Datasheet HTML 2Page - Texas Instruments SN74ALS164A Datasheet HTML 3Page - Texas Instruments SN74ALS164A Datasheet HTML 4Page - Texas Instruments SN74ALS164A Datasheet HTML 5Page - Texas Instruments SN74ALS164A Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SN74ALS164A
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
SDAS159D – APRIL 1982 – REVISED DECEMBER 1994
Copyright
© 1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AND-Gated (Enable/Disable) Serial Inputs
Fully Buffered Clock and Serial Inputs
Direct Clear
Package Options Include Plastic
Small-Outline (D) Packages and Standard
Plastic (N) 300-mil DIPs
description
This 8-bit parallel-out serial shift register features
AND-gated serial (A and B) inputs and an
asynchronous clear (CLR) input. The gated serial
inputs permit control over incoming data because a low at either input inhibits entry of the new data and resets
the first flip-flop to the low level at the next clock pulse. A high-level input enables the other input, which
determines the state of the first flip-flop. Data at the serial inputs can be changed while the clock is high or low,
provided that the minimum setup-time requirements are met. Clocking occurs on the low-to-high-level transition
of the clock (CLK) input. All inputs are diode clamped to minimize transmission-line effects.
The SN74ALS164A is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OUTPUTS†
CLR
CLK
A
B
QA
QB ...QH
L
X
X
X
L
L
L
H
LX
X
QA0
QB0
QH0
H
HH
H
QAn
QGn
H
LX
L
QAn
QGn
H
X
L
L
QAn
QGn
† QA0, QB0, QH0 = the level of QA, QB, or QH, respectively,
before the indicated steady-state input conditions were
established.
H = high level (steady state), L = low level (steady state)
X = irrelevant (any input, including transitions)
↑ = transition from low to high level
QAn, QGn = the level of QA or QG before the most recent
↑ transition of the clock; indicates a 1-bit shift.
D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
A
B
QA
QB
QC
QD
GND
VCC
QH
QG
QF
QE
CLR
CLK
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74ALS164A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS164A TI1-SN74ALS164A Datasheet
665Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
SN74ALS164AD TI1-SN74ALS164AD Datasheet
665Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
SN74ALS164ADG4 TI1-SN74ALS164ADG4 Datasheet
665Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
SN74ALS164ADR TI1-SN74ALS164ADR Datasheet
665Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
SN74ALS164AN TI1-SN74ALS164AN Datasheet
665Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
More results

Similar Description - SN74ALS164A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C164 FAIRCHILD-MM74C164 Datasheet
78Kb / 7P
   8-Bit Parallel-Out Serial Shift Register
logo
Texas Instruments
SN74ALS164A TI1-SN74ALS164A_14 Datasheet
665Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
Unisonic Technologies
U74AHC164 UTC-U74AHC164_V01 Datasheet
225Kb / 5P
   8-BIT SERIAL-PARALLEL-OUT SHIFT REGISTER
logo
National Semiconductor ...
MM54C164 NSC-MM54C164 Datasheet
128Kb / 6P
   8-Bit Parallel-Out Serial Shift Register
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com