Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPUP005G6A Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # RPUP005G6A
Description  Basic pressure sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RPUP005G6A Datasheet(HTML) 1 Page - Sensortechnics GmbH

  RPUP005G6A Datasheet HTML 1Page - Sensortechnics GmbH RPUP005G6A Datasheet HTML 2Page - Sensortechnics GmbH RPUP005G6A Datasheet HTML 3Page - Sensortechnics GmbH RPUP005G6A Datasheet HTML 4Page - Sensortechnics GmbH RPUP005G6A Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RPU Series
Basic pressure sensors
1/5
E / 11702 / A
www.sensortechnics.com
FEATURES
· 0...35 mbar to 0...16 bar and
0...0.5 to 0...250 psi gage or differential
· High impedance bridge
· Miniature package
· Different pinning configurations
· Usable for wet/wet applications8
· Sensortechnics PRO services
MEDIA COMPATIBILITY
All media compatible with
port 1:
- polyetherimide
- silver-filled silicone
- silicon nitride
port 29:
- polyetherimide
- fluor-silicone
- silicon
SPECIFICATIONS
Maximum ratings
Supply voltage
12 V
Temperature limits
Storage
-55 to +100°C
Operating
-40 to +85°C
Lead temperature (10 sec. soldering)
300°C
Humidity limits
0...100 %RH
Vibration (0 to 2000 Hz)
20 g sine
(qualification tested)
Mechanical shock
150 g
(qualification tested)
ELECTRICAL CONNECTION
Output
+
2
3
+Vs
-
1
4


Similar Part No. - RPUP005G6A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RPUP005G6B SENSORTECHNICS-RPUP005G6B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
More results

Similar Description - RPUP005G6A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RXUB001A SENSORTECHNICS-RXUB001A Datasheet
267Kb / 7P
   Basic pressure sensors
RQUM050D SENSORTECHNICS-RQUM050D Datasheet
157Kb / 4P
   Basic pressure sensors
RZUP015A SENSORTECHNICS-RZUP015A Datasheet
261Kb / 5P
   Basic pressure sensors
HDUM100 SENSORTECHNICS-HDUM100 Datasheet
582Kb / 4P
   Basic pressure sensors
HMUM100 SENSORTECHNICS-HMUM100 Datasheet
357Kb / 14P
   Basic pressure sensors
logo
All Sensors Corporation
DS-0105 ASC-DS-0105 Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
5INCH-D2-BASIC ASC-5INCH-D2-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
logo
Sensortechnics GmbH
RXUH004D SENSORTECHNICS-RXUH004D Datasheet
186Kb / 4P
   Basic low pressure sensors
logo
All Sensors Corporation
1INCH-G-BASIC ASC-1INCH-G-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
1INCH-D1-BASIC ASC-1INCH-D1-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com