Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPUB016G6A Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # RPUB016G6A
Description  Basic pressure sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RPUB016G6A Datasheet(HTML) 5 Page - Sensortechnics GmbH

  RPUB016G6A Datasheet HTML 1Page - Sensortechnics GmbH RPUB016G6A Datasheet HTML 2Page - Sensortechnics GmbH RPUB016G6A Datasheet HTML 3Page - Sensortechnics GmbH RPUB016G6A Datasheet HTML 4Page - Sensortechnics GmbH RPUB016G6A Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RPU Series
Basic pressure sensors
5/5
E / 11702 / A
www.sensortechnics.com
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Sensortechnics PRO services:
· Extended guarantee period of 2 years
· Improved performance characteristics
· Custom product modifications and adaptations even for small quantities
· Advanced logistics models for supply inventory and short delivery times
· Technical support through application engineers on the phone or at your site
· Fastest possible technical response for design and QA engineers
... plus other services on request
ORDERING INFORMATION - AVAILABLE LISTINGS
Note:
Preferred listings are highlighted in grey
e
g
n
a
r
e
r
u
s
s
e
r
P
e
r
u
s
s
e
r
p
e
g
a
Ge
r
u
s
s
e
r
p
l
a
i
t
n
e
r
e
f
f
i
D
g
n
i
n
n
i
p
e
n
i
l
n
i
e
l
g
n
i
Sg
n
i
n
n
i
p
e
n
i
l
n
i
l
a
u
Dg
n
i
n
n
i
p
e
n
i
l
n
i
e
l
g
n
i
S
r
a
b
m
5
3A
6
G
5
3
0
M
U
P
R-
A
6
D
5
3
0
M
U
P
R
r
a
b
m
0
5
A
6
G
0
5
0
M
U
P
RA
2
G
0
5
0
M
U
P
RA
6
D
0
5
0
M
U
P
R
r
a
b
m
0
0
1
A
6
G
0
0
1
M
U
P
RA
2
G
0
0
1
M
U
P
RA
6
D
0
0
1
M
U
P
R
r
a
b
m
0
5
2A
6
G
0
5
2
M
U
P
R
A
2
G
0
5
2
M
U
P
RA
6
D
0
5
2
M
U
P
R
r
a
b
1
A
6
G
1
0
0
B
U
P
R
A
2
G
1
0
0
B
U
P
R
A
6
D
1
0
0
B
U
P
R
r
a
b
2A
6
G
2
0
0
B
U
P
R
A
2
G
2
0
0
B
U
P
RA
6
D
2
0
0
B
U
P
R
r
a
b
5
A
6
G
5
0
0
B
U
P
R
A
2
G
5
0
0
B
U
P
R
A
6
D
5
0
0
B
U
P
R
r
a
b
0
1A
6
G
0
1
0
B
U
P
R
A
2
G
0
1
0
B
U
P
RA
6
D
0
1
0
B
U
P
R
r
a
b
6
1A
6
G
6
1
0
B
U
P
R
A
2
G
6
1
0
B
U
P
RA
6
D
6
1
0
B
U
P
R
i
s
p
5
.
0A
6
G
5
x
0
P
U
P
R-
A
6
D
5
x
0
P
U
P
R
i
s
p
1
A
6
G
1
0
0
P
U
P
RA
2
G
1
0
0
P
U
P
RA
6
D
1
0
0
P
U
P
R
i
s
p
5A
6
G
5
0
0
P
U
P
R
A
2
G
5
0
0
P
U
P
RA
6
D
5
0
0
P
U
P
R
i
s
p
5
1
A
6
G
5
1
0
P
U
P
R
A
2
G
5
1
0
P
U
P
R
A
6
D
5
1
0
P
U
P
R
i
s
p
0
3A
6
G
0
3
0
P
U
P
R
A
2
G
0
3
0
P
U
P
RA
6
D
0
3
0
P
U
P
R
i
s
p
0
6
---
i
s
p
0
0
1
A
6
G
0
0
1
P
U
P
R
A
2
G
0
0
1
P
U
P
R
A
6
D
0
0
1
P
U
P
R
i
s
p
0
5
2A
6
G
0
5
2
P
U
P
R
A
2
G
0
5
2
P
U
P
RA
6
D
0
5
2
P
U
P
R


Similar Part No. - RPUB016G6A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RPUB016G6B SENSORTECHNICS-RPUB016G6B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
More results

Similar Description - RPUB016G6A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RXUB001A SENSORTECHNICS-RXUB001A Datasheet
267Kb / 7P
   Basic pressure sensors
RQUM050D SENSORTECHNICS-RQUM050D Datasheet
157Kb / 4P
   Basic pressure sensors
RZUP015A SENSORTECHNICS-RZUP015A Datasheet
261Kb / 5P
   Basic pressure sensors
HDUM100 SENSORTECHNICS-HDUM100 Datasheet
582Kb / 4P
   Basic pressure sensors
HMUM100 SENSORTECHNICS-HMUM100 Datasheet
357Kb / 14P
   Basic pressure sensors
logo
All Sensors Corporation
DS-0105 ASC-DS-0105 Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
5INCH-D2-BASIC ASC-5INCH-D2-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
logo
Sensortechnics GmbH
RXUH004D SENSORTECHNICS-RXUH004D Datasheet
186Kb / 4P
   Basic low pressure sensors
logo
All Sensors Corporation
1INCH-G-BASIC ASC-1INCH-G-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
1INCH-D1-BASIC ASC-1INCH-D1-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com