Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTEM9P01GF6 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # CTEM9P01GF6
Description  OEM pressure transmitters for industrial media
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CTEM9P01GF6 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  CTEM9P01GF6 Datasheet HTML 1Page - Sensortechnics GmbH CTEM9P01GF6 Datasheet HTML 2Page - Sensortechnics GmbH CTEM9P01GF6 Datasheet HTML 3Page - Sensortechnics GmbH CTEM9P01GF6 Datasheet HTML 4Page - Sensortechnics GmbH CTEM9P01GF6 Datasheet HTML 5Page - Sensortechnics GmbH CTEM9P01GF6 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CTE9000 / CTU9000 Series
OEM pressure transmitters for industrial media
1/6
December 2008 / 509
www.sensortechnics.com
FEATURES
· 0...0.35 to 0...35 bar, 0...5 to 0...500 psi
gage1 or absolute10
· 0...10 V, 0.5...4.5 V, 0...5 V, 1...6 V or
4...20 mA output
· Field interchangeable
· For industrial use
· All welded stainless steel diaphragm
construction
SPECIFICATIONS11,12
Maximum ratings
Supply voltage (reverse polarity protection)
CTE(M)/CTU9...0
12...32 V
CTE(M)/CTU9...1, ...6, ...7
9...32 V
CTE(M)/CTU9...42
9...32 V
Maximum load current (source)
CTE(M)/CTU9...0, ...1, ...6, ...7
1 mA
Temperature limits
Storage
-55 to 100°C
Operating
-40 to 100°C
Compensated
0 to 70°C
Humidity limits
0 - 98 %RH
Vibration (5 to 500 Hz)
10 g
RMS
Mechanical shock
50 g
Proof pressure3
CTEM9350...
1000 mbar
CTU9005...
15 psi
all others
2 x rated pressure
ELECTRICAL CONNECTION
MEDIA COMPATIBILITY
Wetted materials:
stainless steel 1.4404 (316)9
Housing:
stainless steel, protection class IP 64 (according to
DIN EN 60529) respectively NEMA 4X1
0...10 V, 0.5...4.5 V, 0...5 V, 1...6 V output
4...20 mA output
2
-Vs
4
+Vs
Vout
1
V
GND
12 (9) to 32 V
case
3
sensor
sensor
V
2
R
-Vs
4
GND
L
+Vs
N/C
1
9 to 32 V
case
3


Similar Part No. - CTEM9P01GF6

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTEM9001G4CXS SENSORTECHNICS-CTEM9001G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
CTEM9003G4CXS SENSORTECHNICS-CTEM9003G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
CTEM9005G4CXS SENSORTECHNICS-CTEM9005G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
CTEM9010G4CXS SENSORTECHNICS-CTEM9010G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
CTEM9015G4CXS SENSORTECHNICS-CTEM9015G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
More results

Similar Description - CTEM9P01GF6

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTE8001GD0 SENSORTECHNICS-CTE8001GD0 Datasheet
244Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001GQ0 SENSORTECHNICS-KTE3001GQ0 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
KTE6001GL0 SENSORTECHNICS-KTE6001GL0 Datasheet
122Kb / 6P
   OEM pressure transmitters for industrial media
logo
EPCOS
MINICELL EPCOS-MINICELL Datasheet
65Kb / 7P
   Pressure sensors Media-separated pressure transmitters (voltage output)
logo
KELLER Druckmesstechnik...
4LC KELLER-4LC Datasheet
498Kb / 2P
   Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning
11/2015
logo
Sensortechnics GmbH
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com