Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCEM250AR Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # RCEM250AR
Description  Digital pressure sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RCEM250AR Datasheet(HTML) 2 Page - Sensortechnics GmbH

  RCEM250AR Datasheet HTML 1Page - Sensortechnics GmbH RCEM250AR Datasheet HTML 2Page - Sensortechnics GmbH RCEM250AR Datasheet HTML 3Page - Sensortechnics GmbH RCEM250AR Datasheet HTML 4Page - Sensortechnics GmbH RCEM250AR Datasheet HTML 5Page - Sensortechnics GmbH RCEM250AR Datasheet HTML 6Page - Sensortechnics GmbH RCEM250AR Datasheet HTML 7Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RCE Series
Digital pressure sensors
2/7
E / 11716 / A
www.sensortechnics.com
PRESSURE RANGES SPECIFICATIONS
Specification notes:
1. If maximum burst pressure is exceeded, even momentarily, the package may leak or burst, or the pressure sensing die may
fracture.
2. Full Scale Span (FSS) is the algebraic difference between the output signal for the highest and lowest specified pressure.
3. Total accuracy is the combined error from offset and span calibration, linearity, pressure hysteresis, and temperature effects.
Linearity is the measured deviation based on a straight line. Hysteresis is the maximum output difference at any point within
the operating pressure range for increasing and decreasing pressure. Calibration errors include the deviation of offset and
full scale from nominal values.
4. Max. delay time between pressure change at the pressure die and signal change at the output.
5. The response time depends on the adjusted internal A/D resolution of the sensor. For 12 bit it is typ. 0.5 ms. Other A/D resolutions
and reponse times are available on request. Please contact Sensortechnics for further information.
6. Maximum pressure on any port is the maximum operating plus common-mode pressure for differential pressure devices
which can be applied without damaging the sensor. Common Mode Pressure is the pressure applied to both sides of the
diaphragm simultaneously.
t
r
a
Pr
e
b
m
u
ne
g
n
a
r
e
r
u
s
s
e
r
Pt
s
r
u
Be
r
u
s
s
e
r
p
1
R
A
1
1
6
0
E
C
Rr
a
b
m
0
0
1
1
.
.
.
0
0
6r
a
b
2
U
D
5
2
0
M
E
C
Rr
a
b
m
5
2
.
.
.
0r
a
b
2
.
0
U
D
0
5
0
M
E
C
Rr
a
b
m
0
5
.
.
.
0r
a
b
5
3
.
0
U
D
0
0
1
M
E
C
Rr
a
b
m
0
0
1
.
.
.
0r
a
b
5
3
.
0
U
D
0
5
2
M
E
C
Rr
a
b
m
0
5
2
.
.
.
0r
a
b
1
U
D
0
0
5
M
E
C
Rr
a
b
m
0
0
5
.
.
.
0r
a
b
1
U
)
D
,
A
(
1
0
0
B
E
C
Rr
a
b
1
.
.
.
0r
a
b
2
U
)
D
,
A
(
2
0
0
B
E
C
Rr
a
b
2
.
.
.
0r
a
b
5
U
)
D
,
A
(
5
0
0
B
E
C
Rr
a
b
5
.
.
.
0r
a
b
0
1
B
D
0
1
0
M
E
C
Rr
a
b
m
0
1
±
.
.
.
0r
a
b
2
.
0
B
D
5
2
0
M
E
C
Rr
a
b
m
5
2
±
.
.
.
0r
a
b
2
.
0
B
D
0
5
0
M
E
C
Rr
a
b
m
0
5
±
.
.
.
0r
a
b
5
3
.
0
B
D
0
0
1
M
E
C
Rr
a
b
m
0
0
1
±
.
.
.
0r
a
b
5
3
.
0
B
D
0
5
2
M
E
C
Rr
a
b
m
0
5
2
±
.
.
.
0r
a
b
1
B
D
0
0
5
M
E
C
Rr
a
b
m
0
0
5
±
.
.
.
0r
a
b
1
B
D
1
0
0
B
E
C
Rr
a
b
1
±
.
.
.
0r
a
b
2
R
A
6
1
2
1
E
C
Ri
s
p
6
1
.
.
.
2
1i
s
p
0
3
U
D
0
1
0
H
E
C
RH
h
c
n
i
0
1
.
.
.
0
2Oi
s
p
3
U
D
1
0
0
P
E
C
Ri
s
p
1
.
.
.
0i
s
p
5
U
D
5
0
0
P
E
C
Ri
s
p
5
.
.
.
0i
s
p
5
1
U
)
D
,
A
(
5
1
0
P
E
C
Ri
s
p
5
1
.
.
.
0i
s
p
0
3
U
)
D
,
A
(
0
3
0
P
E
C
Ri
s
p
0
3
.
.
.
0i
s
p
0
7
U
)
D
,
A
(
0
0
1
P
E
C
Ri
s
p
0
0
1
.
.
.
0i
s
p
0
5
1
B
D
4
0
0
H
E
C
RH
h
c
n
i
4
±
.
.
.
0
2Oi
s
p
3
B
D
0
1
0
H
E
C
RH
h
c
n
i
0
1
±
.
.
.
0
2Oi
s
p
3
B
D
1
0
0
P
E
C
Ri
s
p
1
±
.
.
.
0i
s
p
5
B
D
5
0
0
P
E
C
Ri
s
p
5
±
.
.
.
0i
s
p
5
1
B
D
5
1
0
P
E
C
Ri
s
p
5
1
±
.
.
.
0i
s
p
0
3


Similar Part No. - RCEM250AR

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
RCE-95 GAMEWELL-FCI-RCE-95 Datasheet
76Kb / 2P
   Relay control element device
RCE-SS GAMEWELL-FCI-RCE-SS Datasheet
516Kb / 4P
   Addressable Control and Relay Modules
logo
STEGO Elektrotechnik Gm...
RCE016 STEGO-RCE016 Datasheet
150Kb / 1P
   SMALL SEMICONDUCTOR HEATER
28.08.2020
logo
Murata Manufacturing Co...
RCE5C1H100J0A2H03B MURATA-RCE5C1H100J0A2H03B Datasheet
591Kb / 1P
   capacitor data sheet
RCE5C1H100J0DBH03A MURATA-RCE5C1H100J0DBH03A Datasheet
378Kb / 1P
   capacitor data sheet
More results

Similar Description - RCEM250AR

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0009 ASC-DS-0009 Datasheet
140Kb / 5P
   DIGITAL OUTPUT PRESSURE SENSORS
logo
Sensortechnics GmbH
LDES025U SENSORTECHNICS-LDES025U Datasheet
226Kb / 13P
   Digital low differential pressure sensors
logo
All Sensors Corporation
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
logo
Sensortechnics GmbH
LMES025U SENSORTECHNICS-LMES025U Datasheet
562Kb / 12P
   digital low differential pressure sensors
logo
All Sensors Corporation
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DLHR-F50D-E1BD-C-NAV8 ASC-DLHR-F50D-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NJ-C-NI5F ASC-DLVR-L02D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com