Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCEM250DU Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # RCEM250DU
Description  Digital pressure sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RCEM250DU Datasheet(HTML) 5 Page - Sensortechnics GmbH

  RCEM250DU Datasheet HTML 1Page - Sensortechnics GmbH RCEM250DU Datasheet HTML 2Page - Sensortechnics GmbH RCEM250DU Datasheet HTML 3Page - Sensortechnics GmbH RCEM250DU Datasheet HTML 4Page - Sensortechnics GmbH RCEM250DU Datasheet HTML 5Page - Sensortechnics GmbH RCEM250DU Datasheet HTML 6Page - Sensortechnics GmbH RCEM250DU Datasheet HTML 7Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RCE Series
Digital pressure sensors
5/7
E / 11716 / A
www.sensortechnics.com
SPI - SERIAL PERIPHERAL INTERFACE (cont.)
Interface parameters
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
l
e
v
e
l
h
g
i
h
t
u
p
n
I0
90
0
1
s
V
f
o
%
l
e
v
e
l
w
o
l
t
u
p
n
I0
0
1
l
e
v
e
l
w
o
l
t
u
p
t
u
O
0
1
r
o
t
s
i
s
e
r
p
u
-
ll
u
P0
0
5
O
S
I
M
@
e
c
n
a
t
i
c
a
p
a
c
d
a
o
L
C
O
S
I
M
0
0
4
F
p
n
i
p
h
c
a
e
@
e
c
n
a
t
i
c
a
p
a
c
t
u
p
n
I
C
N
I
_
I
P
S
0
1
y
c
n
e
u
q
e
r
f
k
c
o
l
c
l
a
n
g
i
S
f
K
C
S
*
0
0
10
4
6z
H
k
e
p
o
l
s
e
l
p
m
a
s
K
C
S
r
e
t
f
a
e
m
i
t
d
l
o
h
O
S
I
M
t
O
S
I
M
_
D
H
_
I
P
S
0
0
2s
n
e
p
o
l
s
e
l
p
m
a
s
K
C
S
e
r
o
f
e
b
e
m
i
t
p
u
t
e
s
I
S
O
M
t
I
S
O
M
_
U
S
_
I
P
S
f
/
2
K
L
C
e
p
o
l
s
e
l
p
m
a
s
K
C
S
e
r
o
f
e
b
e
m
i
t
p
u
t
e
s
S
S
/
t
S
S
_
U
S
_
I
P
S
0
1s
n
* recommended
Fig. 3:
Timing characteristics
t
t
SS
MISO
MOSI
SCK
(CPOL=0)
SPI_SU_SS
t
SPI_SU_MOSI
SPI_HD_MISO
Note: Sensortechnics recommends communication speeds of at least 100 kHz (max. 640 kHz).
Please contact your nearest Sensortechnics sales office for further information.


Similar Part No. - RCEM250DU

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
RCE-95 GAMEWELL-FCI-RCE-95 Datasheet
76Kb / 2P
   Relay control element device
RCE-SS GAMEWELL-FCI-RCE-SS Datasheet
516Kb / 4P
   Addressable Control and Relay Modules
logo
STEGO Elektrotechnik Gm...
RCE016 STEGO-RCE016 Datasheet
150Kb / 1P
   SMALL SEMICONDUCTOR HEATER
28.08.2020
logo
Murata Manufacturing Co...
RCE5C1H100J0A2H03B MURATA-RCE5C1H100J0A2H03B Datasheet
591Kb / 1P
   capacitor data sheet
RCE5C1H100J0DBH03A MURATA-RCE5C1H100J0DBH03A Datasheet
378Kb / 1P
   capacitor data sheet
More results

Similar Description - RCEM250DU

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0009 ASC-DS-0009 Datasheet
140Kb / 5P
   DIGITAL OUTPUT PRESSURE SENSORS
logo
Sensortechnics GmbH
LDES025U SENSORTECHNICS-LDES025U Datasheet
226Kb / 13P
   Digital low differential pressure sensors
logo
All Sensors Corporation
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
logo
Sensortechnics GmbH
LMES025U SENSORTECHNICS-LMES025U Datasheet
562Kb / 12P
   digital low differential pressure sensors
logo
All Sensors Corporation
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DLHR-F50D-E1BD-C-NAV8 ASC-DLHR-F50D-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NJ-C-NI5F ASC-DLVR-L02D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com