Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC1G86DCKR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC1G86DCKR
Description  SINGLE 2-INPUT EXCLUSIVE-OR GATE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC1G86DCKR Datasheet(HTML) 3 Page - Texas Instruments

  SN74AHC1G86DCKR Datasheet HTML 1Page - Texas Instruments SN74AHC1G86DCKR Datasheet HTML 2Page - Texas Instruments SN74AHC1G86DCKR Datasheet HTML 3Page - Texas Instruments SN74AHC1G86DCKR Datasheet HTML 4Page - Texas Instruments SN74AHC1G86DCKR Datasheet HTML 5Page - Texas Instruments SN74AHC1G86DCKR Datasheet HTML 6Page - Texas Instruments SN74AHC1G86DCKR Datasheet HTML 7Page - Texas Instruments SN74AHC1G86DCKR Datasheet HTML 8Page - Texas Instruments SN74AHC1G86DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SN74AHC1G86
SINGLE 2INPUT EXCLUSIVEOR GATE
SCLS323M − MARCH 1996 − REVISED JUNE 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
2
5.5
V
VCC = 2 V
1.5
VIH
High-level input voltage
VCC = 3 V
2.1
V
VIH
High-level input voltage
VCC = 5.5 V
3.85
V
VCC = 2 V
0.5
VIL
Low-level input voltage
VCC = 3 V
0.9
V
VIL
Low-level input voltage
VCC = 5.5 V
1.65
V
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 2 V
−50
mA
IOH
High-level output current
VCC = 3.3 V ± 0.3 V
−4
mA
IOH
High-level output current
VCC = 5 V ± 0.5 V
−8
mA
VCC = 2 V
50
mA
IOL
Low-level output current
VCC = 3.3 V ± 0.3 V
4
mA
IOL
Low-level output current
VCC = 5 V ± 0.5 V
8
mA
∆t/∆v
Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
100
ns/V
∆t/∆v
Input transition rise or fall rate
VCC = 5 V ± 0.5 V
20
ns/V
TA
Operating free-air temperature
−40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
1.9
2
1.9
IOH = −50 mA
3 V
2.9
3
2.9
VOH
IOH = −50 mA
4.5 V
4.4
4.5
4.4
V
VOH
IOH = −4 mA
3 V
2.58
2.48
V
IOH = −8 mA
4.5 V
3.94
3.8
2 V
0.1
0.1
IOL = 50 mA
3 V
0.1
0.1
VOL
IOL = 50 mA
4.5 V
0.1
0.1
V
VOL
IOL = 4 mA
3 V
0.36
0.44
V
IOL = 8 mA
4.5 V
0.36
0.44
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
1
10
mA
Ci
VI = VCC or GND
5 V
4
10
10
pF


Similar Part No. - SN74AHC1G86DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G86DCKR TI-SN74AHC1G86DCKR Datasheet
482Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHC1G86DCKRE4 TI-SN74AHC1G86DCKRE4 Datasheet
482Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHC1G86DCKRG4 TI-SN74AHC1G86DCKRG4 Datasheet
482Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
More results

Similar Description - SN74AHC1G86DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
   Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
   Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
logo
Texas Instruments
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74AHC1G86 DIODES-74AHC1G86_11 Datasheet
181Kb / 8P
   SINGLE 2 INPUT EXCLUSIVE-OR GATE
logo
Texas Instruments
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74LVCE1G86 DIODES-74LVCE1G86 Datasheet
275Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32215 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com