Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC1G14DRLR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC1G14DRLR
Description  SINGLE SCHMITT-TRIGGER INVERTER GATE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC1G14DRLR Datasheet(HTML) 5 Page - Texas Instruments

  SN74AHC1G14DRLR Datasheet HTML 1Page - Texas Instruments SN74AHC1G14DRLR Datasheet HTML 2Page - Texas Instruments SN74AHC1G14DRLR Datasheet HTML 3Page - Texas Instruments SN74AHC1G14DRLR Datasheet HTML 4Page - Texas Instruments SN74AHC1G14DRLR Datasheet HTML 5Page - Texas Instruments SN74AHC1G14DRLR Datasheet HTML 6Page - Texas Instruments SN74AHC1G14DRLR Datasheet HTML 7Page - Texas Instruments SN74AHC1G14DRLR Datasheet HTML 8Page - Texas Instruments SN74AHC1G14DRLR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74AHC1G14DBVR
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G14DBVRE4
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G14DBVRG4
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G14DBVT
ACTIVE
SOT-23
DBV
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G14DBVTE4
ACTIVE
SOT-23
DBV
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G14DCKR
ACTIVE
SC70
DCK
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G14DCKRE4
ACTIVE
SC70
DCK
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G14DCKRG4
ACTIVE
SC70
DCK
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G14DCKT
ACTIVE
SC70
DCK
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G14DCKTE4
ACTIVE
SC70
DCK
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G14DRLR
ACTIVE
SOP
DRL
5
4000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G14DRLRG4
ACTIVE
SOP
DRL
5
4000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
10-Oct-2005
Addendum-Page 1


Similar Part No. - SN74AHC1G14DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G14DRLR TI-SN74AHC1G14DRLR Datasheet
471Kb / 12P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14DRLR TI-SN74AHC1G14DRLR Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14DRLR TI1-SN74AHC1G14DRLR Datasheet
1Mb / 23P
[Old version datasheet]   Single Schmitt-Trigger Inverter Gate
SN74AHC1G14DRLR TI1-SN74AHC1G14DRLR Datasheet
1Mb / 28P
[Old version datasheet]   Single Schmitt-Trigger Inverter Gate
SN74AHC1G14DRLRG4 TI-SN74AHC1G14DRLRG4 Datasheet
471Kb / 12P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
More results

Similar Description - SN74AHC1G14DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G14 TI1-SN74AHC1G14_18 Datasheet
1Mb / 28P
[Old version datasheet]   Single Schmitt-Trigger Inverter Gate
SN74AHCT1G14 TI1-SN74AHCT1G14_18 Datasheet
1Mb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_15 Datasheet
173Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Texas Instruments
SN74AHCT1G14 TI1-SN74AHCT1G14_13 Datasheet
876Kb / 14P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74AHC1G14 UTC-U74AHC1G14 Datasheet
191Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
U74AHC1G14 UTC-U74AHC1G14_15 Datasheet
192Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Texas Instruments
SN74AHC1G14 TI-SN74AHC1G14_08 Datasheet
471Kb / 12P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14 TI1-SN74AHC1G14_15 Datasheet
1Mb / 23P
[Old version datasheet]   Single Schmitt-Trigger Inverter Gate
SN74AHCT1G14 TI-SN74AHCT1G14 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_15 Datasheet
164Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com