Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPD-MR-08-32CDA Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # XPD-MR-08-32CDA
Description  10 Gbps 80km DWDM Multirate XFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

XPD-MR-08-32CDA Datasheet(HTML) 2 Page - Source Photonics, Inc.

  XPD-MR-08-32CDA Datasheet HTML 1Page - Source Photonics, Inc. XPD-MR-08-32CDA Datasheet HTML 2Page - Source Photonics, Inc. XPD-MR-08-32CDA Datasheet HTML 3Page - Source Photonics, Inc. XPD-MR-08-32CDA Datasheet HTML 4Page - Source Photonics, Inc. XPD-MR-08-32CDA Datasheet HTML 5Page - Source Photonics, Inc. XPD-MR-08-32CDA Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
10 Gbps 80km DWDM Multirate XFP Transceiver
Preliminary
XPD-MR-08-xxCDA
2
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS420-NOV1106
Rev. 0.9
Parameter
Symbol
Min
Typical
Max
Unit
Output Power
PO
0
2
4
dBm
Average Launch Power Tx_Off
Poff
-
-
-30
nm
Extinction Ratio
ER
9
-
-
dB
Eye Mask
ITU-T G.691, Telcordia GR-253-CORE, IEEE802.3 10GBASE-ZR Compliant
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Center Wavelength
λ
ITU Grid
nm
Channel Spacing
∆f
-
100
-
GHz
Spectral Width
∆λ20
-
-
1
nm
Jitter Generation (peak-to-peak)
Jgen(pk-pk)
-
-
0.1
UI
Jitter Generation (RMS)
Jgen(RMS)
-
-
0.01
UI
Dispersion Penalty at 1600 ps/nm
DP
-
-
2
dB
Relative Intensity Noise
RIN
-
-
-130
dB/Hz
Reflectance Tolerance
ref T
-
-
-27
dB
Transmitter Specifications (Optical)
Parameter
Symbol
Min
Typical
Max
Unit
Sensitivity (9.95Gb/s)a
Rx sens995
-
-
-24
dBm
Sensitivity (10.7Gb/s)a
Rx sens1070
-
-
-23
dBm
Overloada
Rx OL
-7
-
-
dBm
Wavelengthb
λ
1528
-
1561
nm
Optical Return Loss
ORL
-
-
-27
dB
LOS Assert
-
-34
-
-
dBm
LOS De-assert
-
-
-
-24
dBm
LOS Hysteresis
-
0.5
-
-
dB
Receiver Specifications (Optical)
a) At 9dB ER, 1E-12 BER, 231-1 PRBS, back to back
b) Operational over 1200 - 1625nm range
Parameter
Symbol
Min
Typical
Max
Unit
Input Differential Impedence
Rin
-
100
-
Differential Data Input Swing
Vin,p-p
120
-
820
mV
TxDisable_Disable
Vd
2
-
Vcc3
V
TxDisable_Enable
Ven
GND
-
GND + 0.8
V
Transmitter Specifications (Electrical)
Parameter
Symbol
Min
Typical
Max
Unit
Reference Differential Output Impedence
Zd
-
100
-
Ω
Differential Data Output Swing
Vout,p-p
340
-
850
mV
Output Rise Time, 20-80%
tr
24
-
-
ps
Output Fall Time, 20-80%
tf
24
-
-
ps
LOS Fault
VLOS_fault
host_Vcc3 - 0.5
-
host_Vcc3
V
LOS Normal
VLOS_normal
GND
-
GND + 0.4
V
Receiver Specificatioins (Elelctrical)


Similar Part No. - XPD-MR-08-32CDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
XPD-MR-08-XXCDFA SOURCE-XPD-MR-08-XXCDFA Datasheet
532Kb / 9P
   Available in all 100GHz C-Band Wavelengths on the DWDM ITU Grid
More results

Similar Description - XPD-MR-08-32CDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
XP-MR-08-CDA SOURCE-XP-MR-08-CDA Datasheet
828Kb / 5P
   10 Gbps 80km Multirate XFP Transceiver Preliminary
XPD-MR-D1215CDA SOURCE-XPD-MR-D1215CDA Datasheet
845Kb / 6P
   10 Gbps 120km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-04-15CDA SOURCE-XPD-MR-04-15CDA Datasheet
650Kb / 6P
   10 Gbps 40km DWDM Multirate XFP Transceiver Preliminary
logo
MRV Communications, Inc...
XFP-DWLR12P MRV-XFP-DWLR12P Datasheet
117Kb / 6P
   10 Gbps DWDM Multirate XFP Transceivers
logo
OPLINK Communications I...
TXD3XGHL2XX OPLINK-TXD3XGHL2XX Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
logo
Source Photonics, Inc.
XP-MR-04-CDA SOURCE-XP-MR-04-CDA Datasheet
828Kb / 5P
   10 Gbps 40km Multirate XFP Transceiver Preliminary
XP-MR-D12-CDA SOURCE-XP-MR-D12-CDA Datasheet
829Kb / 5P
   10 Gbps 120km Multirate XFP Transceiver Preliminary
logo
Finisar Corporation.
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
logo
MRV Communications, Inc...
XFP-10GD-LR12P MRV-XFP-10GD-LR12P Datasheet
100Kb / 5P
   10 Gbps Multirate XFP Transceivers
logo
Finisar Corporation.
FTLX3813M3 FINISAR-FTLX3813M3 Datasheet
561Kb / 13P
   Multiprotocol, 80km, 10Gb/s DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com