Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBOL001HB Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # FBOL001HB
Description  Mass flow sensors for gases
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

FBOL001HB Datasheet(HTML) 1 Page - Sensortechnics GmbH

  FBOL001HB Datasheet HTML 1Page - Sensortechnics GmbH FBOL001HB Datasheet HTML 2Page - Sensortechnics GmbH FBOL001HB Datasheet HTML 3Page - Sensortechnics GmbH FBOL001HB Datasheet HTML 4Page - Sensortechnics GmbH FBOL001HB Datasheet HTML 5Page - Sensortechnics GmbH FBOL001HB Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
E / 11721 / A
www.sensortechnics.com
FBO Series
Mass flow sensors for gases
FEATURES
· Ranges 0...±30 to 0...±1000
or -600...1000 sccm1
· Bidirectional sensing
· Actual mass flow sensing
· Sensortechnics PRO services
ELECTRICAL CONNECTION
SPECIFICATIONS
Maximum ratings
Supply voltage2
8 to 15 V
typ. 10 ±0.01 V
Power consumption
max. 50 mW
typ. 30 mW
Temperature limits
Operating
-25 to 85°C
Storage
-40 to 90°C
Mechanical shock
100 g (5 drops, 6 axes)
Note:
1 sccm denotes standard cubic centimeters per minute
2 Output voltage is ratiometric to supply voltage
MEDIA COMPATIBILITY
To be used with dry gases only
The FBO series is NOT designed for
liquid flow and will be damaged by
liquid flow through the sensor
1 2 3 4 5 6
P 1
P 2


Similar Part No. - FBOL001HB

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
FBO-10-1800 TALEMA-FBO-10-1800 Datasheet
56Kb / 1P
   FBO Series Flyback Transformers
FBO-3.5-2900 TALEMA-FBO-3.5-2900 Datasheet
56Kb / 1P
   FBO Series Flyback Transformers
FBO-70-700 TALEMA-FBO-70-700 Datasheet
56Kb / 1P
   FBO Series Flyback Transformers
logo
IXYS Corporation
FBO16-12N IXYS-FBO16-12N Datasheet
56Kb / 2P
   Single Phase Rectifier Bridge in ISOPLUS i4-PAC
logo
Stackpole Electronics, ...
FBO3YTYN122 SEI-FBO3YTYN122 Datasheet
762Kb / 17P
   Multilayer Ferrite Chip Bead Inductor
04/28/2020
More results

Similar Description - FBOL001HB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
FHAL200DU SENSORTECHNICS-FHAL200DU Datasheet
88Kb / 4P
   Mass flow sensors for gases
FBAM030DU SENSORTECHNICS-FBAM030DU Datasheet
101Kb / 5P
   Mass flow sensors for gases
FDUM200DB SENSORTECHNICS-FDUM200DB Datasheet
163Kb / 6P
   Mass flow sensors for gases
FMOL001DB SENSORTECHNICS-FMOL001DB Datasheet
127Kb / 6P
   Mass flow sensors for gases
FMAL001DU SENSORTECHNICS-FMAL001DU Datasheet
126Kb / 5P
   Mass flow sensors for gases
AWM3150V SENSORTECHNICS-AWM3150V Datasheet
205Kb / 6P
   Mass flow sensor for gases
AWM92100V SENSORTECHNICS-AWM92100V Datasheet
162Kb / 6P
   Mass flow sensor for gases
AWM2150V SENSORTECHNICS-AWM2150V Datasheet
172Kb / 6P
   Mass flow sensor for gases
AWM720P1 SENSORTECHNICS-AWM720P1 Datasheet
81Kb / 4P
   Mass flow sensor for gases
AWM42300V SENSORTECHNICS-AWM42300V Datasheet
198Kb / 6P
   Mass flow sensor for gases
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com