Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC030NDC4 Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # DC030NDC4
Description  SURSENSETM precision very low pressure sensors / V-output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

DC030NDC4 Datasheet(HTML) 6 Page - Sensortechnics GmbH

  DC030NDC4 Datasheet HTML 1Page - Sensortechnics GmbH DC030NDC4 Datasheet HTML 2Page - Sensortechnics GmbH DC030NDC4 Datasheet HTML 3Page - Sensortechnics GmbH DC030NDC4 Datasheet HTML 4Page - Sensortechnics GmbH DC030NDC4 Datasheet HTML 5Page - Sensortechnics GmbH DC030NDC4 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6/6
January 2008 / 564
www.sensortechnics.com
DC Series
SURSENSETM precision very low pressure sensors / V-output
ORDERING INFORMATION
e
g
n
a
r
e
r
u
s
s
e
r
P
t
u
p
t
u
O
V
5
2
.
4
.
.
.
5
2
.
0
c
i
r
t
e
m
o
i
t
a
r
V
5
2
.
4
.
.
.
5
2
.
0
d
e
t
a
l
u
g
e
r
V
6
.
.
.
1
d
e
t
a
l
u
g
e
r
e
g
a
G
/
l
a
i
t
n
e
r
e
f
f
i
D
H
"
1
o
t
0
2O
H
"
2
o
t
0
2O
H
"
5
.
2
o
t
0
2O
H
"
5
o
t
0
2O
H
"
0
1
o
t
0
2O
H
"
0
2
o
t
0
2O
H
"
0
3
o
t
0
2O
4
C
G
N
1
0
0
C
D
4
C
G
N
2
0
0
C
D
-
-
- 6
4
C
G
N
5
0
0
C
D
4
C
G
N
0
1
0
C
D
4
C
G
N
0
2
0
C
D
4
C
G
N
0
3
0
C
D
4
R
G
N
1
0
0
C
D
4
R
G
N
2
0
0
C
D
-
-
- 6
4
R
G
N
5
0
0
C
D
-
-
- 6
-
-
- 6
4
R
G
N
0
3
0
C
D
5
R
G
N
1
0
0
C
D
-
-
- 6
-
-
- 6
5
R
G
N
5
0
0
C
D
5
R
G
N
0
1
0
C
D
-
-
- 5
5
R
G
N
0
3
0
C
D
l
a
i
t
n
e
r
e
f
f
i
D
)
m
u
u
c
a
v
/
e
r
u
s
s
e
r
P
(
H
"
1
±
o
t
0
2O
H
"
2
±
o
t
0
2O
H
"
5
.
2
±
o
t
0
2O
H
"
5
±
o
t
0
2O
H
"
0
1
±
o
t
0
2O
H
"
0
2
±
o
t
0
2O
H
"
0
3
±
o
t
0
2O
4
C
D
N
1
0
0
C
D
4
C
D
N
2
0
0
C
D
4
C
D
N
5
R
2
C
D
4
C
D
N
5
0
0
C
D
4
C
D
N
0
1
0
C
D
4
C
D
N
0
2
0
C
D
4
C
D
N
0
3
0
C
D
4
R
D
N
1
0
0
C
D
4
R
D
N
2
0
0
C
D
4
R
D
N
5
R
2
C
D
4
R
D
N
5
0
0
C
D
4
R
D
N
0
1
0
C
D
4
R
D
N
0
2
0
C
D
4
R
D
N
0
3
0
C
D
5
R
D
N
1
0
0
C
D
5
R
D
N
2
0
0
C
D
5
R
D
N
5
R
2
C
D
5
R
D
N
5
0
0
C
D
5
R
D
N
0
1
0
C
D
5
R
D
N
0
2
0
C
D
5
R
D
N
0
3
0
C
D
e
g
a
G
/
l
a
i
t
n
e
r
e
f
f
i
D
r
a
b
m
5
.
2
o
t
0
r
a
b
m
5
o
t
0
r
a
b
m
0
1
o
t
0
r
a
b
m
5
2
o
t
0
r
a
b
m
0
5
o
t
0
r
a
b
m
5
7
o
t
0
-
-
- 6
-
-
- 6
-
-
- 6
4
C
G
B
5
2
0
C
D
4
C
G
B
0
5
0
C
D
-
-
- 6
-
-
- 6
-
-
- 6
-
-
- 6
-
-
- 6
-
-
- 6
-
-
- 6
-
-
- 6
-
-
- 6
-
-
- 6
-
-
- 6
-
-
- 6
-
-
- 6
l
a
i
t
n
e
r
e
f
f
i
D
)
m
u
u
c
a
v
/
e
r
u
s
s
e
r
P
(
r
a
b
m
5
.
2
±
o
t
0
r
a
b
m
5
±
o
t
0
r
a
b
m
0
1
±
o
t
0
r
a
b
m
5
2
±
o
t
0
r
a
b
m
0
5
±
o
t
0
r
a
b
m
5
7
±
o
t
0
4
C
D
B
5
R
2
C
D
4
C
D
B
5
0
0
C
D
4
C
D
B
0
1
0
C
D
4
C
D
B
5
2
0
C
D
4
C
D
B
0
5
0
C
D
4
C
D
B
5
7
0
C
D
-
-
- 6
-
-
- 6
4
R
D
B
0
1
0
C
D
4
R
D
B
5
2
0
C
D
4
R
D
B
0
5
0
C
D
4
R
D
B
5
7
0
C
D
5
R
D
B
5
R
2
C
D
-
-
- 6
5
R
D
B
0
1
0
C
D
5
R
D
B
5
2
0
C
D
5
R
D
B
0
5
0
C
D
5
R
D
B
5
7
0
C
D
Note
6 These devices are available on special request. Minimum order quantity may apply.
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.


Similar Part No. - DC030NDC4

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
DC0300L20 YANTEL-DC0300L20 Datasheet
884Kb / 9P
   Directional Coupler
logo
List of Unclassifed Man...
DC0301012H2B ETC2-DC0301012H2B Datasheet
1Mb / 38P
   DC FANS FAN AXIAL 38X20MM 12VDC WIRE
Revision A.3
DC0301012L2B ETC2-DC0301012L2B Datasheet
1Mb / 38P
   DC FANS FAN AXIAL 38X20MM 12VDC WIRE
Revision A.3
DC0301012M2B ETC2-DC0301012M2B Datasheet
1Mb / 38P
   DC FANS FAN AXIAL 38X20MM 12VDC WIRE
Revision A.3
DC0301012U2B ETC2-DC0301012U2B Datasheet
1Mb / 38P
   DC FANS FAN AXIAL 38X20MM 12VDC WIRE
Revision A.3
More results

Similar Description - DC030NDC4

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
DCXL01DS SENSORTECHNICS-DCXL01DS Datasheet
78Kb / 5P
   SURSENSETM precision very low pressure sensors / mV-output
PLOH001D SENSORTECHNICS-PLOH001D Datasheet
73Kb / 4P
   Precision very low pressure sensors
PLAM001DB SENSORTECHNICS-PLAM001DB Datasheet
119Kb / 4P
   Amplified precision very low pressure sensors
PCOH004DH SENSORTECHNICS-PCOH004DH Datasheet
61Kb / 3P
   Precision compensated pressure sensors / mV-output
CPC15AC SENSORTECHNICS-CPC15AC Datasheet
83Kb / 6P
   Precision compensated pressure sensors / mV-output
XPC15GFH SENSORTECHNICS-XPC15GFH Datasheet
103Kb / 6P
   Precision compensated pressure sensors / mV-output
XPC30GFC SENSORTECHNICS-XPC30GFC Datasheet
102Kb / 6P
   Precision compensated pressure sensors / mV-output
BTEL5000D1A SENSORTECHNICS-BTEL5000D1A Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
BTEL5001D1A SENSORTECHNICS-BTEL5001D1A Datasheet
136Kb / 6P
   Precision very low differential pressure transmitters
logo
List of Unclassifed Man...
SCXL004DN ETC1-SCXL004DN Datasheet
125Kb / 3P
   Precision Compensated, Low Pressure Sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com