Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-AR02Z1212UR Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-AR02Z1212UR
Description  LED BARGRAPH DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-AR02Z1212UR Datasheet(HTML) 1 Page - BetLux Electronics

  BL-AR02Z1212UR Datasheet HTML 1Page - BetLux Electronics BL-AR02Z1212UR Datasheet HTML 2Page - BetLux Electronics BL-AR02Z1212UR Datasheet HTML 3Page - BetLux Electronics BL-AR02Z1212UR Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.betlux.com
LED BARGRAPH DISPLAY
BL-AR02Z1212
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , SALES@BETLUX.COM
Features:
2 bar, 12.0*12.0*7.0mm, LED light bar
Ultra brightness available
Low current operation.
Excellent character appearance.
Easy mounting on P.C. Boards or sockets.
I.C. Compatible.
Electrical-optical characteristics: (Ta=25
)
(Test Condition: IF=20mA)
Chip
VF
Unit:V
Part No
Emitted
Color
Material
λλλλ
P
(nm)
Typ
Max
Iv TYP.(mcd)
BL-AR02Z1212S--XX
Hi Red
GaAlAs/GaAs,SH
660
1.85
2.20
6
BL-AR02Z1212D-XX
Super Red
GaAlAs/GaAs,DH
660
1.85
2.20
11
BL-AR02Z1212UR-XX
Ultra Red
GaAlAs/GaAs,DDH
660
1.85
2.20
20
BL-AR02Z1212E-XX
Orange
GaAsP/GaP
635
2.10
2.50
6
BL-AR02Z1212Y-XX
Yellow
GaAsP/GaP
585
2.10
2.50
6
BL-AR02Z1212G-XX
Green
GaP/GaP
570
2.20
2.50
6
BL-AR02Z1212UHR-XX
Ultra Red
AlGaInP
645
2.10
2.50
22
BL-AR02Z1212UE-XX
Ultra Orange
AlGaInP
630
2.10
2.50
11
BL-AR02Z1212YO-XX
Ultra Amber
AlGaInP
619
2.10
2.50
11
BL-AR02Z1212UY-XX
Ultra Yellow
AlGaInP
590
2.10
2.50
11
BL-AR02Z1212UG-XX
Ultra Green
AlGaInP
574
2.20
2.50
11
BL-AR02Z1212PG-XX
Ultra Pure
Green
InGaN
525
3.80
4.50
14
BL-AR02Z1212UB-XX
Ultra Blue
InGaN
470
2.70
4.20
22
BL-AR02Z1212UW-XX
Ultra White
InGaN
/
2.70
4.20
35
·-XX: Ref Surface / Epoxy color
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Similar Part No. - BL-AR02Z1212UR

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AR02Z1407 BETLUX-BL-AR02Z1407 Datasheet
65Kb / 4P
   LED BARGRAPH DISPLAY
BL-AR02Z1407D-4-00 BETLUX-BL-AR02Z1407D-4-00 Datasheet
65Kb / 4P
   LED BARGRAPH DISPLAY
BL-AR02Z1407D-4-01 BETLUX-BL-AR02Z1407D-4-01 Datasheet
65Kb / 4P
   LED BARGRAPH DISPLAY
BL-AR02Z1407D-4-02 BETLUX-BL-AR02Z1407D-4-02 Datasheet
65Kb / 4P
   LED BARGRAPH DISPLAY
BL-AR02Z1407D-4-03 BETLUX-BL-AR02Z1407D-4-03 Datasheet
65Kb / 4P
   LED BARGRAPH DISPLAY
More results

Similar Description - BL-AR02Z1212UR

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYA-T13ZX FORYARD-FYA-T13ZX Datasheet
319Kb / 5P
   LED BARGRAPH DISPLAY
FYA-T20ZX FORYARD-FYA-T20ZX Datasheet
317Kb / 5P
   LED BARGRAPH DISPLAY
logo
BetLux Electronics
BL-AC1Z18S4 BETLUX-BL-AC1Z18S4 Datasheet
69Kb / 4P
   LED BARGRAPH DISPLAY
logo
Ningbo Foryard Optoelec...
FYA-R1206ZX FORYARD-FYA-R1206ZX Datasheet
321Kb / 5P
   LED BARGRAPH DISPLAY
FYA-R2010ZX FORYARD-FYA-R2010ZX Datasheet
322Kb / 5P
   LED BARGRAPH DISPLAY
FYA-R7030ZX FORYARD-FYA-R7030ZX Datasheet
318Kb / 5P
   LED BARGRAPH DISPLAY
FYA-S102ZX FORYARD-FYA-S102ZX Datasheet
321Kb / 5P
   LED BARGRAPH DISPLAY
logo
BetLux Electronics
BL-AR10Z2510 BETLUX-BL-AR10Z2510 Datasheet
64Kb / 4P
   LED BARGRAPH DISPLAY
logo
Ningbo Foryard Optoelec...
FYA-R021212ZX FORYARD-FYA-R021212ZX Datasheet
317Kb / 5P
   LED BARGRAPH DISPLAY
FYA-C52ZX FORYARD-FYA-C52ZX Datasheet
337Kb / 5P
   LED BARGRAPH DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com