Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-6112C-SL8061G Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # FTM-6112C-SL8061G
Description  1.25Gbps CWDM Spring-latch SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-6112C-SL8061G Datasheet(HTML) 5 Page - Source Photonics, Inc.

  FTM-6112C-SL8061G Datasheet HTML 1Page - Source Photonics, Inc. FTM-6112C-SL8061G Datasheet HTML 2Page - Source Photonics, Inc. FTM-6112C-SL8061G Datasheet HTML 3Page - Source Photonics, Inc. FTM-6112C-SL8061G Datasheet HTML 4Page - Source Photonics, Inc. FTM-6112C-SL8061G Datasheet HTML 5Page - Source Photonics, Inc. FTM-6112C-SL8061G Datasheet HTML 6Page - Source Photonics, Inc. FTM-6112C-SL8061G Datasheet HTML 7Page - Source Photonics, Inc. FTM-6112C-SL8061G Datasheet HTML 8Page - Source Photonics, Inc. FTM-6112C-SL8061G Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1.25Gbps Spring-latch SFP Transceiver
22dB/30dB Min. link budget, RoHS compliant
June 13, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 5 of 12
Fault
2.0
Vcc+0.3
V
TX Fault
Normal
0
0.8
V
TX Disable Assert Time
t_off
10
µs
Receiver
Centre Wavelength
λC
1270
1620
nm
8
Receiver Sensitivity
-30
dBm
9
Receiver Overload
-9
dBm
LOS De-Assert
LOSD
-31
dBm
LOS Assert
LOSA
-45
dBm
LOS Hysteresis
0.5
4.5
dB
Differential Data Output Swing
VOUT
400
1200
mV
11
High
2.0
Vcc+0.3
V
LOS
Low
0
0.8
V
LOS Assert Time
100
µs
LOS De-Assert Time
100
µs
Notes:
1. “x” can be specified by the customer. The current available wavelength are: 1431nm, 1451nm, 1471nm,
1491nm, 1511nm, 1531nm, 1551nm, 1571nm, 1591nm, 1611nm.
2. The optical power is launched into 9/125 SMF.
3. 20%-80%, unfiltered, measured with a PRBS 2
7-1 test pattern @1.25Gbps.
4. Measured with a PRBS 2
7-1 test pattern @1.25Gbps, and TJ-free data input signal, the TJ should be the
sum of input total jitter in actual application.
5. Measured with a PRBS 2
7-1 test pattern @1.25Gbps.
6. CML logic, internally AC coupled.
7. If Pin 3 (TX Disable) is left open, TX is disabled.
8. The 1611nm signal can also be received while the sensitivity is degraded.
9. Worst-case condition, measured with a PRBS 2
7-1 test pattern @1.25Gbps, BER better than or equal to 1
×
10
-12.
10. It is for 100km transmission over G.652 SMF, measured with a PRBS 2
7-1 test pattern @1.25Gbps, BER
better than or equal to 1×10
-12.
11. CML logic, internally AC coupled.
EEPROM Information
The SFP MSA defines a 256-byte memory map in EEPROM describing the transceiver’s capabilities,
standard interfaces, manufacturer, and other information, which is accessible over a 2 wire serial interface at
the 8-bit address 1010000X (A0h). The memory contents refer to Table 6.
Table 6 - EEPROM Serial ID Memory Contents (A0h)
Addr.
Field Size
(Bytes)
Name of Field
Hex
Description
0
1
Identifier
03
SFP
1
1
Ext. Identifier 04
MOD4


Similar Part No. - FTM-6112C-SL8061G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
FTM-6128C-SL5047G SOURCE-FTM-6128C-SL5047G Datasheet
258Kb / 12P
   155M~2.67Gbps Spring-latch SFP Transceiver
FTM-6128C-SL5049G SOURCE-FTM-6128C-SL5049G Datasheet
258Kb / 12P
   155M~2.67Gbps Spring-latch SFP Transceiver
FTM-6128C-SL5051G SOURCE-FTM-6128C-SL5051G Datasheet
258Kb / 12P
   155M~2.67Gbps Spring-latch SFP Transceiver
FTM-6128C-SL5053G SOURCE-FTM-6128C-SL5053G Datasheet
258Kb / 12P
   155M~2.67Gbps Spring-latch SFP Transceiver
More results

Similar Description - FTM-6112C-SL8061G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3112C-SLEG SOURCE-FTM-3112C-SLEG Datasheet
269Kb / 10P
   1.25Gbps Spring-latch SFP Transceiver
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL50G SOURCE-FTM-5112C-SL50G Datasheet
255Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5012C-SL80G SOURCE-FTM-5012C-SL80G Datasheet
256Kb / 9P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL30G SOURCE-FTM-5112C-SL30G Datasheet
275Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL80G SOURCE-FTM-5112C-SL80G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
FTM-3401C-SL10CG SOURCE-FTM-3401C-SL10CG Datasheet
260Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com