Electronic Components Datasheet Search |
|
FTM-6112C-SL10055G Datasheet(PDF) 1 Page - Source Photonics, Inc. |
|
FTM-6112C-SL10055G Datasheet(HTML) 1 Page - Source Photonics, Inc. |
1 / 12 page Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 1 of 12 Features Up to 1.25Gbps bi-directional data links Uncooled DFB laser transmitter Ten CWDM wavelengths available Multi-source package with LC optical interface With Spring latch for high density application Color coded lever for different wavelengths Class 1 laser product 22dB/30dB minimum link budget Single +3.3V power supply Hot-pluggable capability Monitoring interface compatible with SFF-8472 Operating temperature 0°C to +70°C Applications Optical communication in Metro/Access Networks: Switch to switch interface Switched backplane applications Router/Server interface Other optical transmission systems Standard Compatible with SFP MSA Compatible with SFF-8472 Rev 9.5 Compatible with FCC 47 CFR Part 15, Class B Compatible with FDA 21 CFR 1040.10 and 1040.11, Class I Compatible with ITU-T G.694.2 Compatible with ITU-T G.695 RoHS compliant Description FTM-6112C-SLxxxxxG is designed for Coarse Wavelength Division Multiplexing (CWDM) applications at data rates of 1.25Gbps. There are ten centre wavelengths available at present: 1431nm, 1451nm, 1471nm, 1491nm,. 1511nm, 1531nm, 1551nm, 1571nm, 1591nm and 1611nm, compatible with ITU-T G694.2. It offers a guaranteed minimum optical link budget of 22dB or 30dB. The transmitter section of FTM-6112C-SLxxxxxG incorporates a highly reliable uncooled DFB laser and the receiver section utilizes a PIN/APD receiver. All modules satisfy Class 1 Laser Safety requirements. FTM-6112C-SLxxxxxG provides an enhanced monitoring interface, which allows real-time access to device operating parameters such as transceiver temperature, laser bias current, transmitted optical power, received optical power and transceiver supply voltage. It also defines a sophisticated system of alarm and warning flags, which alerts end-users when particular operating parameters are outside of a factory set normal range. FTM-6112C-SLxxxxxG is compliant with RoHS. June 13, 2007 Members of Flexon TM Family ( For 22dB/30dB minimum link budget with monitoring function ) 1.25Gbps CWDM Spring-latch SFP Transceiver |
Similar Part No. - FTM-6112C-SL10055G |
|
Similar Description - FTM-6112C-SL10055G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |