Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-AR1Z1308D-4-20 Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-AR1Z1308D-4-20
Description  LED LIGHT BAR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-AR1Z1308D-4-20 Datasheet(HTML) 3 Page - BetLux Electronics

  BL-AR1Z1308D-4-20 Datasheet HTML 1Page - BetLux Electronics BL-AR1Z1308D-4-20 Datasheet HTML 2Page - BetLux Electronics BL-AR1Z1308D-4-20 Datasheet HTML 3Page - BetLux Electronics BL-AR1Z1308D-4-20 Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.betlux.com
LED LIGHT BAR
BL-AR1Z1308
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , SALES@BETLUX.COM
Package & Circuit
Notes:
All dimensions are in millimeters (inches)
Tolerance is
0.25(0.01")unless otherwise noted.
Specifications are subject to change without notice.


Similar Part No. - BL-AR1Z1308D-4-20

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AR1Z1006 BETLUX-BL-AR1Z1006 Datasheet
67Kb / 4P
   LED LIGHT BAR
BL-AR1Z1006D-4-00 BETLUX-BL-AR1Z1006D-4-00 Datasheet
67Kb / 4P
   LED LIGHT BAR
BL-AR1Z1006D-4-01 BETLUX-BL-AR1Z1006D-4-01 Datasheet
67Kb / 4P
   LED LIGHT BAR
BL-AR1Z1006D-4-02 BETLUX-BL-AR1Z1006D-4-02 Datasheet
67Kb / 4P
   LED LIGHT BAR
BL-AR1Z1006D-4-03 BETLUX-BL-AR1Z1006D-4-03 Datasheet
67Kb / 4P
   LED LIGHT BAR
More results

Similar Description - BL-AR1Z1308D-4-20

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AR1Z3222 BETLUX-BL-AR1Z3222 Datasheet
65Kb / 4P
   LED LIGHT BAR
logo
Rohm
LBF7130-A0NRA ROHM-LBF7130-A0NRA Datasheet
178Kb / 4P
   LED Light Bar
logo
LUMEX INC.
SSP-LB24MW024K10 LUMEX-SSP-LB24MW024K10 Datasheet
475Kb / 2P
   LED LIGHT BAR
logo
BetLux Electronics
BL-AR1Z1715 BETLUX-BL-AR1Z1715 Datasheet
65Kb / 4P
   LED LIGHT BAR
BL-AR1Z2005 BETLUX-BL-AR1Z2005 Datasheet
64Kb / 4P
   LED LIGHT BAR
BL-AS1Z10 BETLUX-BL-AS1Z10 Datasheet
62Kb / 4P
   LED LIGHT BAR
BL-AS1Z15S2 BETLUX-BL-AS1Z15S2 Datasheet
68Kb / 4P
   LED LIGHT BAR
BL-AS1Z15S4 BETLUX-BL-AS1Z15S4 Datasheet
68Kb / 4P
   LED LIGHT BAR
BL-AR1Z1408 BETLUX-BL-AR1Z1408 Datasheet
68Kb / 5P
   LED LIGHT BAR
logo
LUMEX INC.
SSP-LBK06MW024K03 LUMEX-SSP-LBK06MW024K03 Datasheet
669Kb / 3P
   LED LIGHT BAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com