Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC001NDR4 Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # DC001NDR4
Description  SURSENSETM precision very low pressure sensors / V-output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

DC001NDR4 Datasheet(HTML) 3 Page - Sensortechnics GmbH

  DC001NDR4 Datasheet HTML 1Page - Sensortechnics GmbH DC001NDR4 Datasheet HTML 2Page - Sensortechnics GmbH DC001NDR4 Datasheet HTML 3Page - Sensortechnics GmbH DC001NDR4 Datasheet HTML 4Page - Sensortechnics GmbH DC001NDR4 Datasheet HTML 5Page - Sensortechnics GmbH DC001NDR4 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
January 2008 / 564
www.sensortechnics.com
DC Series
SURSENSETM precision very low pressure sensors / V-output
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
G
.
.
.
C
D
.
.
.
D
.
.
.
C
D
5
2
.
0
5
2
.
2
V
n
a
p
s
e
l
a
c
s
ll
u
F
3
.
.
.
G
.
.
.
C
D
.
.
.
D
.
.
.
C
D
0
.
4
0
.
2
±
)
C
°
0
5
-
0
(
y
c
a
r
u
c
c
a
l
a
t
o
T
4
.
.
.
N
1
0
0
C
D
.
.
.
B
5
R
2
C
D
0
.
2
±0
.
3
±
O
S
F
%
.
.
.
N
5
R
2
C
D
,
.
.
.
N
2
0
0
C
D
.
.
.
B
5
0
0
C
D
5
.
1
±5
.
2
±
s
r
e
h
t
o
ll
a
0
.
1
±0
.
2
±
)
g
1
±
(
y
t
i
v
i
t
i
s
n
e
s
n
o
i
t
i
s
o
p
t
e
s
f
f
O.
.
.
N
5
R
2
C
D
o
t
.
.
.
N
1
0
0
C
D
.
.
.
B
5
0
0
C
D
,
.
.
.
B
5
R
2
C
D
0
1
±
V
m
.
.
.
N
5
0
0
C
D
.
.
.
B
0
1
0
C
D
5
±
s
r
e
h
t
o
ll
a1
±
DC...C4
PERFORMANCE CHARACTERISTICS
0.25...4.25 V ratiometric output version
(V
S = 5.0 V, TA = 25°C, pressure applied to port 2)
Notes:
3
Full scale span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure.
4
Total accuracy includes non-linearity, hysteresis, repeatability, zero offset and span error, thermal effect on zero offset and span.
Non-linearity refers to the Best Straight Line fit measured for offset pressure, full-scale pressure and ½ full-scale pressure.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
G
.
.
.
C
D
.
.
.
D
.
.
.
C
D
5
2
.
0
5
2
.
2
V
n
a
p
s
e
l
a
c
s
ll
u
F
3
.
.
.
G
.
.
.
C
D
.
.
.
D
.
.
.
C
D
0
.
4
0
.
2
±
)
C
°
0
5
-
0
(
y
c
a
r
u
c
c
a
l
a
t
o
T
4
.
.
.
N
1
0
0
C
D
.
.
.
B
5
R
2
C
D
0
.
2
±0
.
3
±
O
S
F
%
.
.
.
N
5
R
2
C
D
,
.
.
.
N
2
0
0
C
D
.
.
.
B
5
0
0
C
D
5
.
1
±5
.
2
±
s
r
e
h
t
o
ll
a
0
.
1
±0
.
2
±
)
g
1
±
(
y
t
i
v
i
t
i
s
n
e
s
n
o
i
t
i
s
o
p
t
e
s
f
f
O.
.
.
N
5
R
2
C
D
o
t
.
.
.
N
1
0
0
C
D
.
.
.
B
5
0
0
C
D
,
.
.
.
B
5
R
2
C
D
0
1
±
V
m
.
.
.
N
5
0
0
C
D
.
.
.
B
0
1
0
C
D
5
±
s
r
e
h
t
o
ll
a1
±
DC...R4
PERFORMANCE CHARACTERISTICS
0.25...4.25 V regulated output version
(V
S = 15.0 V, TA = 25°C, pressure applied to port 2)


Similar Part No. - DC001NDR4

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
DC001NDR5 HONEYWELL-DC001NDR5 Datasheet
131Kb / 4P
   Pressure Sensors
More results

Similar Description - DC001NDR4

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
DCXL01DS SENSORTECHNICS-DCXL01DS Datasheet
78Kb / 5P
   SURSENSETM precision very low pressure sensors / mV-output
PLOH001D SENSORTECHNICS-PLOH001D Datasheet
73Kb / 4P
   Precision very low pressure sensors
PLAM001DB SENSORTECHNICS-PLAM001DB Datasheet
119Kb / 4P
   Amplified precision very low pressure sensors
PCOH004DH SENSORTECHNICS-PCOH004DH Datasheet
61Kb / 3P
   Precision compensated pressure sensors / mV-output
CPC15AC SENSORTECHNICS-CPC15AC Datasheet
83Kb / 6P
   Precision compensated pressure sensors / mV-output
XPC15GFH SENSORTECHNICS-XPC15GFH Datasheet
103Kb / 6P
   Precision compensated pressure sensors / mV-output
XPC30GFC SENSORTECHNICS-XPC30GFC Datasheet
102Kb / 6P
   Precision compensated pressure sensors / mV-output
BTEL5000D1A SENSORTECHNICS-BTEL5000D1A Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
BTEL5001D1A SENSORTECHNICS-BTEL5001D1A Datasheet
136Kb / 6P
   Precision very low differential pressure transmitters
logo
List of Unclassifed Man...
SCXL004DN ETC1-SCXL004DN Datasheet
125Kb / 3P
   Precision Compensated, Low Pressure Sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com