Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTEM81K6G4CXS Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # CTEM81K6G4CXS
Description  OEM submersible pressure transducers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CTEM81K6G4CXS Datasheet(HTML) 4 Page - Sensortechnics GmbH

  CTEM81K6G4CXS Datasheet HTML 1Page - Sensortechnics GmbH CTEM81K6G4CXS Datasheet HTML 2Page - Sensortechnics GmbH CTEM81K6G4CXS Datasheet HTML 3Page - Sensortechnics GmbH CTEM81K6G4CXS Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
August 2008 / 579
CTE8000 / CTU8000...CS Series
OEM submersible pressure transducers
www.sensortechnics.com
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
OUTLINE DRAWING
N
O
I
T
C
E
N
N
O
C
E
R
I
W
r
o
l
o
Cn
o
i
t
c
e
n
n
o
c
l
a
c
i
r
t
c
e
l
E
d
e
rs
V
+
k
c
a
l
bs
V
-
t
n
e
r
a
p
s
n
a
r
te
b
u
t
t
n
e
v
1
e
r
a
bd
l
e
i
h
s
/
e
s
a
c
mass: typ. 210 g (without cable)
dimensions in mm (inches)
CTx
M
8xxx
G
4
C
x
S
submersible
cable length in m
cable version
output signal
4: 4...20 mA
pressure mode
G: gage pressure
calibration
E: calibration in mbar
U: calibration in psi
mbar-ranges
(only)
pressure range
250:
0 to 250 mbar
400:
0 to 400 mbar
600:
0 to 600 mbar
1K0:
0 to 1000 mbar
1K6:
0 to 1600 mbar
2K0:
0 to 2000 mbar
ORDERING INFORMATION
005:
0 to 5 psi
010:
0 to 10 psi
015:
0 to 15 psi
020:
0 to 20 psi
030:
0 to 30 psi
Note:
Other pressure ranges and options are widely available.
Please contact your nearest Sensortechnics sales representative.
NOM 129.5 (5.10)
8.0 (0.31)
Ø 6.0 (0.24)
NOM 2000
(78.74)
NOM 70
(2.76)
other cable lengths
on request
Hydrophobic filter
(incl. in delivery)


Similar Part No. - CTEM81K6G4CXS

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTEM70010AD0 SENSORTECHNICS-CTEM70010AD0 Datasheet
119Kb / 6P
   Miniature pressure transmitters
CTEM70010AD4 SENSORTECHNICS-CTEM70010AD4 Datasheet
119Kb / 6P
   Miniature pressure transmitters
CTEM70010AD6 SENSORTECHNICS-CTEM70010AD6 Datasheet
119Kb / 6P
   Miniature pressure transmitters
CTEM70010AD7 SENSORTECHNICS-CTEM70010AD7 Datasheet
119Kb / 6P
   Miniature pressure transmitters
CTEM70010AE0 SENSORTECHNICS-CTEM70010AE0 Datasheet
119Kb / 6P
   Miniature pressure transmitters
More results

Similar Description - CTEM81K6G4CXS

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
KTEM6250G4CXS SENSORTECHNICS-KTEM6250G4CXS Datasheet
95Kb / 4P
   OEM submersible pressure transducers
CTEM9100G4CXS SENSORTECHNICS-CTEM9100G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
KTEM8250G4CXSEV SENSORTECHNICS-KTEM8250G4CXSEV Datasheet
57Kb / 4P
   Submersible pressure transducers
KTEM2050G4C5S SENSORTECHNICS-KTEM2050G4C5S Datasheet
43Kb / 3P
   OEM submersible level sensors
logo
Copal Electronics
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
   PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
   Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
   PRESSURE TRANSDUCERS
logo
Sensortechnics GmbH
ASDXL05D44D SENSORTECHNICS-ASDXL05D44D Datasheet
50Kb / 4P
   Pressure transducers
logo
Copal Electronics
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
P-8505 COPAL-P-8505 Datasheet
73Kb / 3P
   PRESSURE TRANSDUCERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com