Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2-82NJ-10 Datasheet(PDF) 5 Page - Superworld Electronics

Part # C2-82NJ-10
Description  CERAMIC CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C2-82NJ-10 Datasheet(HTML) 5 Page - Superworld Electronics

  C2-82NJ-10 Datasheet HTML 1Page - Superworld Electronics C2-82NJ-10 Datasheet HTML 2Page - Superworld Electronics C2-82NJ-10 Datasheet HTML 3Page - Superworld Electronics C2-82NJ-10 Datasheet HTML 4Page - Superworld Electronics C2-82NJ-10 Datasheet HTML 5Page - Superworld Electronics C2-82NJ-10 Datasheet HTML 6Page - Superworld Electronics C2-82NJ-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
26.09.2008
CERAMIC CHIP INDUCTORS
C2 SERIES
The ferrite should not be damaged by forces
applied on the right condition.
Bending Strength
ITEM
1.0(0.039)
R0.5(0.02)
A
PERFORMANCE
TEST CONDITION
Chip
Appearance : No damage.
Inductance : Within ±20% of initial value.
High Temperature Resistance
Humidity : 90~95% RH.
Temperature : 60±2°C
Duration : 1008±12hrs
Duration : 1008±12hrs
Applied Current : rated current
Temperature : 85±5°C
Measurement : After placing for at least 24hrs.
Measurement : After placing for at least 24hrs.
Humidity Resistance
Measured : 100 times
Appearance : Cracking, chipping or any other
Phase
defects that are harmful to the characteristics
Low temperature storage test
Thermal Shock
Number of cycles : 100
Step2 : +85±5°C 30 min.
Duration : 1008±12hrs
Temperature : -40±2°C
Measurement : After placing for at least 24hrs.
Measurement : After placing for at least 24hrs.
+85±5°C
-40±2°C
2
1
30
30
For C Series :
Step1 : -40±2°C 30 min.
Condition for 1 cycle
Temperature (°C)
Times (min.)
8. RELIABILITY & TEST CONDITION :
Inductance : Within ±20% of initial value.
Applied Current : rated current (max.)
shall not be allowed.


Similar Part No. - C2-82NJ-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
C2-82NJ-10 SUPERWORLD-C2-82NJ-10 Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
More results

Similar Description - C2-82NJ-10

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LMC2012 ABCO-LMC2012 Datasheet
636Kb / 4P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C3-1N5S-10 SUPERWORLD-C3-1N5S-10 Datasheet
380Kb / 9P
   CERAMIC CHIP INDUCTORS
C1-1N0S-10 SUPERWORLD-C1-1N0S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
logo
Semikron International
C0BQ-0N6S-10 SEMIKRON-C0BQ-0N6S-10 Datasheet
195Kb / 8P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C1_SERIES SUPERWORLD-C1_SERIES Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
C0BQ_SERIES SUPERWORLD-C0BQ_SERIES Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
C2-1N0S-10 SUPERWORLD-C2-1N0S-10_09 Datasheet
374Kb / 8P
   CERAMIC CHIP INDUCTORS
C3-1N0S-10 SUPERWORLD-C3-1N0S-10 Datasheet
359Kb / 8P
   CERAMIC CHIP INDUCTORS
C1HQ_SERIES SUPERWORLD-C1HQ_SERIES Datasheet
197Kb / 7P
   CERAMIC CHIP INDUCTORS
C2_SERIES SUPERWORLD-C2_SERIES Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
C0_SERIES SUPERWORLD-C0_SERIES Datasheet
373Kb / 7P
   CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com